Part Number Hot Search : 
9PAMF10 SM16JZ51 SMB30C 90100 3CU1R 1N5245B ON1299 SR805
Product Description
Full Text Search
 

To Download S30D40C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
S30D30C - S30D60C
Pb
30A DUAL SCHOTTKY BARRIER RECTIFIER
Features
! ! ! ! ! ! Schottky Barrier Chip Guard Ring for Transient Protection Low Forward Voltage Drop Low Reverse Leakage Current S High Surge Current Capability Plastic Material has UL Flammability R Classification 94V-O L N M A B H
Dim A B C D E G H J K L M N P R S TO-3P Min Max 3.20 3.50 4.70 5.30 -- 23.00 19.00 -- 2.80 3.20 0.45 0.85 -- 16.20 1.70 2.70 3.15 O 3.65 O -- 4.50 5.25 5.65 1.10 1.40 -- 2.50 11.70 12.70 5.00 6.00 All Dimensions in mm
J K
PIN1 2 3
P
Mechanical Data
! ! ! ! ! ! ! Case: TO-3P, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-750, Method 2026 Polarity: See Diagram Weight: 5.6 grams (approx.) Mounting Position: Any Mounting Torque: 11.5 cm-kg (10 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
C
PIN 1 -
+ Case, PIN 2
G
D E
PIN 3 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. S30D 30C 30 21
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 95C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RJC Tj, TSTG
S30D 35C 35 25
S30D 40C 40 28 30 275 0.55 1.0 60
S30D 45C 45 32
S30D 50C 50 35
S30D 60C 60 42
Unit
V V A A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Typical Thermal Resistance Junction to Case (Note 2) Operating and Storage Temperature Range @IF = 15A @TA = 25C @TA = 100C
0.65
V mA pF C/W C
1100 1.4 -65 to +150
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to case mounted on heatsink.
S30D30C - S30D60C
1 of 4
(c) 2006 Won-Top Electronics
IF, INSTANTANEOUS FORWARD CURRENT (A)
30 I(AV), AVERAGE RECTIFIED CURRENT (A)
100
S30D30C - S30D45C
24
10
S30D50C - S30D60C
18
12
1.0
6
0 0 100 50 TC, CASE TEMPERATURE (C) Fig. 1 Forward Derating Curve 150
Tj = 25C Pulse width = 300 s 2% duty cycle
0.1 0.2 0.4 0.6 0.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Fwd Characteristics per Element
IFSM, PEAK FORWARD SURGE CURRENT (A)
300
Cj, JUNCTION CAPACITANCE (pF)
8.3 ms single half-sine-wave JEDEC method
4000
Tj = 25C f = 1MHz
250
200
1000
150
100
50
100
0 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current 1
0.1
1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance per Element
IR, INSTANTANEOUS REVERSE CURRENT (A)
100
TC = 100C
10
TC = 75C
1.0
TC = 25C
0.1
0.01 120 40 80 PERCENT OF PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics per Element 0
S30D30C - S30D60C
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
S30DxxC
S30DxxC xx Polarity
= Device Number = 30, 35, 40, 45, 50 or 60 = As Marked on Body
PACKAGING INFORMATION
BULK
Tube Size L x W x H (mm) 505 x 46 x 6.5 Quantity (PCS) 30 Inner Box Size L x W x H (mm) 520 x 145 x 95 Quantity (PCS) 1,200 Carton Size L x W x H (mm) 540 x 306 x 115 Quantity (PCS) 2,400 Approx. Gross Weight (KG) 18.0
Note: 1. Anti-static tube, water clear color.
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Recommended isolated mounting when screw is at heatsink potential. 6-32 hardware is used. A conical washer should be used to apply proper force to the device. Screw should not be tightened with any type of air-forced torque or equipment that may cause high impact on device package. The interface should apply a layer of thermal grease or a highly conductive thermal pad for better heat dissipation.
6-32 HEX Head Screw Plain Washer Rectifier Insulator Heatsink Conical Washer 6-32 HEX Nut
S30D30C - S30D60C
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
S30D30C S30D35C S30D40C S30D45C S30D50C S30D60C
1. 2.
Package Type
TO-3P TO-3P TO-3P TO-3P TO-3P TO-3P
Shipping Quantity
30 Units/Tube 30 Units/Tube 30 Units/Tube 30 Units/Tube 30 Units/Tube 30 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, S30D30C-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
S30D30C - S30D60C
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of S30D40C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X