Part Number Hot Search : 
TFS70AG P260J BCR119L3 74AC24 LF304RU SMBT6429 2CO40 01456
Product Description
Full Text Search
 

To Download PZT2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PZT2222A
NPN Silicon Planar Epitaxial Transistor
COLLECTOR 2, 4 BASE 1 3 EM ITTER
SOT-223
4
1. BASE 2.COLLECTOR 3.EMITTER 4.COLLECTOR
1
2
3
ABSOLUTE MAXIMUM RATINGS (Ta=25 C)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current (DC) Total Device Disspation TA=25 C Junction Temperature Storage, Temperature Symbol VCEO VCBO VEBO IC(DC) PD Tj Tstg Value 40 75 6.0 600 1.5 150 -65 to +150 Unit Vdc Vdc Vdc Adc W C C
Device Marking
PZT2222A=GT2222A
ELECTRICAL CHARACTERISTICS
Characteristics Collector-Emitter Breakdown Voltage (IC= 10 mAdc, IB=0) Collector-Base Breakdown Voltage (IC=10 Adc, IE=0) Emitter-Base Breakdown Voltage (IE= 10 Adc, IC=0) Base-Emitter Cutoff Current (VCE= 60 Vdc, VBE =-3.0Vdc) Collector-Emitter Cutoff Current (VCE= 60 Vdc, VBE=-3.0Vdc) Emitter-Base Cutoff Current (VEB= 3.0Vdc, IC =0) Symbol V(BR)CEO V(BR)CBO V(BR)EBO IBEX ICEX IEBO Min 40 75 6.0 Max 20 10 100 Unit Vdc Vdc Vdc nAdc nAdc nAdc
NOTE: 1.Device mounted on an epoxy printed circuit board 1.575 inches 1.575 inches 0.059 inches; mounting pad for the collector lead min. 0.93 inches.2
WEITRON
http://www.weitron.com.tw
PZT2222A
ELECTRICALCHARACTERISTICS- Continued
C harac teris tic (T A = 25 C unless otherwise noted) S ymbol Min Max Unit
OFF CHARACTERISTICS (continued)
Collector-Base Cutof f Current (V CB = 60 Vdc, I E = 0) (V C B = 60 Vdc, I E = 0, TA = 125 C) I CBO 10 10 nAdc uAdc
ON CHARACTERISTICS
DC Current Gain (I C = 0.1 mAdc, V CE = 10 Vdc) (I C = 1.0 mAdc, V CE = 10 Vdc) (I C = 10 mAdc, V CE = 10 Vdc) (I C = 10 mAdc, V CE = 10 Vdc, TA = - 55 C) (I C = 150 mAdc, V CE = 10 Vdc) (I C = 150 mAdc, V CE = 1.0 Vdc) (I C = 500 mAdc, V CE = 10 Vdc) Collector-Emitter Saturation Voltages (I C = 150 mAdc, I B = 15 mAdc) (I C = 500 mAdc, I B = 50 mAdc) Base-Emitter Saturation Voltages (I C = 150 mAdc, I B = 15 mAdc) (I C = 500 mAdc, I B = 50 mAdc) Input Impedance 5 (V CE = 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz) (V CE = 10 Vdc, I C = 10 mAdc, f = 1.0 kHz) Voltage Feedback Ratio (V CE = 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz) (V CE = 10 Vdc, I C = 10 mAdc, f = 1.0 kHz) Small-Signal Current Gain (V CE = 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz) (V CE = 10 Vdc, I C = 10 mAdc, f = 1.0 kHz) Output Admittance 5 (V CE = 10 Vdc, I C= 1.0 mAdc, f = 1.0 kHz) (V CE = 10 Vdc, I C= 10 mAdc, f = 1.0 kHz) Noise Figure (V CE = 10 Vdc, I C = 100 uAdc, f = 1.0 kHz) h FE 35 50 70 35 100 50 40 V BE( sat) 0.6 2.0 0.25 h fe 50 75 5.0 25 300 0.3 1.0 1.2 2.0 8.0 1.25 8.0x10-4 4.0x10-4 300 375 35 200 4.0 Vdc
V CE(sat)
Vdc
5h ie 5
k
h re
-
-
5h oe 5
umhos
F
dB
DYNAMICCHARACTERISTICS
Current-Gain- Bandwidth Product (I C = 20 mAdc, V CE = 20 Vdc, f = 100 MHz) Output Capacitance (V CB = 10 Vdc, I E = 0, f = 1.0 MHz) Input Capacitance (V EB = 0.5 Vdc, I C = 0, f = 1.0 MHz) fT Cc Ce 300 8.0 25 MHz pF pF
SWITCHINGTIMES (T A = 25 C)
Delay Time Rise Time Storage Time Fall Time (V CC = 30 Vdc, I C = 150 mAdc, I B(on) = 15 mAdc, V EB( of f) = 0 .5Vdc) Figure 1 (V CC = 30 Vdc, I C = 150 mAdc, I B(on ) = IB( off) = 15 mAdc) ff) Figure 2 td tr ts tf 10 25 225 60 ns ns
WEITRON
http://www.weitron.com.tw
PZT2222A
Vi 90% R1 Vi R2 Vo D.U.T. VCC
0 tr tp
10%
FIG.1 Input Waveform and Test Circuit for Determining Delay Time and Rise Time
Vi = - 0.5 V to +9.9 V , VCC = +30 V, R1 = 619 PULSE GENERATOR: PULSE DURATION RISE TIME DUTY FACTOR tp tr d < < = 200 ns 2 ns 0.02 , R2 = 200 . OSCILLOSCOPE: INPUT IMPEDANCE INPUT CAPACIT ANCE RISE TIME Zi Ci tr > 100 k < 12 pF < 5 ns
Vi +16.2 V
VCC R2 D.U.T. R3 Vo OSCILLOSCOPE R4 tf 100 ms VBB
R1 0 TIME Vi D1 - 13.8 V
FIG.2 Input Waveform and Test Circuit for Determining Storage Time and Fall Time
WEITRON
http://www.weitron.com.tw
PZT2222A
SOT-223 Outline Dimensions
unit:mm
A F
DIM
MILLIMETERS MIN MAX
4
S
1 2 3
B
D L G C H M K J
A B C D F G H J K L M S
6.30 3.30 1.50 0.60 2.90 2.20 0.020 0.24 1.50 0.85 0 6.70
6.70 3.70 1.75 0.89 3.20 2.40 0.100 0.35 2.00 1.05 10 7.30
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of PZT2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X