Part Number Hot Search : 
AN1192 80000 21214 50009 NCP1083 MUR1630 MT2506 AN1943
Product Description
Full Text Search
 

To Download NTE256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE256 Silicon NPN Transistor Darlington w/Damper Diode
Description: The NTE256 is a silicon epitaxial planer NPN Darlington transistor in a TO218 type package with an integrated Base-Emitter speed-up diode. This device is particularly suitable for use as an output stage in high power, fast switching applications. Absolute Maximum Ratings: Collector-Base Voltagte (IE = 0), VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V Collector-Emitter Voltage (IB = 0), VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V Emitter-Base Voltage (IC = 0), VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28A Peak (tp = 10ms) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Total Power Dissipation (TC +25C), Ptot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to + 175C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0C/W Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter
Collector Cutoff Current
Symbol
ICEO ICEV
Test Conditions
VCEO = 400V, IB = 0 VCE = 600V, VBE = 1.5V, Note 1 VCE = 600V, VBE = 1.5V, TC = +100C, Note 1
Min
- - - - 400 - - - -
Typ
- - - - - - - - -
Max
1 100 2 175 - 2.0 2.5 3.0 5.0
Unit
mA A mA mA V V V V V
Emitter Cutoff Current Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage
IEBO VCE(sat)
VEB = 2V, IC = 0, Note 1 IC = 10A, IB = 0.5A IC = 18A, IB = 1.8A IC = 22A, IB = 2.2A IC = 28A, IB = 5.6A
VCEO(sus) IC = 100mA, Note 1
Note 1. Pulsed: Pulse Width = 300s, Duty Cycle = 1.5%.
Electrical Characteristics (Cont'd): (TC = +25C unless otherwise specified)
Parameter
Base-Emitter Saturation Voltage
Symbol
VBE(sat)
Test Conditions
IC = 10A, IB = 0.5A, Note 1 IC = 18A, IB = 1.8A, Note 1 IC = 22A, IB = 2.2A, Note 1
Min
- - - 30 20 -
Typ
- - - - - -
Max
2.5 3.0 3.3 - - 4
Unit
V V V
DC Current Gain
hFE VF ton ts tf ts tf ts tf
VCE = 5V, IC = 10A VCE = 5V, IC = 18A IF = 22A VCC = 250V, IC = 10A, IB1 = 0.5A, VBE(off) = -5V
Diode Forward Voltage Resistive Switching Times Turn-On Time Storage Time Fall Time Inductive Switching Times Storage Time Fall Time Storage Time Fall Time
V s s s s s s s
- - -
0.35 0.8 0.25
0.6 1.5 0.6
VClamp = 250V, IC = 10A, IB1 = 0.5A, VBE(off) = -5V VClamp = 250V, IC = 20A, IB1 = 2A, VBE(off) = -5V
- - - -
0.8 0.08 0.8 0.35
1.5 0.5 1.5 0.7
Note 1. Pulsed: Pulse Width = 300s, Duty Cycle = 1.5%.
.600 (15.24)
.060 (1.52) .173 (4.4)
C C .156 (3.96) Dia. B C E E .550 (13.97) .430 (10.92) B
.500 (12.7) Min .055 (1.4) .015 (0.39)
.216 (5.45)
NOTE: Dotted line indicates that case may have square corners


▲Up To Search▲   

 
Price & Availability of NTE256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X