Part Number Hot Search : 
74AUP1G DW9255 100CTF R3020 PRODUC AD774BTD 25616 C226M
Product Description
Full Text Search
 

To Download NRSJ821M63V8X115TBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
ULTRA LOW IMPEDANCE AT HIGH FREQUENCY, RADIAL LEADS, POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS FEATURES * VERY LOW IMPEDANCE includes all homogeneous materials * LONG LIFE AT 105C (Up to 4000 Hrs.) *See Part Number System for Details * HIGH STABILITY AT LOW TEMPERATURE * IDEALLY SUITED FOR USE IN SWITCHING POWER SUPPLIES & ..CONVERTORS CHARACTERISTICS
NRSK Series
RoHS Compliant
Rated Voltage Range Rated Capacitance Range Operating Temp. Range Capacitance Tolerance Max. Leakage Current After 2 Minutes @ 20C Surge Voltage Ratings and Maximum Tan (add 0.02 for every 1,000F for values above 1,000F) Low Temperature Stability (Impedance Ratio @ 120Hz) Load Life Test @ Rated W.V. & 105C 2,000 hours for 8x11.5, 8x16, 10x12.5 and 10x16 3,000 hours for 8x20 4,000 hours for 10x20, 10x23
6.3 ~ 16 470 ~ 3,300F -40C ~ +105C 20% (M) 0.03CV W.V. S.V. Tan @ 20C/120Hz Z -25C/Z +20C Z -40C/Z +20C Capacitance Change Tan Leakage Current 6.3 8 0.22 2 3 10 13 0.19 2 3 16 20 0.16 2 3
Within 25% of initial measured value Less than 200% of the specified maximum value Less than specified maximum value
MAXIMUM ESR ( AT 100KHz/20C)
Cap (F) 470 680 820 1000 1200 1500 1800 2200 3300 Code 471 681 821 102 122 152 182 222 332 Working Voltage (Vdc) 6.3 10 16 0.036 0.028 0.036 0.026 0.036 0.028 0.019 0.030 0.026 0.019 0.028 0.019 0.019 0.013 0.026 0.019 0.019 0.013 0.012 0.013 0.012 0.012 -
MAXIMUM RIPPLE CURRENT (mA AT 100KHz/105C)
Cap (F) 470 680 820 1000 1200 1500 1800 2200 3300 Code 471 681 821 102 122 152 182 222 332 Working Voltage (Vdc) 6.3 10 16 1140 1490 1140 1540 1140 1490 1870 1140 1540 2000 1490 1870 1870 2550 1540 1870 2000 2550 2800 2550 2800 2800 -
PART NUMBERING SYSTEM
NRSK 102 M 16V 10x16 TB F
RoHS Compliant Tape and Box* Size (D x L) Rated Voltage Tolerance Code Capacitance Code
Series
*see tape specification for details
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
111
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Cap (F) 470 680 820 1000 1200 1500 1800 2200 3300 Code 471 681 821 102 122 152 182 222 332 6.3 8x11.5 8x11.5 8x16 8x20 10x12.5 10x16 10x20 10x23 Working Voltage (Vdc) 10 8x11.5 8x16 10x12.5 8x20 10x16 10x20 10x23 16 8x11.5 8x16 10x12.5 8x20 10x16 10x20 10x23 -
NRSK Series
DIAMETER AND LEADSPACE (mm)
Case Dia. (D) Lead Dia. (d) Lead Spacing (F) Dim. 8 0.6 3.5 0.5 10 0.6 5.0 0.5
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
= L < 16mm = 1.5mm, L > 20mm = 2.0mm
L + max.
15mm Min.
4mm Min.
D
(R)
112
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRSJ821M63V8X115TBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X