Part Number Hot Search : 
BC848A ALV0021R M16C6N 170M3811 LVC14A SMB10 U40LP D9142V90
Product Description
Full Text Search
 

To Download KGF1608 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2Q0042-27-X2 electronic components
Pr y ar in im el
electronic components KGF1608
Power FET (Ceramic Package Type)
KGF1608
This version: Jan. 1998 Previous version: Jun. 1996
GENERAL DESCRIPTION
The KGF1608, housed in a SMD type ceramic package, is a discrete GaAs power FET that features high efficiency and high output power. The KGF1608 specifications are guaranteed to a fixed matching circuit for 3.4 V and 850 MHz; external impedance-matching circuits are also required. Because of its high efficiency (70% min.) , high output power (more than 33 dBm), the KGF1608 is ideal as a transmitter-final-stage amplifier for personal handy phones, such as 3-V digital cellular phones.
FEATURES
* High output power: 33 dBm (min.) * High efficiency: 70% (min.) * Specifications guaranteed to a fixed matching circuit for 3.4 V and 850 MHz * Low thermal resistance: 18C/W (typ.) * Package: 3PFP
1/8
electronic components
KGF1608
MARKING
(1)
(2)
K1608 XXXX
PRODUCT NAME LOT NUMBER
MONTHLY LOT NUMBER (3) PRODUCTION MONTH (1to9,X,Y,Z) PRODUCTION YEAR (LOWEST DIGIT) (1) Gate (2) Source (3) Drain
CIRCUIT
Drain(3)
Gate(1)
Source(2)
2/8
electronic components
KGF1608
ABSOLUTE MAXIMUM RATINGS
Item Drain-source voltage Gate-source voltage Drain current Total power dissipation Channel temperature Storage temperature Symbol VDS VGS IDS Ptot Tch Tstg Condition Ta = 25C Ta = 25C Ta = 25C Ta = Tc = 25C -- -- Unit V V A W C C Min. -- -5 -- -- -- -45 Max. 8 0.4 5.5 5 150 125
ELECTRICAL CHARACTERISTICS
(Ta = 25C) Item Gate-source leakage current Gate-drain leakage current Drain-source cut-off current Drain current Gate-source cut-off voltage Output power Drain efficiency Thermal resistance Symbol IGSS IGDO IDS(off) IDSS VGS(off) PO hD Rth Condition VGS = -5 V VGD = -13 V VDS = 8 V, VGS = -5 V VDS = 1.5 V, VGS = 0 V VDS = 3 V, IDS = 11.2 mA (*1) PIN = 26 dBm (*1) PIN = 26 dBm Channel to case Unit mA mA mA A V dBm % C/W Min. -- -- -- 4.5 -3.0 33 70 -- Typ. -- -- -- -- -- -- -- 18 Max. 100 3 3 -- -2.0 -- -- --
*1 Condition: f = 850 MHz, VDS = 3.4 V, IDSQ = 400 mA,
3/8
electronic components
KGF1608
RF CHARACTERISTICS
4/8
electronic components
KGF1608
5/8
electronic components Typical S Parameters
KGF1608
VDS = 3.4 V, IDS = 560 mA Freq(MHz) MAG(S11) ANG(S11) MAG(S21) ANG(S21) MAG(S12) ANG(S12) MAG(S22) ANG(S22) 500.0 600.0 700.0 800.0 900.0 1000.0 1100.0 1200.0 1300.0 1400.0 1500.0 1600.0 1700.0 1800.0 1900.0 2000.0 2100.0 2200.0 2300.0 2400.0 2500.0 2600.0 2700.0 2800.0 2900.0 3000.0 0.958 0.959 0.958 0.955 0.957 0.954 0.953 0.954 0.951 0.953 0.949 0.949 0.945 0.947 0.944 0.944 0.943 0.942 0.941 0.939 0.939 0.937 0.935 0.935 0.934 0.932 -168.53 -171.29 -173.31 -175.06 -176.39 -177.67 -178.63 -179.67 179.56 178.68 177.76 177.04 176.52 175.74 174.85 174.49 173.49 173.09 172.34 171.67 171.15 170.39 169.68 169.08 168.44 167.71 1.762 1.470 1.257 1.109 0.986 0.887 0.813 0.745 0.695 0.642 0.606 0.569 0.539 0.514 0.490 0.469 0.450 0.433 0.417 0.405 0.389 0.381 0.367 0.362 0.349 0.345 87.95 85.37 82.85 80.56 78.66 76.34 74.74 72.54 71.11 69.33 67.29 65.99 63.77 63.03 61.09 59.69 58.28 56.51 55.27 54.21 52.05 51.64 49.25 48.87 46.91 45.70 0.016 0.017 0.018 0.019 0.019 0.020 0.021 0.022 0.023 0.024 0.025 0.027 0.028 0.028 0.030 0.031 0.032 0.033 0.035 0.035 0.037 0.037 0.039 0.040 0.042 0.043 28.84 30.78 33.13 34.66 36.58 37.51 39.65 40.13 41.96 42.04 43.11 43.61 44.63 44.29 45.10 45.21 45.64 45.49 45.64 45.64 45.69 45.57 45.53 45.27 45.08 44.96 0.898 0.899 0.898 0.904 0.898 0.900 0.900 0.898 0.893 0.899 0.891 0.900 0.889 0.901 0.887 0.899 0.887 0.894 0.893 0.889 0.889 0.884 0.887 0.881 0.884 0.879 178.40 177.62 177.29 176.14 175.81 174.70 174.77 173.68 173.28 172.53 171.81 171.47 170.58 170.35 169.32 168.90 168.11 167.59 166.58 166.01 164.90 164.75 163.54 163.26 161.99 161.45
6/8
electronic components Typical S Parameters
KGF1608
VDS = 3.4 V , IDS = 560 mA Frequency : 0.5 to 3.0 GHz Z0 = 50 W
7/8
electronic components
KGF1608
PACKAGE DIMENSIONS
1.10.2 0.510.15
0.50.05
4.40.15
1.90.15 3.00.15 6.30.15
2.80
3.70.15
1.50.15
0.1250.05
3.80.15 3.50.15
2.0
2.05 2.85 METALIZATION (Unit: mm)
Package material Lead frame material Pin treatment plate thickness Al203 Fe-Ni-Co alloy Ni/Au plating Au:1.0 mm or more
3.4
5.6 MAX
4.20.15
8/8


▲Up To Search▲   

 
Price & Availability of KGF1608

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X