Part Number Hot Search : 
ASOF3S3P MMBTA43 1N4948G B3013RW 5KE100 LT121 BD901 39162
Product Description
Full Text Search
 

To Download KBPC30006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
KBPC300 - KBPC310
Pb
3.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
! ! ! ! ! ! ! Diffused Junction High Current Capability High Case Dielectric Strength High Surge Current Capability Ideal for Printed Circuit Board Application Plastic Material has UL Flammability 94V-0 Recognized File # E157705 H G + E ~ ~ A
Dim A B C D E KBPC-3 Min Max 14.73 15.75 5.84 6.86 19.00 -- 0.76 O Typical 1.70 2.72 Hole for #6 screw G 3.60 4.00 10.30 11.30 H All Dimensions in mm
Mechanical Data
! ! ! ! ! ! ! ! Case: KBPC-3, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Marked on Body Weight: 3.8 grams (approx.) Mounting Position: Through Hole for #6 Screw Mounting Torque: 10 cm-kg (8.8 in-lbs) Max. Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 D C
B A
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TC = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg Peak Reverse Current At Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) (Note 2) Typical Junction Capacitance (Note 3) Typical Thermal Resistance per leg (Note 1) Operating and Storage Temperature Range @IF = 1.5A @TA = 25C @TA = 125C
Symbol VRRM VRWM VR VR(RMS) IO
KBPC KBPC KBPC KBPC KBPC KBPC KBPC 300 301 302 304 306 308 310 50 35 100 70 200 140 400 280 3.0 600 420 800 560 1000 700
Unit
V V A
IFSM VFM IR I2t Cj RJC Tj, TSTG
50 1.1 5.0 500 10 25 10 -65 to +125
A V A A2s pF C/W C
Note: 1. Mounted on metal chassis. 2. Non-repetitive, for t > 1ms and < 8.3ms. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
KBPC300 - KBPC310
1 of 4
(c) 2006 Won-Top Electronics
IAVE, AVERAGE FORWARD OUTPUT CURRENT (A)
3.0
Resistive or Inductive load
10
Mounted on Metal chassis
IFSM, FORWARD CURRENT (A)
2.0
Mounted on PC Board
1.0
1.0
0.1
Tj = 25C Pulse width = 300s
0 25 50 75 100 125 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0 0.4 0.8 1.6 1.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
IF, PEAK FORWARD SURGE CURRENT (A)
TC = 50C Single half sine-wave JEDEC method
50
IR, INSTANTANEOUS REVERSE CURRENT (A)
60
10
Tj = 100C
40
1.0
30
20
0.1
10
Tj = 25C
0 1.0 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 4 Typical Reverse Characteristics, per element
KBPC300 - KBPC310
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
AC + WTE KBPC3xx
WTE KBPC3xx xx Polarity
= Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08 or 10 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 198 x 198 x 50 Quantity (PCS) 200 Carton Size L x W x H (mm) 425 x 215 x 280 Quantity (PCS) 2,000 Approx. Gross Weight (KG) 8.0
Note: 1. Paper box, white or brown color.
KBPC300 - KBPC310
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBPC300 KBPC301 KBPC302 KBPC304 KBPC306 KBPC308 KBPC310
1. 2.
Package Type
Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge
Shipping Quantity
200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, KBPC300-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
KBPC300 - KBPC310
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of KBPC30006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X