|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRODUCT SPECIFICATION DATE03/01/2005 cosmo ELECTRONICS CORPORATION SOLID STATE RELAY - MOSFET OUTPUT KAQW210H VER. 0 SHEET 1 OF 7 Preliminary OUTSIDE DIMENSION W210H XXX Date Code 7.62 6.50 9.68 3.50 3.00 0.4 2.70 0.26 1.20 0.5 2.54 13.00 13.00 Unitmm Tolerance0.2mm Turn On / Turn Off time Input 90% 10% TON TOFF 1 2 3 4 6 5 8 7 6 5 DUAL 1 FORM A NORMALLY OPEN 8 7 Output Absolute Maximum Ratings EmitterInput Reverse Voltage .................................... Ta=25 DetectorOutput 5.0V Output Breakdown Voltage ..................... 350V 130mA 500mW Continuous Forward Current ..................... 50mA Continuous Load Current .................. Peak Forward Current ................................. 1A Power Dissipation .............................. Power Dissipation .............................. Derate Linearly from 25 ............... 100mW 1.3mW/ General Characteristics Isolation Test Voltage .................. Isolation Resistance 5000VACrms Storage Temperature Range ...... -40 to +125 Operating Temperature Range ... -40 to +85 100 260 Vio=500VTa=25 ........................... 1010 Junction Temperature ........................... Total Power Dissipation ........................ 550mW Soldering Temperature Derate Linearly from 25 .................. 2.5mW/ 2mm from case10 sec ........................ PRODUCT SPECIFICATION DATE03/01/2005 cosmo ELECTRONICS CORPORATION SOLID STATE RELAY - MOSFET OUTPUT KAQW210H VER. 0 SHEET 2 OF 7 Preliminary Electro-optical Characteristics Parameter EmitterInput Forward Voltage Operation Input Current Recovery Input Current DetectorOutput Output Breakdown Voltage Output Off-State Leakage I/O Capacitance ON Resistance Turn-On Time Turn-Off Time VB ITOFF CISO RON TON TOFF IB=50A VT=100VIF=0mA IF=0f=1MHz IL=100mAIF=10mA IF=10mAVL=20V t=10msIL=100mA 350 0.2 6 20 0.3 0.7 VF IFON IFOFF IF=10mA VL=20VIL=100mAt=10ms VL=20VIL5A 0.2 1.2 Ta=25 Conditions Min. Typ. Max. Unit. 1.5 5.0 V mA mA V 1 30 1.0 1.5 A pF ms ms Symbol Schematic and Wiring Diagrams Schematic Output Configuration Load Connection Wiring Diagrams ( 1 ) Two Independent 1 Form A use 1 2 3 4 8 7 6 5 1 VIN IF 2 3 4 8 7 6 I L2 5 Load I L1 V L1 (AC,DC) Load V L2 (AC,DC) 8 7 6 5 I L2 Load V L2 (AC,DC) I L1 Load V L1 (AC,DC) VIN1 I F1 1 2 VIN2 I F2 3 4 8 7 6 5 I L2 Load I L1 V L1 (AC,DC) Load V L2 (AC,DC) 8 7 6 5 I L2 Load V L2 (AC,DC) I L1 Load V L1 (AC,DC) 2a AC/DC ( 2 ) 2 Form A use PRODUCT SPECIFICATION DATE03/01/2005 cosmo ELECTRONICS CORPORATION SOLID STATE RELAY - MOSFET OUTPUT KAQW210H VER. 0 SHEET 3 OF 7 Preliminary Data Curve Load current vs. ambient temperature Allowable ambient Temperature -40 to +85 140 On resistance vs. ambient temperature across terminals 5,7 and 6,8 pin LED current5mA Continuous load current130mADC 60 Load currentmA On resistance 0 20 40 60 80 100 120 100 80 60 40 20 0 -40 -20 50 40 30 20 0 -40 -20 0 20 40 60 80 Ambient temperature Ta Ambient temperature Ta Turn On Time vs. ambient temperature Load voltage 350VDC LED current5mA Continuous load current130mADC 1.2 1.0 0.8 0.6 0.4 0 -40 -20 0 20 40 60 80 Turn Off Time vs. ambient temperature Load voltage 350VDC LED current5mA Continuous load current130mADC 2.5 Turn Off Timems Turn On Timems 2.0 1.5 1.0 0.5 0 -40 -20 0 20 40 60 80 100 Ambient temperature Ta Ambient temperature Ta PRODUCT SPECIFICATION DATE03/01/2005 cosmo ELECTRONICS CORPORATION SOLID STATE RELAY - MOSFET OUTPUT KAQW210H VER. 0 SHEET 4 OF 7 Preliminary LED operate current vs. ambient temperature Load Voltage350VDC Continuous load current130mADC LED Turn Off currentmA LED operate currentmA 5 4 3 2 1 0 -40 -20 0 20 40 60 80 LED Turn Off current vs. ambient temperature Load Voltage350VDC Continuous load current130mADC 5 4 3 2 1 0 -40 -20 0 20 40 60 80 Ambient temperature Ta Ambient temperature Ta LED dropout voltage vs. ambient temperature LED current5 to 50mA LED dropout voltageV 1.9 1.7 1.5 30mA 1.3 10mA 1.1 0.9 0 -40 -20 0 20 40 60 80 100 20mA 5mA 50mA Voltage vs. current characteristics of output at MOSFET portion Measured portionacross terminals 5,7 and 6,8 pin Ambient temperature25 120 100 80 60 40 20 -5 -4 -3 -2 -1 Voltage VS. Current Characteristics Current mA 12345 -20 Voltage V -40 -60 -80 -100 -120 Ambient temperature Ta Ambient temperature25 PRODUCT SPECIFICATION DATE03/01/2005 cosmo ELECTRONICS CORPORATION SOLID STATE RELAY - MOSFET OUTPUT KAQW210H VER. 0 SHEET 5 OF 7 Preliminary LED forward current vs. Turn On Time Across terminals 5,7 and 6,8 pin Load voltage350VDC Continuous load current130mADC Ambient temperature25 Off state leakage current 2.0 Off state leakage current Across terminals 5,7 and 6,8 pin Ambient temperature25 10 10 10 10 -3 Turn On Timems 1.5 1.0 0.5 0 -6 -9 -12 0 10 20 30 40 50 60 0 20 40 60 80 100 LED forward currentmA Load voltageV LED forward current vs. reverse(ON) time Across terminals 5,7 and 6,8 pin Load voltage350VDC Continuous load current130mADC Ambient temperature25 2.5 Applied voltage vs. output capacitance Across terminals 5,7 and 6,8 pin Frequency1MHz Ambient temperature25 Output capacitancepF Turn Off Timems 2.0 1.5 1.0 0.5 0 0 10 20 30 40 50 60 50 40 30 20 10 0 0 10 20 30 40 50 60 LED forward currentmA Applied voltageV PRODUCT SPECIFICATION DATE03/01/2005 cosmo ELECTRONICS CORPORATION SOLID STATE RELAY - MOSFET OUTPUT KAQW210H VER. 0 SHEET 6 OF 7 Preliminary USING METHODS Examples of resistance value to control LED forward currentIF SSR-MOSFET OUTPUT R E R E 1 2 3 4 8 7 6 5 IF=5mA E 3.3V 5V 12V 15V 24V R Approx. 330 Approx. 640 Approx. 1.9K Approx. 2.5K Approx. 4.1K 1 LED forward current must be more than 5mAat E min. 2 LED forward current must be less than 50mAat E max. Emax. Emin. PRODUCT SPECIFICATION DATE03/01/2005 cosmo ELECTRONICS CORPORATION SOLID STATE RELAY - MOSFET OUTPUT KAQW210H VER. 0 SHEET 7 OF 7 Preliminary USING METHODS Regulate the spike voltage generated on the inductive load as follows 1 2 3 4 8 7 6 5 Load Load 1 2 3 4 8 7 6 5 Load Load R-C Snubber |
Price & Availability of KAQW210H |