Part Number Hot Search : 
L692807 SFA82G CDSUA11 CR08M SMDC150F SP886 CL5P5L 2SK37
Product Description
Full Text Search
 

To Download ISR1020C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
ISR1020C THRU ISR1060C
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
FEATURES
* * * * * * * Low switching noise Low forward voltage drop Low thermal resistance High current capability High switching capability High surge capabitity High reliability
.185(4.7) .169(4.3) .134(3.4) .110(2.8)
ITO-220
MECHANICAL DATA
* * * * * Case: ITo-220 molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 2.24 grams
.114(2.9) .098(2.5) .406(10.3) .382(9.7) .138(3.5) .122(3.1)
.602(15.3) .579(14.7) .154 (3.9) .138 (3.5) .531(13.5) .492(12.5) .114(2.9) .098(2.5)
.071(1.8) .055(1.4)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
.055(1.4) .039(1.0) .035(0.9) .020(0.5) .108(2.75) .091(2.30)
.031(0.8) .016 (0.4)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Case Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJC CJ TJ TSTG 700 -55 to + 150 -55 to + 150 ISR1020C ISR1030C ISR1035C ISR1040CISR1045C ISR1050C ISR1060C UNITS 20 14 20 30 21 30 35 25 35 40 28 40 10 150 3 500 45 32 45 50 35 50 60 42 60 Volts Volts Volts Amps Amps
0
C/ W pF
0 0
C C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @TC = 25 o C @TC = 100 o C SYMBOL VF IR ISR1020C ISR1030C ISR1035C ISR1040C ISR1045C ISR1050C ISR1060C UNITS .65 10 100 .75 Volts mAmps mAmps 2002-11
NOTES : 1. Thermal Resistance Junction to Case. 2. Suffix "A" = Common Anode. 3. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
RATING AND CHARACTERISTIC CURVES ( ISR1020C THRU ISR1060C )
AVERAGE FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 12 10
10 ISR
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS 10
INSTANTANEOUS REVERSE CURRENT, (mA)
TC = 150
8
IS R1 02
1.0
TC = 125
50 C~ ISR
6 4 2 0
Single Phase Half Wave 60Hz Inductive or Resistive Load
0C ~I SR 10 45 C
10 60 C
TC = 75
.1
TC = 25
50 100 CASE TEMPERATURE, (
150 )
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 175 150 125 100 75 50 25 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
.01
ISR1020C~ISR1045C ISR1050C~ISR1060C
8.3ms Single Half Sine-Wave (JEDED Method)
.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
4000
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
FIG. 5 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 50
TJ = 125
JUNCTION CAPACITANCE, (pF)
2000 1000 800 600 400
ISR1020C~ISR1045C
10
TJ = 25
1.0
ISR1050C~ISR1060C
200
Pulse Width=300uS 1% Duty Cycle
100 .1
0.1 .1 .2 .3 .4 .5 .6 .7 .8 .9 INSTANTANEOUS FORWARD VOLTAGE, (V)
.4
1.0 4 10 REVERSE VOLTAGE, ( V )
40
80 100
RECTRON


▲Up To Search▲   

 
Price & Availability of ISR1020C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X