Part Number Hot Search : 
H83694 K1885 AD7703BR LC72711W 7447012 HM62V1 AK5365 80CPQ020
Product Description
Full Text Search
 

To Download IRG4PC50FDPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -95225
IRG4PC50FDPBF
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Features
* Fast: Optimized for medium operating frequencies ( 1-5 kHz in hard switching, >20 kHz in resonant mode). * Generation 4 IGBT design provides tighter parameter distribution and higher efficiency than Generation 3 * IGBT co-packaged with HEXFREDTM ultrafast, ultra-soft-recovery anti-parallel diodes for use in bridge configurations * Industry standard TO-247AC package * Lead-Free
C
Fast CoPack IGBT
VCES = 600V
G E
VCE(on) typ. = 1.45V
@VGE = 15V, IC = 39A
n-cha n ne l
Benefits
* Generation -4 IGBT's offer highest efficiencies available * IGBT's optimized for specific application conditions * HEXFRED diodes optimized for performance with IGBT's . Minimized recovery characteristics require less/no snubbing * Designed to be a "drop-in" replacement for equivalent industry-standard Generation 3 IR IGBT's
TO-247AC
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM IF @ TC = 100C IFM VGE PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Q Clamped Inductive Load Current R Diode Continuous Forward Current Diode Maximum Forward Current Gate-to-Emitter Voltage Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting Torque, 6-32 or M3 Screw.
Max.
600 70 39 280 280 25 280 20 200 78 -55 to +150 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1 N*m)
Units
V
A
V W C
Thermal Resistance
Parameter
RJC RJC RCS RJA Wt Junction-to-Case - IGBT Junction-to-Case - Diode Case-to-Sink, flat, greased surface Junction-to-Ambient, typical socket mount Weight
Min.
-------------------------
Typ.
----------0.24 ----6 (0.21)
Max.
0.64 0.83 -----40 ------
Units
C/W
g (oz)
04/29/04
IRG4PC50FDPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)CES
V(BR)CES/TJ
VCE(on)
VGE(th) VGE(th)/TJ gfe ICES VFM IGES
Parameter Min. Collector-to-Emitter Breakdown VoltageS 600 Temperature Coeff. of Breakdown Voltage ---Collector-to-Emitter Saturation Voltage ---------Gate Threshold Voltage 3.0 Temperature Coeff. of Threshold Voltage ---Forward Transconductance T 21 Zero Gate Voltage Collector Current ------Diode Forward Voltage Drop ------Gate-to-Emitter Leakage Current ----
Typ. ---0.62 1.45 1.79 1.53 ----14 30 ------1.3 1.2 ----
Max. Units Conditions ---V VGE = 0V, IC = 250A ---- V/C VGE = 0V, IC = 1.0mA 1.6 IC = 39A VGE = 15V ---V IC = 70A See Fig. 2, 5 ---IC = 39A, TJ = 150C 6.0 VCE = VGE, IC = 250A ---- mV/C VCE = VGE, IC = 250A ---S VCE = 100V, IC = 39A 250 A VGE = 0V, VCE = 600V 6500 VGE = 0V, VCE = 600V, TJ = 150C 1.7 V IC = 25A See Fig. 13 1.5 IC = 25A, TJ = 150C 100 nA VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Diode Reverse Recovery Time Diode Peak Reverse Recovery Current Diode Reverse Recovery Charge Diode Peak Rate of Fall of Recovery During tb Min. ---------------------------------------------------------------------------------Typ. 190 28 65 55 25 240 140 1.5 2.4 3.9 59 27 400 260 6.5 13 4100 250 49 50 105 4.5 8.0 112 420 250 160 Max. Units Conditions 290 IC = 39A 42 nC VCC = 400V See Fig. 8 97 VGE = 15V ---TJ = 25C ---ns IC = 39A, VCC = 480V 360 VGE = 15V, RG = 5.0 210 Energy losses include "tail" and ---diode reverse recovery. ---mJ See Fig. 9, 10, 11, 18 5.0 ---TJ = 150C, See Fig. 9, 10, 11, 18 ---ns IC = 39A, VCC = 480V ---VGE = 15V, RG = 5.0 ---Energy losses include "tail" and ---mJ diode reverse recovery. ---nH Measured 5mm from package ---VGE = 0V ---pF VCC = 30V See Fig. 7 --- = 1.0MHz 75 ns TJ = 25C See Fig. 160 TJ = 125C 14 IF = 25A 10 A TJ = 25C See Fig. 15 VR = 200V 15 TJ = 125C 375 nC TJ = 25C See Fig. 1200 TJ = 125C 16 di/dt 200A/s ---A/s TJ = 25C See Fig. ---TJ = 125C 17
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres trr Irr Qrr di(rec)M/dt
2
www.irf.com
IRG4PC50FDPBF
50
40
Load Current ( A )
D uty c yc le: 50% T J = 125C T sink = 90C G ate drive as specified Turn-on loss es include effects of reverse rec overy Po w e r D is s ip a tio n = 4 0 W
6 0% of rate d vo lta g e
30
20
10
0 0.1 1 10
A
100
f, Frequenc y (k Hz)
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
I C , C o lle c to r-to -E m itte r C u rre n t (A )
1000
1000
100
I C , C o lle cto r-to -E m itte r C u rre n t (A )
100
T J = 1 5 0 C TJ = 2 5 C
10
10
T J = 1 5 0C T J = 2 5 C
1 0.1 1
VG E = 1 5 V 2 0 s P U L S E W ID T H A
10
1 5 6 7 8 9
VC C = 5 0 V 5 s P U L S E W ID T H A
10 11 12
VC E , C o lle c to r-to -E m itte r V o lta g e (V )
VG E , G a te -to -E m itte r V o lta g e (V )
Fig. 2 - Typical Output Characteristics www.irf.com
Fig. 3 - Typical Transfer Characteristics 3
IRG4PC50FDPBF
70
M axim um D C C ollector C urrent (A )
60
V C E , C olle c to r-to-E m itte r V olta ge (V )
V G E = 15V
2.5
V GE = 15V 8 0 s P U L S E W ID T H I C = 78A
50
2.0
40
30
IC = 39 A
1.5
20
10
I C = 20A
A
-60 -40 -20 0 20 40 60 80 100 120 140 160
0 25 50 75 100 125 150
1.0
T C , C as e Te m p e ra ture (C )
T J , J u n c tio n T e m p e ra tu re (C )
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Typical Collector-to-Emitter Voltage vs. Junction Temperature
1
Therm al R e spo nse (Z th JC )
D = 0.50
0 .2 0
0.1
0 .1 0 0 .05 0 .0 2 0 .0 1 S ING L E P UL S E (TH E RM A L R E S PO NS E)
PD M
t
1 t2
N o te s : 1 . D u ty fa c to r D = t
1
/t
2
0.01 0.00001
2 . P e a k TJ = P D M x Z th JC + T C
0.000 1
0.001
0.01
0.1
1
10
t 1 , R e c ta n gu la r P u ls e D u ratio n (s ec )
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case 4 www.irf.com
IRG4PC50FDPBF
8000 VGE = 0V f = 1 MHz Cies = Cge + Cgc + Cce Cres = Cce Coes = Cce + Cgc SHORTED 20
V G E , G a te -to -E m itte r V o lta ge (V )
A
VCE = 40 0 V IC = 39A
16
C, Capacitance (pF)
6000
C ies
4000
12
Co e s
2000
8
C res
4
0 1 10
100
0 0 40 80 120 160
A
200
V C E, Collector-to-Emitter Voltage (V)
Q g , T o ta l G a te C h a rg e (n C )
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
5.00
Total Switchig Losses (mJ)
4.50
Total Switchig Losses (mJ)
V C C = 480V V G E = 15V T J = 25C I C = 39A
100
R G = 5.0 V G E = 15V V C C = 480V
I C = 78A
10
I C = 39A I C = 20A
4.00
3.50 0 10 20 30 40 50
A
60
1 -60 -40 -20 0 20 40 60 80 100 120 140
A 160
R G , G ate R esistance ( )
TJ , Junction Tem perature (C )
Fig. 9 - Typical Switching Losses vs. Gate Resistance www.irf.com
Fig. 10 - Typical Switching Losses vs. Junction Temperature 5
IRG4PC50FDPBF
16
12
I C , C o lle c to r-to -E m itte r C u rre n t (A )
Total Switchig Losses (mJ)
RG TJ V CC V GE
= 5.0 = 150C = 480V = 15V
1000
VG E E 20V G= T J = 12 5C
S A FE O P E R A TIN G A R E A
100
8
10
4
0 0 20 40 60 80
A
1 1 10 100 1000
I C , Collector-to-Em itter Current (A )
V C E , C o lle cto r-to-E m itte r V olta g e (V )
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
100
In sta n ta n e o u s F o rw a rd C u rre n t - I F (A )
TJ = 150 C TJ = 125 C
10
TJ = 25 C
1 0.6 1.0 1.4 1.8 2.2 2.6
F o rw a rd V o lta g e D ro p - V FM (V )
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current 6 www.irf.com
IRG4PC50FDPBF
140 100
120
V R = 200V T J = 125C T J = 25C
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
100
I IR R M - (A )
I F = 5 0A I F = 25A
10
t rr - (ns)
80
I F = 50A I F = 25A
I F = 10A
60
IF = 10A
40
20 100
di f /dt - (A/s)
1000
1 100
d i f /d t - (A / s)
1000
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
1500
10000
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
1200
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
900
I F = 50A
d i(re c )M /d t - (A / s)
Q R R - (n C )
1000
I F = 10A
600
I F = 2 5A
I F = 25A
300
I F = 10A
0 100
I F = 50A
1000 100 100
d i f /d t - (A / s )
d i f /d t - (A / s )
1000
Fig. 16 - Typical Stored Charge vs. dif/dt www.irf.com
Fig. 17 - Typical di(rec)M/dt vs. dif/dt 7
IRG4PC50FDPBF
90% V ge +V ge
Same type device as D .U.T.
V ce
Ic
10% V ce
90% Ic Ic 5% Ic
80% of Vce
430F D .U .T.
td (off) tf
E off =
t1+5 S V ce ic dt t1
Fig. 18a - Test Circuit for Measurement of ILM, Eon, Eoff(diode), trr, Qrr, Irr, td(on), tr, td(off), tf
t1
t2
Fig. 18b - Test Waveforms for Circuit of Fig. 18a, Defining
Eoff, td(off), tf
G A T E V O LT A G E D .U .T . 10% + V g +V g
Ic
trr
Q rr =
trr id dt tx
tx 10% V c c Vce Vcc 10% Ic 90% Ic D U T V O LT A G E AND CURRENT Ipk
10% Irr Vcc
V pk
Irr
Ic D IO D E R E C O V E R Y W AVEFORMS
td(on)
tr
5% V c e t2 E on = V c e ie dt t1
E rec = D IO D E R E V E R S E RECOVERY ENERG Y t3 t4
t1
t2
t4 V d id dt t3
Fig. 18c - Test Waveforms for Circuit of Fig. 18a,
Defining Eon, td(on), tr
Fig. 18d - Test Waveforms for Circuit of Fig. 18a,
Defining Erec, trr, Qrr, Irr
8
www.irf.com
IRG4PC50FDPBF
V g G A T E S IG N A L D E V IC E U N D E R T E S T C U R R E N T D .U .T .
V O LT A G E IN D .U .T .
C U R R E N T IN D 1
t0
t1
t2
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit
L 1000V 50V 600 0 F 100 V Vc*
D.U.T.
R L= 0 - 480V
480V 4 X IC @25C
Figure 19. Clamped Inductive Load Test Circuit
Figure 20. Pulsed Collector Current Test Circuit
www.irf.com
9
IRG4PC50FDPBF
Notes:
Q Repetitive rating: VGE=20V; pulse width limited by maximum junction temperature (figure 20) R VCC=80%(VCES), VGE=20V, L=10H, RG = 5.0 (figure 19) S Pulse width 80s; duty factor 0.1%. T Pulse width 5.0s, single shot.
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
TO-247AC Part Marking Information
E XAMPL E : T HIS IS AN IR F PE 30 WIT H AS S E MB LY L OT CODE 5657 AS S E MB L E D ON WW 35, 2000 IN T H E AS S E MB L Y L INE "H"
N ote: "P" in assem bly line position indicates "Lead-Free"
INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB LY L OT CODE
PART NUMB E R
IR F PE 30
56 035H 57
DAT E CODE YE AR 0 = 2000 WE E K 35 L INE H
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 04/04
10
www.irf.com
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRG4PC50FDPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X