Part Number Hot Search : 
70N60 6717MX AOD7S65 UPC1470H MB10A IN74HC D4104 MAX905
Product Description
Full Text Search
 

To Download HDM3224TSC-S-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM 3224TSC-S-L
Dimensional Drawing
6.55
1
320 X 240 Dots Color Graphics, Landscape, Small Size w/CCFL Backlight
14.4 2.5
48.0 2.5
5010
CN2
0.015
28.91.0 103.75 80.80.2 79.66 101.0
1 4
0.068
R
VIEWING DIRECTION
G
B
0.234
0.015
45.41.0
4.00.5
CONNECTOR INFORMATION: CN1: FH12-16S-0.5SV (HIROSE) CN2: BHSR-02VS-1 (JST) MATING: SM02B-BHSS-1-TB (JST) CCFL INVERTER: HARISON HIU-757 TDK CXA-2083
1.35 12.6
1
59.74 62.80.2 2.5 71.8 76.8
1.3x4 6.5
CN1
47.40.5
Dimension tolerance: +/-0.3mm
Features Features Backlight.........................................................................CCFL Options...................................................................Color RGB Normal/Extended Temperature Bottom Viewing Built-in Controller.............................................................None
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL V DD-VSS V EE V IN T OP T STG MIN -0.3 0 -0.3 0 -20 MAX 7.0 30.0 7.0 50 60 UNIT V V V C C
Physical Data Module Size...................................76.8W x 103.7H x 7.9T mm Viewing Area Size......................................62.8W x 82.8H mm Dot Pitch.................................................0.249W x 0.083H mm Dot Size..................................................0.234W x 0.068H mm Weight................................................................................65g Power Supply
VDD + 3.3V VS S L C M V EE R2 R 1+RV +R2 = 10 ~ 20K R1 RV +
Pin Connections
PIN NO. SYMBOL LEVEL FUNCTION
DATA CONNECTOR
1 2 3 4 5 6 7 8 9 10 D7 D6 D5 D4 D3 D2 D1 D0 VSS VDD DISPOFF CP LOAD FRAME VSS VEE VCFL GND Y2 X2 Y1 X1 H/L H/L H/L H/L H/L H/L H/L H/L 0V 3.3V H/L H/L H/L H 0V Ground Power supply for logic H=On, L=Off Data shift Data Latch First Line Marker Ground Operating voltage for LC Data Bus
30V
11 12 13 14 15 16 UNIT V V V V 1 2 3 4 1 2
Electrical Characteristics (VDD=3.30.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE SYM VIH VIL VDD VL CONDITION VDD = 5.0V MIN 0.8 VDD 0 3.0 23.7 TYP 3.3 24.0 MAX VDD 0.2 VDD 3.6 24.3
CCFL CONNECTOR
TOP RIGHT BOTTOM LEFT Power supply for CCFL Ground
TOUCH SCREEN CONNECTOR
SUPPLY VOLTAGE DRIVE METHOD
1/240 DUTY
Page 29


▲Up To Search▲   

 
Price & Availability of HDM3224TSC-S-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X