Part Number Hot Search : 
CMD6392 1KOHM IRF1404 FS20054 05100 38410 12HCC D77C20AC
Product Description
Full Text Search
 

To Download HDM3224TS-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM 3224TS-1
Dimensional Drawing
167.0 4.0 152.0 148.0 22.0 5.5 7.32 2.3 4.0 24.42 122.0 (VIEWING AREA) 115.0 (320 DOTS) 13.0 MAX 7.70.5 JAE/IL-G-4S-S3C2 0.33 0.33 0.03
320 X 240 Dots Graphic CCFL Backlight w/ Touch Screen
CONNECTOR INFORMATION: SUPPLIED WITH 1.25mm FFC MATING: MOLEX 5597-14APB TOUCH SCREEN: MATING: MOLEX 52271-2090
6.0 109.00.5 104.00.5 101.00.2 92.0 86.4 21.0
103.0 (T.S. GLASS)
1 4
1.0X19=19.0
114.97 11.205 R1 12.280 88.7
200.01.0
165.05.0
4-3.4
139.0 (T.S. GLASS) 35.0
R7 14 C1 C10 TOUCH PANEL KEY AREA
Dimension tolerance: +/-0.3mm
1
Features Features Backlight.........................................................................CCFL Options........................................STN/Black and White FSTN Normal/Extended Temperature Bottom / Top Viewing Built-in Controller.............................................................None Physical Data Module Size..............................167.0W x 109.0H x 13.0T mm Viewing Area Size....................................122.0W x 92.0H mm Dot Pitch....................................................0.36W x 0.36H mm Dot Size.....................................................0.33W x 0.33H mm Weight..............................................................................205g
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL V DD-VSS V DD-VEE V IN T OP T STG 0 0 0 -20 MIN MAX 7.0 30.0 7.0 50 70 UNIT V V V C C
Pin Connections
PIN NO. SYMBOL LEVEL FUNCTION
DATA CONNECTOR
1 2 3 4 5 6 D0 D1 D2 D3 DISPOFF FRAME NC LOAD CP vDD VSS VEE VL FGND VCFL NC NC VCFL H/L H H/L H/L 5V 0V -22V H=On, L=Off First Line Marker No Connection Data Latch Data shift Power supply for logic Ground Power supply for LCD Operating voltage for LC Front panel ground H/L Display Data
Power Supply
VDD + RH L C M V LCD VSS VL VEE RH +R L = 10 ~ 20K + RL 24V 5V
7 8 9 10 11 12 13 14 1
CCFL CONNECTOR
Power supply for CCFL No Connection No Connection CCFL Ground
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER SYM CONDITION MIN TYP MAX UNIT
2 3 4 V V V V V V
INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE OUTPUT LOW VOLTAGE SUPPLY VOLTAGE DRIVE METHOD
VIH VIL VOH VOL VDD VLCD
IOH =0.4mA IOL=0.4mA -
0.8 V DD -
-
0.2 VDD 0.4 5.25 22.9
V DD -0.4 4.75 22.1 5.0 22.5
Touch Panel Connector
PIN 1 2 3 4 SYM N.C C10 C9 C8 PIN 5 6 7 8 SYM C7 C6 N.C. R1 PIN 9 10 11 12 SYM R2 R3 R4 R5 PIN 13 14 15 16 SYM R6 R7 N.C. C1 PIN 17 18 19 20 SYM C2 C3 C4 C5
1/240 DUTY
Page 30
0.03


▲Up To Search▲   

 
Price & Availability of HDM3224TS-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X