Part Number Hot Search : 
908472YL 8MXXN 15000 IC18F P0720SL 167BZX 2SB800 AT45DB32
Product Description
Full Text Search
 

To Download GBPC5010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
GBPC50 SERIES
Pb
50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Features
! ! ! ! Glass Passivated Die Construction A C G ~ + ~ C C ~ D + A C G Low Reverse Leakage Current Low Power Loss, High Efficiency Electrically Isolated Epoxy Case for ~ Maximum Heat Dissipation D ! Case to Terminal Isolation Voltage 2500V ! Recognized File # E157705 H
H E B
GBPC GBPC-W
Mechanical Data
! ! ! ! ! ! ! ! Case: Molded Plastic with Heatsink, Available in Both Low Profile and Standard Case Terminals: Plated Faston Lugs or Wire Leads, Add "W" Suffix to Indicate Wire Leads Polarity: As Marked on Case Mounting: Through Hole with #10 Screw Mounting Torque: 23 cm-kg (20 in-lbs) Max. Weight: 21 grams (GBPC); 18 grams (GBPC-W) Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E B
Dim A B C D E G H
GBPC GBPC-W Low Profile / Standard Low Profile / Standard Min Max Min Max 28.40 28.70 28.40 28.70 7.50 / 10.97 8.50 / 11.23 7.50 / 10.97 8.50 / 11.23 15.70 16.70 17.10 19.10 17.50 18.50 10.90 11.90 19.08 / 22.86 21.58 / 25.40 30.50 -- Hole for #10 screw, 5.08O Nominal 6.35 Typical 0.97O 1.07O All Dimension in mm
Maximum Ratings and Electrical Characteristics
@TA=25C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. GBPC50 00 50 35 01 100 70 02 200 140 04 400 280 06 600 420 50 450 1.1 5.0 500 800 400 1.0 2500 -65 to +150 08 800 560 10 12 14 16
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg @IF = 25A
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I2t Cj RJC VISO Tj, TSTG
Unit
1000 1200 1400 1600 700 840 980 1120
V V A A V A A2s pF C/W V C
Peak Reverse Current @TC = 25C At Rated DC Blocking Voltage @TC = 125C I2t Rating for Fusing (t < 8.3ms) Typical Junction Capacitance (Note 1) Typical Thermal Resistance per leg (Note 2) RMS Isolation Voltage from Case to Leads Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Mounted on 229 x 152 x 127mm Al. finned plate.
GBPC50 SERIES
1 of 4
(c) 2006 Won-Top Electronics
IF, AVERAGE FORWARD CURRENT (A)
Mounted on a 229 x 152 x 127 mm AL finned plate
IF, INSTANTANEOUS FORWARD CURRENT (A)
50
100
10
25
1.0
0.1
Tj = 25C
Resistive or Inductive load
Pulse Width = 300s
0
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FWD. SURGE CURRENT (A)
600
Single Half-Sine Wave (JEDEC Method)
1000
f = 1 Mhz Tj = 25C
450
Cj, CAPACITANCE (pF)
Tj = 150C
300
100
150
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
Tj = 125C
100
10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element)
IR, INSTANTANEOUS REVERSE CURRENT (A)
10
1.0
0.1
Tj = 25C
0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
GBPC50 SERIES
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
GBPC GBPC-W
+ WTE AC GBPC50xx
WTE GBPC50xx xx Polarity = Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16 = As Marked on Body WTE GBPC50xxW xx Polarity
AC + WTE GBPC50xxW
= Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 195 x 195 x 40 195 x 195 x 40 Quantity (PCS) 50 50 Carton Size L x W x H (mm) 405 x 205 x 240 405 x 205 x 240 Quantity (PCS) 500 500 Approx. Gross Weight (KG) 12.0 11.0
Case Style GBPC GBPC-W
Note: 1. Paper box, white or brown color.
GBPC50 SERIES
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
GBPC5000 GBPC5000W GBPC5001 GBPC5001W GBPC5002 GBPC5002W GBPC5004 GBPC5004W GBPC5006 GBPC5006W GBPC5008 GBPC5008W GBPC5010 GBPC5010W GBPC5012 GBPC5012W GBPC5014 GBPC5014W GBPC5016 GBPC5016W
1. 2.
Package Type
Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge
Shipping Quantity
50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, GBPC5000-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
GBPC50 SERIES
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of GBPC5010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X