Part Number Hot Search : 
TA8211 2SA1787 WE150 60207 BT222 KSD560 GOB94020 ES1JE
Product Description
Full Text Search
 

To Download F1016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high F t enhance broadband performance
TM
F1016
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 20 Watts Push - Pull Package Style AQ HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
Total Device Dissipation 100 Watts Junction to Case Thermal Resistance 1.75 o C/W Maximum Junction Temperature 200 o C Storage Temperature DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 30V
o
-65 o C to 150o C
4A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Pow er Gain Drain Efficiency Load Mismatch Tolerance MIN 13 60 TYP
20WATTS OUTPUT )
MAX UNITS dB % 20:1 Relative TEST CONDITIONS Idq = 0.4 A, Vds = 28.0 V, F = 400 MHz Idq = 0.4 A, Vds = 28.0 V, F = 400 MHz Idq = 0.4 A, Vds = 28.0 V, F = 400 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdow n Voltage Zero Bias Drain Current Gate Leakage Current Gate Bias for Drain Current Forw ard Transconductance Saturation Resistance Saturation Current Common Source Input Capacitance Common Source Feedback Capacitance Common Source Output Capacitance 1 0.8 1 5.5 33 4 20 MIN 65 1 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.05 A, Vds = 28.0 V, Vds = 0 V, Ids = 0.1 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 4 A Vgs = 20V, Vds = 10V Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION
8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:w w w .polyfet.com
F1016
POUT VS PIN GRAPH
F1016 POUT VS PI N F=400 MHZ; IDQ=.4A; VDS=28.0V
F1B 1 DIE Capac itance vs Vds
50 45 40 16. 0 0 35 30 25 20 15 10 0 1 2 3 4 5
P OUT
CAPACITANCE VS VOLTAGE
19. 0 0 18. 0 0 17. 0 0
Coss Ciss
100
15. 0 0 14. 0 0 13. 0 0 12. 0 0 Efficiency = 65% 11. 0 0 10. 0 0 9.00 6
GAIN
1 0 5 10 15
VDS IN VOLTS
10
Crss
20
25
30
P IN IN WATT S
IV CURVE
F1B 1D IE I V CURVE
6 10
ID AND GM VS VGS
F1B 1 D IE GM & I D vs VG
Id
5
4 1 3
2 0.1 1
Gm
0 0 2 4 6 8 10
Vds in Volts
12
14
16
18
20 0.01 0 2 4 6 8 10 12 14
Vg = 2V
Vg = 4V
Vg = 6V
Vg = 8V
Vg = 10V
Vg = 12V
Vgs in Volts
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
Tolerance 0.XX +/- 0.01 0.XXX +/- 0.005 inches
POLYFET RF DEVICES
REVISION
8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:w w w .polyfet.com


▲Up To Search▲   

 
Price & Availability of F1016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X