Part Number Hot Search : 
ZTK33A UZ790HR2 278BZC AD7401 15025 74HC4066 B360B 2SA102
Product Description
Full Text Search
 

To Download EM4135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM MICROELECTRONIC - MARIN SA
EM4135
13.56MHz, ISO15693 Standard Compliant Contactless Identification Device
General Description
The EM4135 is a CMOS integrated circuit intended for use in contactless Read/Write transponders. The 2.4k bit EEPROM memory contained in the chip is organized in 38 words of 64 bits, each word can be irreversibly locked. The memory contains a unique serial number (UID). The ISO 15693 anticollision algorithm allows operating more tags in the field simultaneously. The EM4135 is completely ISO15693 compliant since it includes all ISO15963 mandatory features. The 64 bits UID as defined in ISO15693 standard is factory programmed and locked. It includes a 6 bits chip type and a 10 bits customer code made specific on request. The resonant capacitor value is selected by metal mask.
Features
ISO15693 Standard: Fully Compliant Operating Frequency: 13.56MHz 7KHz (ISM, world-wide licence free available) 2.4K bit EEPROM organised in 38 words of 64 bits 64-bit Unique Identifier (UID) Lock feature convert EEPROM words in Read Only Support Application Field Identifier (AFI) Power-check for EEPROM write operation Resonant capacitor integrated on chip 28pF or 95pF (selectable by mask option) No external supply buffer capacitor needed -40 to +85C temperature range Very low Power consumption (no battery needed) Bonding pads optimised for flip-chip assembly
Typical Operating Configuration
Applications
Access Control Ticketing Asset management
C1 L C2
Figure 1.
EM4135
Block Diagram
L2 VPOS
R E G U L A T O R
Vdd
Lr
Cr CBUF RECTIFIER
POWER MONITOR
POR PCK
L1
CLOCK EXTRACTOR
RECEIVED CLOCK
AM DEMODULATOR
PULSE
LOGIC
EEPROM
MODULATOR
MOD
LIMITER
Figure 2.
Copyright 2003, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com


▲Up To Search▲   

 
Price & Availability of EM4135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X