Part Number Hot Search : 
E004846 KIA78L05 DD502 KA22136 R6522 BZV85130 21M10 3015BGC
Product Description
Full Text Search
 

To Download E5CK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digital Controller
E5CK
Advanced, Compact Digital Controllers
* IP66/NEMA4 (indoor use) front face. * Modular structure, one-stock type. * Heating/cooling control. * Serial communications (RS-232C and RS-485). * Temperature and analog inputs. * High-accuracy: 100 ms sampling (for analog input). * Advanced tuning which includes fuzzy self-tuning. * Conforms to international EMC and safety standards. * AC/DC24V types are also available.
(R)
Model Number Structure
I Model Number Legend
Refer to the following when ordering set models.
E5CK-@@@
123
1. Control Output 1/Control Output 2 AA: Without Output Unit (field interchangeable) RR: Relay/Relay QR: Pulse (NPN)/Relay CR: Linear (4 to 20 mA)/Relay VR: Linear (0 to 10 V)/Relay QQ: Pulse (NPN)/Pulse (NPN) Note: E5CK-VR1 and E5CK-QQ1 are not available, but with options. Temperature Controller Model E5CK-AA1 AC100-240 E5CK-AA1-500 AC100-240 E5CK-AA1 AC/DC24 E5CK-AA1-500 AC/DC24 Note: A single Output Unit and Option Unit can be mounted to each Base Unit. Description Output Unit E53-R4R4 E53-Q4R4 E53-Q4HR4 E53-C4R4 E53-C4DR4 E53-V44R4 E53-Q4Q4 E53-Q4HQ4H Model Relay/Relay Pulse (NPN)/Relay Pulse (PNP)/Relay Linear (4 to 20 mA)/Relay Linear (0 to 20 mA)/Relay Linear (0 to 10 V)/Relay Pulse (NPN)/Pulse (NPN) Pulse (PNP)/Pulse (PNP) Specification Base Unit Base Unit with terminal cover Base Unit Base Unit with terminal cover Specification 2. Auxiliary Output 1: Auxiliary output (1 point) 3. Option 01: RS-232C serial communication 03: RS-485 serial communication B: Event input (1 point) F: Transfer output (4 to 20 mA)
Ordering Information
I List of Models
Description Base Unit
Digital Controller
E5CK
I-63
Description Option Unit E53-CK01 E53-CK03 E53-CKB E53-CKF
Model RS-232C RS-485
Specification
Event input: 1 point Transfer output (4 to 20 mA)
Inspection Report
The Digital Controller can be provided together with an inspection report. Refer to the following legend with the suffix "K" when ordering a model provided together with an inspection report. E5CK-AA1-K, E53-CKF-K
I Accessories (Order Separately)
Name Terminal Cover E53-COV07 Model
Specifications
I Ratings
Item Supply voltage Power consumption Operating voltage range Input 15 VA 85% to 110% of rated supply voltage Thermocouple: Platinum resistance thermometer: Current input: Voltage input: Current input: 150 Voltage input: 1 M min. According to Output Unit (see "Output Unit Ratings and Characteristics") SPST-NO, 1 A at 250 VAC (resistive load) ON/OFF or 2-PID control (with auto-tuning) Digital setting using front panel keys 7-segment digital display and LEDs According to Option Unit (see "Option Unit Ratings and Characteristics") K, J, T, E, L, U, N, R, S, B, W, PLII JPt100, Pt100 4 to 20 mA, 0 to 20 mA 1 to 5 V, 0 to 5 V, 1 to 10 V AC100-240V type AC100 to 240V, 50/60 Hz 6 VA, 3.5 W AC/DC24V type AC/DC24V, 50/60 Hz
Input impedance Control output Auxiliary output Control method Setting method Indication method Other functions
I Input Ranges
Platinum Resistance Thermometer
Input (switch selectable) Range C F Resolution (C/F) (main setting and alarm) JPt100 -199.9 to 650.0 -199.9 to 999.9 0 Pt100 -199.9 to 650.0 -199.9 to 999.9 1
I-64
Digital Controller E5CK
Thermocouple
Input (switch selectable) (see note) Range C F K1 -200 to 1,300 -300 to 2,300 K2 J1 J2 T E L1 L2 U N R S B W PLII
0.0 to 500.0 0.0 to 900.0 3
-100 0.0 to to 850 400.0 -100 to 1,500 4 0.0 to 750.0 5
-199.9 0 to to 400.0 600 -199.9 0 to to 700.0 1,100 6 7
-100 0.0 to to 850 400.0 -100 to 1,500 8 0.0 to 750.0 9
-199.9 -200 to 400.0 to 1,300 -199.9 -300 to 700.0 to 2,300 10 11
0 to 1,700 0 to 3,000 12
0 to 1,700 0 to 3,000 13
100 to 0 to 1,800 2,300 300 to 0 to 3,200 4,100 14 15
0 to 1,300 0 to 2,300 16
Resolution (C/ 2 F) (main setting and alarm)
Note: Setting number is factory-set to 2 (K1). Thermocouple W is W/Re 5-26 (tungsten rhenium 5, tungsten rhenium 26).
Current/Voltage
Input (switch selectable) Range Current input 4 to 20 mA 0 to 20 mA 1 to 5 V Voltage input 0 to 5 V 0 to 10 V
One of following ranges depending on results of scaling -1999 to 9999 -199.9 to 999.9 -19.99 to 99.99 -1.999 to 9.999 17 18 19 20 21
Resolution (C/F) (main setting and alarm)
Digital Controller
E5CK
I-65
Temperature Controller
I Characteristics
Indication accuracy (see note) Thermocouple: (0.3% of indication value or 1C, whichever greater) 1 digit max. Platinum resistance thermometer: (0.2% of indication value or 0.8C, whichever greater) 1 digit max. Analog input: 0.2% FS 1 digit max. 0.01% to 99.99% FS (in units of 0.01% FS) 0.1% to 999.9% FS (in units of 0.1% FS) 0 to 3,999 s (in units of 1 s) 0 to 3,999 s (in units of 1 s) 1 to 99 s (in units of 1 s) 0.0% to 100.0% (in units of 0.1%) -1,999 to 9,999 or -199.9 or 999.9 (decimal point position dependent on input type) Temperature input: Current/voltage input: 250 ms 100 ms
Hysteresis Proportional band (P) Integral (reset) time (I) Derivative (rate) time (D) Control period Manual reset value Alarm setting range Sampling period Insulation resistance Dielectric strength Vibration resistance Shock resistance
20 M min. (at 500 VDC) 2,000 VAC, 50/60 Hz for 1 min between terminals of different polarities Malfunction: 10 to 55 Hz, 10 m/s2 (approx. 1G) for 10 min each in X, Y, and Z directions Destruction: 10 to 55 Hz, 20 m/s2 (approx. 2G) for 2 hrs each in X, Y, and Z directions Malfunction: 200 m/s2 min. (approx. 20G), 3 times each in 6 directions (100 m/s2 (approx. 10G) applied to the relay) Destruction: 300 m/s2 min. (30G), 3 times each in 6 directions Operating: Storage: Operating: -10C to 55C (with no icing)/3-year warranty period: -10C to 50C -25C to 65C (with no icing) 35% to 85%
Ambient temperature Ambient humidity Degree of protection
Front panel: NEMA4 for indoor use (equivalent to IP66) Rear case: IEC standard IP20 Terminals: IEC standard IP00 Non-volatile memory (number of writings: 100,000 operations) Approx. 170 g; Adapter: approx. 10 g EN55011 Group 1 class A EN55011 Group 1 class A EN61000-4-2: 4 kV contact discharge (level 2) 8 kV air discharge (level 3) Immunity RF-interference: ENV50140: 10 V/m (amplitude modulated, 80 MHz to 1 GHz) (level 3) 10 V/m (pulse modulated, 900 MHz) Immunity Conducted Disturbance: ENV50141: 10 V (0.15 to 80 MHz) (level 3) Immunity Burst: EN61000-4-4: 2 kV power-line (level 3) 2 kV I/O signal-line (level 4) UL1092, CSA22.2 No. 142, CSA22.2 No. 1010-1 Conforms to EN50081-2, EN50082-2, EN61010-1 (IEC1010-1) Conforms to VDE0106/ part 100 (Finger Protection), when the separately-ordered terminal cover is mounted. Emission Enclosure: Emission AC Mains: Immunity ESD:
Memory protection Weight EMC
Approved standards
Note: The indication accuracy of the K1, T, and N thermocouples at a temperature of -100C or less is 2C 1 digit maximum. The indication accuracy of the U, L1, and L2 thermocouples at any temperature is 2C 1 digit maximum. The indication accuracy of the B thermocouple at a temperature of 400C or less is unrestricted. The indication accuracy of the R and S thermocouples at a temperature of 200C or less is 3C 1 digit maximum. The indication accuracy of the W thermocouple at any temperature is (0.3% of the indicated value or 3C, whichever is greater) 1 digit maximum. The indication accuracy of the PLII thermocouple at any temperature is (0.3% or 2C, whichever is greater) 1 digit maximum.
I-66
Digital Controller E5CK
I Output Unit Ratings and Characteristics
Relay output SPST, 250 VAC, 3 A (resistive load) Mechanical life expectancy: 10,000,000 operations min. Electrical life expectancy: 100,000 operations min. NPN: 20 mA at 12 VDC (with short-circuit protection) PNP: 20 mA at 12 VDC (with short-circuit protection) 0 to 10 VDC: Permissible load impedance: 1 k min. Resolution: approx. 2,600 4 to 20 mA: Permissible load impedance: 500 max. Resolution: approx. 2,600 Voltage output Linear voltage output
Linear current output
I Option Unit Ratings and Characteristics
Event inputs Contact input: ON: 1 k max., OFF: 100 k min. No-contact input: ON: residual voltage 1.5 V max., OFF: leakage current 0.1 mA max. Interface: Transmission method: Synchronization method: Baud rate: Transmission code: RS-232C or RS-485 Half-duplex Start-stop synchronization (asynchronous method) 1.2/2.4/4.8/9.6/19.2 kbps ASCII
Communications
Transfer output
4 to 20 mA: Permissible load impedance: 500 max. Resolution: approx. 2,600
Digital Controller
E5CK
I-67
Temperature Controller
Nomenclature
Operation Indicators * OUT1 Lights when the pulse output function assigned to control output 1 turns ON. * OUT2 Lights when the pulse output function assigned to control output 2 turns ON. * SUB1 Lights when the output function assigned to auxiliary output 1 turns ON. * MANU Lights when the manual operation mode. * STOP Lights during operation has stopped. * RMT Lights during remote operation. * AT Flashes during auto-tuning. A/M Key Press to select the auto operation or manual operation. No. 1 Display Displays the process value or parameter symbols. No. 2 Display Displays the set point, set point during SP ramp, manipulated variable, or parameter settings.
Up Key/Down Key Press to increase or decrease the value on the No.2 display. Display Key Press for less than 1 s to shift the display to the next parameter. When this key is pressed for 1 s or more, the menu screen will be displayed in any case.
Dimensions
Note: All units are in millimeters unless otherwise indicated.
E5CK
58 53 x 53
13
100
Panel Cutouts
65 min.
60 min.
45+0.6 0
45+0.6 0
Note: 1. Recommended panel thickness is 1 to 5 mm. 2. Maintain the specified vertical and horizontal mounting space between each Unit. Units must not be closely mounted vertically or horizontally.
I-68
Digital Controller E5CK
44.8 x 44.8 48
Installation
I Installation
Main Parts
Terminals Output Unit
Setting Up the Output Unit
1. Two rectangular holes are provided on the power board (right side of Controller). Fit the two protrusions of the Output Unit into these two holes. 2. With the Output Unit fitted into the power board, fit the Output Unit into the connector on the control board (left side of Controller).
1
Rear case
2
Input type jumper connector Option Unit Front panel
Draw-out
First, draw out the internal mechanism from the housing. Pull out the internal mechanism while pressing the hooks on the left and right sides of the front panel.
Setting Up the Option Unit
1. Place the Controller with its bottom facing up, and fit the board horizontally into the Connector on the power board (right side of controller). 2. With the power board connected, fit the board vertically into the Connector on the control board (left side of controller).
1
2
Temperature Controller
Digital Controller
E5CK
I-69
I Mounting
1. Insert the E5CK Controller into the panel's mounting hole at the position shown in the figure below. 2. Push the adapter along the Controller body from the terminals up to the panel, and fasten temporarily. 3. Tighten the two fixing screws on the adapter. When tightening screws, tighten the two screws alternately keeping the torque to approximately 0.29 to 0.39 N*m, or 3 to 4 kgf*cm.
Adapter Panel Watertight packing
Terminal Cover
The E5CK-AA1-500 Controller is provided with a Terminal Cover (E53-COV07). Fasten the Terminal Cover as follows by using the snap pin.
I-70
Digital Controller E5CK
Wiring
Terminal Arrangement
OUT1 AC100-240V~ (AC/DC24V~) SOURCE 5 4 SUB1 3 2 1 13 14 11 12 10 OUT2 9 8 7 6 IN
Solderless terminals are recommended when wiring the Controller. Tighten the terminal screws using a torque no greater than 0.78 N*m, or 8 kgf*cm max. Take care not to tighten the terminal screws too tightly.
Power Blocks
The E5CK has independent power supplies for each of the terminal blocks shown below. However, note that the power supplies for blocks C (exclude relay output) and D are shared for the following option unit. * Option unit: E53-CKB or E53-CKF
A
OPTION
C
Precautions
Use ducts to separate input leads and power lines in order to protect the Controller and its lines from external noise.
C 5 11 12 10 4 9 3 8 2 7 1 13 14 6 B D
Wiring
Power Supply
Input 100 to 240 VAC or AC/DC 24 V to terminal numbers 4 and 5 according to the specification.
5 4 3 2 1 13 14 11 12 10 9 8 7 6
Input
Connect the input to terminal numbers 6 to 8 as follows according to the input type. Temperature Controller
5 4 3 2 1 13 14 11 12 10 9 8 7 6 8 8 7 6 8 8
- +
7 6
-
V
7 6
-
mA
7 6
+
Platinum resistance thermometer Voltage input
+
Current input
Thermocouple
TCPT
V
I
Match the inputs with the internal jumper settings for each input type. For thermocouple or platinum resistance thermometer inputs, set the inputs to a common position (TC/PT) as the temperature input.
Control Output
Terminal numbers 11 and 12 are for control output 1 (OUT1). The five output types and internal equalizing circuits are available according to the Output Unit.
5 4 3 2 1
11
12
10 9 8 7
11
+v
11
+
L
+v
+
11 L V 12 11
+
11 L mA 12
+
L
12 Relay E53-R4R4
GND
12 NPN
-
GND
12 PNP
-
-
-
0 to 10 V E53-V44R4
4 to 20mA E53-C4R4 E53-C4DR4
13
14
6
E53-Q4R4 E53-Q4Q4
E53-Q4HR4 E53-Q4HQ4H
Digital Controller
E5CK
I-71
Terminal numbers 9 and 10 are for control output 2 (OUT2). The three output types and internal equalizing circuits are available according to the Output Unit.
+ 10 +V 10 L 9 Relay E53-R4R4/E53-V44R4 E53-Q4R4/E53-C4R4 E53-Q4HR4/E53-C4DR4 GND 9 NPN E53-Q4Q4 - GND 9 PNP E53-Q4HQ4H - +V 10 L +
The following table shows the specifications for each output type. Output type Relay Voltage (NPN) Voltage (PNP) 0 to 10 V 4 to 20 mA 3 A at 250 VAC 20 mA at 12 VDC (with short-circuit protection) 20 mA at 12 VDC (with short-circuit protection) 0 to 10 VDC, permissible load impedance: 1 k min., resolution: approx. 2,600 4 to 20 mA, permissible load impedance: 500 max., resolution: approx. 2,600 Specifications
Auxiliary Output 1
Terminal numbers 2 and 3 are for auxiliary output 1 (SUB1). The internal equalizing circuit for auxiliary output 1 is as follows:
5 4 3 2 1 13 14 11 12 10 9 8 7 6 2 3
Relay specifications are as follows: SPST-NO, 250 VAC, 1 A
Option
Terminal numbers 1, 13, and 14 are valid only when the Option Unit is set in the Controller. The following four connections are possible depending on the model of the Option Unit.
5 4 3 2 1 13 14 11 12 10 13 9 8 7 6 14 1 RS-232C E53-CK01 SD RD SG A 13 14 1 RS-485 E53-CK03 B 13 14 1 Event input E53-CKB 13 4 to 20mA 14 1 Transfer output E53-CKF - +
Use event inputs under the following conditions: Contact input No-contact input ON: 1 k max., OFF: 100 k min. ON: residual voltage 1.5 V max., OFF: leakage current 0.1 mA max.
The polarity for no-contact input is as follows:
13 14 1 +
-
Transfer output specifications are as follows: 4 to 20 mA, load: 500 max., resolution approx. 2600
I-72
Digital Controller E5CK
Operation
I Parameter Operation List
Switching to modes other than manual or protect mode is carried out using mode selection in the menu display. The figure below shows all parameters in the order that they are displayed. Some parameters are not displayed depending on the protect mode setting and conditions of use.
Power ON
A/M
1 second min.
1 second min.
Level 0 mode
1 second min.
Manual mode
A/M
Level 1 mode
1 second min.
1 second min.
Level 2 mode
1 second min.
A/M
+
A/M
+
1 second min.
1 second min.
Setup mode Protect mode
1 second min.
Expansion mode
1 second min.
A/M
+
1 second min.
Option mode
1 second min.
Calibration mode
Parameters in a mode can be switched by the Display Key. The parameter following the last parameter is the top parameter.
I Parameters and Menus
Note: For more details on the functions of each part and display contents, refer to the E5CK User's Manual (H78). Protect Mode Manual Mode Level 0 Mode Limits use of the menu and A/M Keys. The protect function prevents unwanted modification of parameters and switching between the auto and manual operation. The Controller can be switched to manual operation. The manipulated variable can be manipulated manually only in this mode. Set the Controller to this mode during normal operation. In this mode, change the set point during operation, and start or stop Controller operation. The process value, SP ramp, and manipulated variable can only be monitored in this mode. The main mode for adjusting control. In this mode, execute AT (auto-tuning), and set alarm values, the control period, and PID parameters. The auxiliary mode for adjusting control. In this mode, set the parameters for limiting the manipulated variable and set point, switch between the remote and local modes, and set the loop break alarm (LBA), alarm hysteresis, and the digital filter value of inputs. The mode for setting the basic specifications. In this mode, set parameters that must be checked or set before operation such as the input type, scaling, output assignments and direct/reverse operation. The mode for setting expanded functions. In this mode, set ST (self-tuning), SP setting limiter, select advanced PID or ON/OFF control, specify the standby sequence resetting method, initialize parameters, and set the time for automatic return to the monitoring display. The mode for setting option functions. Select this mode only when the Option Unit is set in the Controller. In this mode, set the communications conditions, transfer output and event input parameters to match the type of Option Unit set in the Controller. The mode for calibrating inputs and transfer output. When calibrating input, the selected input type is calibrated. Whereas, transfer output can be calibrated only when the Communications Unit (E53-CKF) is set in the Controller. Temperature Controller
Level 1 Mode Level 2 Mode
Setup Mode Expansion Mode
Option Mode
Calibration Mode
Digital Controller
E5CK
I-73
I Parameters Operation
Level 0 Mode
1300
0 PV/SV The process value is displayed on the No.1 display and the set point is displayed on the No.2 display. When the multi-SP function is in use, the value of whichever is set, set point 0 or 1, is linked. Set Point During SP Ramp Monitors the set point when the SP ramp function is used.
sp-m
0
o
50.0
MV Monitor (Heat)
c-o
50.0
MV Monitor (Cool) Used when the Unit is in heating and cooling control operation.
r-5
run
Run/Stop
secr
1
Security Any mode marked with "X" in the following table is not displayed on the menu when this parameter is set to "0" to "3." Mode 0 Calibration Option Expansion Setup Level 2 Level 1, 0 Set value 1 x 2 x x x x 3 x x x x x 4 x x x x x x
The Unit will be in only level 0 mode and the menu will not be available when this parameter is set to "4" to "6." Only the "PV/SP monitor" and "set point" parameter can be used when this parameter is set to "5." Only the "PV/SP monitor" parameter can be used when this parameter is set to "6." A/M Key Protect Invalidate the function of the A/M Key.
keyp
off
MV Manual
3 8. 8
16.0
Process value Manipulated variable
MANU indicator
I-74
Digital Controller E5CK
Level 1 Mode
at
off Set Point 0 Used with multi-SP function. AT Execute/Cancel
sp-0
0
sp-1
0
Set Point 1 Used with multi-SP function.
al-1
0
Alarm Value 1 Available only when the alarm output function of the Controller is selected.
al-2
0
Alarm Value 2 Available only when the alarm output function of the Controller is selected.
p
10.0
Proportional Band
i
233
Integral Time
d
40
Derivative Time
c-sc
1.00
Cooling Coefficient Used when the Controller is in heating and cooling control.
0.0
of-r
50.0
Manual Reset Value Available when the integral time parameter of the Controller in standard control is "0."
hys
0.10
Hysteresis (Heat) Available when the Controller is in ON/OFF control.
chys
0.10
Hysteresis (Cool) Available when the Controller is in ON/OFF control in heating and cooling control.
cp
20
Control Period (Heat) Available when the Controller has a relay or voltage output, or is in advanced PID control.
c-cp
20
Control Period (Cool) Available when the Controller has a relay or voltage output, or is in advanced PID control in heating and cooling control.
Digital Controller
E5CK
I-75
Temperature Controller
c-db
Dead Band Used when the Controller is in heating and cooling control.
Level 2 Mode
r-l
lcl
Remote/Local Used for the communications function.
spru
m
SP Ramp Time Unit
sprt
0
SP Ramp Set Value
lba
0
LBA Detection Time Available only when the LBA (loop break alarm) function of the Controller is selected.
mU-s
0.0
MV at Stop
mU-e
0.0
MV at PV Error
ol-h
105.0
MV Upper Limit
MV Lower Limit
ol-l
-5.0
orl
0.0
MV Change Rate Limit
inf
0
Input Digital Filter
alh1
0.02
Alarm 1 Hysteresis Available only when the Controller has an alarm output.
alh2
0.02
Alarm 2 Hysteresis Available only when the Controller has an alarm output.
insh
0.0
Input Shift Upper Limit Available if the input type connected to the Controller is a thermocouple or platinum resistance thermometer. Input Shift Lower Limit Available if the input type connected to the Controller is a thermocouple or platinum resistance thermometer.
insl
0.0
I-76
Digital Controller E5CK
Setup Mode
in-t
2
Input Type Codes are used to determine the input types connected to terminals 6 to 8.
in-h
100
Scaling Upper Limit Used if the input type connected to the Controller is an analog input (voltage or current input).
in-l
0
Scaling Lower Limit Used if the input type connected to the Controller is an analog input (voltage or current input).
dp
0
Decimal Point Used if the input type connected to the Controller is an analog input (voltage or current input).
d-u
c
C/F Selection Used if the input type connected to the Controller is a temperature input (thermocouple or platinum resistance thermometer). Parameter Initialize
init
no
out1
heat
Control Output 1 Assignment Enables the Controller to have heating control, cooling control, alarm 1, alarm 2, alarm 3, and LBA (loop break alarm) outputs. Control Output 2 Assignment Enables the Controller to have heating control, cooling control, alarm 1, alarm 2, alarm 3, and LBA (loop break alarm) outputs. Auxiliary Output 1 Assignment Enables the Controller to have alarm 1, alarm 2, alarm 3, LBA (loop break alarm), error 1, and error 2 outputs. Alarm 1 Type Available only when the Controller has an alarm output (see the table on the next page).
Temperature Controller
out2
al-1
sub1
al-2
alt1
2
al1n
n-o
Alarm 1 Open in Alarm
alt2
2
Alarm 2 Type
Alarm 2 Open in Alarm
al2n
n-o
oreU
or-r
Direct/Reverse Operation
Digital Controller
E5CK
I-77
Switch setting 1
Alarm operation When X is positive Upper- and lower-limit alarm (deviation)
ON OFF SP
Alarm output When X is negative Always ON
X
X
2
Upper-limit alarm (deviation)
ON OFF SP
X
ON OFF
X
SP
3
Lower-limit alarm (deviation)
ON OFF
X
SP
ON OFF SP
X
4
Upper- and lower-limit range alarm (deviation)
ON OFF
X
SP
X
Always OFF
5
Upper- and lower-limit alarm with standby sequence (deviation) Upper-limit alarm with standby sequence (deviation) Lower-limit alarm with standby sequence (deviation) Absolute-value upper-limit alarm
ON OFF
X
SP
X
Always OFF
6
ON OFF SP
X
ON OFF
X
SP
7
ON OFF
X
SP
ON OFF SP
X
8
ON OFF 0
X
ON OFF
X 0
9
Absolute-value lower-limit alarm
ON OFF 0
X
ON OFF
X 0
10
Absolute-value upper-limit alarm with standby sequence Absolute-value lower-limit alarm with standby sequence
ON OFF 0
X
ON OFF
X 0
11
ON OFF 0
X
ON OFF
X 0
I-78
Digital Controller E5CK
Expansion Mode
sl-h
1300 SP Setting Upper Limit
sl-l
-200
SP Setting Lower Limit
cntl
pid
PID/ON/OFF
st
off
ST Available if the Controller in standard control or advanced PID control has a temperature input.
st-b
15.0
ST Stable Range Available if the Controller in standard control or advanced PID control with the ST set to ON has a temperature input. Available if the Controller is in advanced PID control with the ST set to OFF.
alfa
0.65
at-g
1.0
AT Calculated Gain Available if the Controller is in advanced PID control with the ST set to OFF.
rset
0
Standby Sequence Reset Method
ret
1
Automatic Return of Display Mode
at-h
0.2
AT Hysteresis Available if the Controller is in advanced PID control with the ST set to OFF.
lbab
0.2
LBA Detection Width Available only when the LBA (loop break alarm) function of the Controller is selected.
Digital Controller
E5CK
I-79
Temperature Controller
Option Mode
eU-m
0
Multi-SP Function Available for the event input function.
eU-1
stop
Event Input Assignment 1 Available for the event input function.
sbit
2
Communication Stop Bit Used when the communications function is being used.
len
7
Communication Data Length Used when the communications function is being used.
prty
eUen
Communication Parity Used when the communications function is being used.
bps
96
Communication Baud Rate Used when the communications function is being used.
u-no
0
Communication Unit No. Used when the communications function is being used.
tr-t
sp
Transfer Output Type Set when the transfer output function is being used.
tr-h
1300
Transfer Output Upper Limit Set when the transfer output function is being used.
tr-l
-200
Transfer Output Lower Limit Set when the transfer output function is being used.
I-80
Digital Controller E5CK
I How to Use the Error Display
When an error has occurred, the No.1 display alternately indicates error codes together with the current display item. This section describes how to check error codes on the display, and the actions that must be taken to remedy the problem.
Input Error
Meaning Action Operation at Error Input is in error. Check the wiring of inputs, disconnections, and shorts, and check the input type and the input type jumper connector. For control output functions, output the manipulated variable matched to the setting of the "MV at PV error" parameter (level 2 mode). Alarm output functions are activated when the upper limit is exceeded.
Memory Error
Meaning Action Internal memory operation is in error First, turn the power OFF then back ON again. If the display remains the same, the E5CK Controller must be repaired. If the display is restored to normal, the probable cause may be external noise affecting the control system. Check for external noise. Control output functions turn OFF (2 mA max. at 4 to 20 mA output, and output equivalent to 0% in case of other outputs). Alarm output functions turn OFF.
Operation at Error
A/D Converter Error
Meaning Action Internal circuits are in error. First, turn the power OFF then back ON again. If the display remains the same, the E5CK Controller must be repaired. If the display is restored to normal, the probable cause may be external noise affecting the control system. Check for external noise. Control output functions turn OFF (2 mA max. at 4 to 20 mA output, and output equivalent to 0% in case of other outputs). Alarm output functions turn OFF.
Operation at Error
Calibration Data Error
This error is output only during temperature input and is displayed for two seconds when the power is turned ON. Meaning Action Operation at Error Calibration data is in error. Must repair. Both control output functions and alarm output functions are active. However, note that the readout accuracy is not assured.
Meaning
Though not an error, this is displayed when the process value exceeds the display range when the control range (setting range 10%) is larger than the display range (-1999 to 9999). * When less than "-1999"
Operation
* When greater than "9999" Control continues, allowing normal operation.
Digital Controller
E5CK
I-81
Temperature Controller
Display Range Over
I Fuzzy Self-tuning
Fuzzy self-tuning is a function that enables the E5CK to calculate the most suitable PID constants for the controlled object.
PID Constant Refreshing Conditions
If the step control amount is applied before the maximum temperature slope (R) is obtained, SRT will not renew any PID constant. If the proportional band obtained from the R and L values that were measured before the imposition had been completed is larger than the present proportional band, the PID constants will be renewed because the measured value is in the direction towards the suitable proportional band value, and the set point at that time will be the SRT-executed set point.
Slope (R) Temperature SP Stable range
Features
* The E5CK determines by itself when to perform fuzzy self-tuning.
Fuzzy Self-tuning Function
The fuzzy self-tuning function has three modes. In SRT (step response tuning) mode, the PID constants are tuned using a step response method at the time the set point is changed. In DT (disturbance tuning) mode, the PID constants are amended so that the controlled temperature will be within the target range set in advance when there is external disturbance. In HT (hunting tuning) mode, when hunting occurs, the PID constants are amended to suppress the hunting. Note: Be sure to turn on the power supply to the load either before or simultaneously with the start of Temperature Controller operation. Dead time will be measured from the time the Temperature Controller starts operating. If a load such as a heater is turned on after the Temperature Controller is turned on, dead time longer than the actual value will be measured and inappropriate PID constants will be obtained. If an extremely large amount of dead time is measured, the control amount will be set to 0% for a short period of time before being returned to 100%, and the constants will then be retuned. Retuning is performed only for large amounts of dead time, so be sure to follow the precaution given above when starting operation.
Time
Stable Temperature Status
If the temperature is within the stable range for a certain time, it is deemed that the temperature is stable. This time is called stability judgement time. Like PID constants, stability judgement time is adjusted with fuzzy self-tuning according to the characteristics of the object to be controlled. Fuzzy self-tuning will not be activated if the temperature is stable because the Temperature Controller deems that temperature control is smooth.
Shorter than the stability judgement time
Stable range Stable range (Set to 15.0C before shipping)
Startup Conditions of SRT
SRT will start if the following conditions are satisfied simultaneously when the E5CK is turned on or the set point is changed. At the time the E5CK starts operating At the time set point is changed
Set point
1. The set point at the time the 1. The new set point is different from the set point used at the E5CK starts operating is diftime SRT was last executed ferent from the set point used (see note). at the time SRT was last executed (see note). 2. The process value is in stable condition before the set point 2. The process value at the time is changed. the E5CK starts operating is smaller than the set point in 3. A larger set point value is set reverse operation and larger in reverse operation and a than the set point in normal smaller set point is set in noroperation. mal operation. Note: The last SRT-executed set point is set to 0 before shipping and when changing from advanced PID control to advanced PID control with fuzzy self-tuning.
Stability judgement time
Stable
Stable
Balanced Status
If the process value is within the stable range for 60 s when there is no output, it is deemed that the temperature is balanced.
Startup Conditions of DT
1. DT will start if the temperature that has been stable varies due to external disturbance and the deflection of the temperature exceeds the stable range, and then the temperature becomes stable, provided that the number of maximum temperature values is less than four. 2. DT will start if the set point is changed under the condition that SRT does not start and the temperature becomes stable, provided that the number of maximum temperature values is less than four. If there are four or more maximum temperature values, HT will start.
Extreme value 2 Temperature SP Set point change
Extreme value 1
Time
I-82
Digital Controller E5CK
Startup Conditions of HT
HT will be ON when there is hunting with four or more maximum temperature values (extreme values) while SRT is not being executed.
Extreme value 2 Temperature SP Extreme value 4
Extreme value 1
Extreme value 3
Time
Note: In specific applications where temperature varies periodically due to disturbance, internal parameters need to be adjusted. For details, refer to the E5CK User's Manual.
Digital Controller
E5CK
I-83
Temperature Controller
Precautions
I Period and Scope of Guarantee
Unit with Standard Specifications
Scope of Guarantee
Should the Unit malfunction during the guarantee period, OMRON shall repair the Unit or replace any parts of the Unit at the expense of OMRON. The above does not apply in the following cases. 1. Any malfunction of the Unit due to the incorrect use or improper handling of the Unit. 2. Any malfunction of the Unit not originating from the Unit. 3. Any malfunction of the Unit due to a modification of the Unit or repairs to the Unit carried out by any person not authorized by OMRON. 4. Any malfunction of the Unit due to any natural disaster. OMRON shall not be responsible for any damage or loss induced by any malfunction of the Unit.
Bottom
Three-year Guarantee
Period of Guarantee
The guarantee period of the Unit is three years starting from the date the Unit is shipped from the factory.
Scope of Guarantee
The Unit is guaranteed under the following operating conditions. 1. Average Operating Temperature (see note): -10C to 50C 2. Mounting Method: Standard mounting
Top
Note: Average Operating Temperature Refer to the process temperature of the Unit mounted to a control panel and connected to peripheral devices on condition that the Unit is in stable operation, sensor input type K is selected for the Unit, the positive and negative thermocouple input terminals of the Unit are short-circuited, and the ambient temperature is stable. Should the Unit malfunction during the guarantee period, OMRON shall repair the Unit or replace any parts of the Unit at the expense of OMRON. The above does not apply in the following cases. 1. Any malfunction of the Unit due to the incorrect use or improper handling of the Unit. 2. Any malfunction of the Unit not originating from the Unit. 3. Any malfunction of the Unit due to a modification of the Unit or repairs to the Unit carried out by any person not authorized by OMRON. 4. Any malfunction of the Unit due to any natural disaster. OMRON shall not be responsible for any damage or loss induced by any malfunction of the Unit.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527. Cat. No. H079-E1-05 In the interest of product improvement, specifications are subject to change without notice.
I-84
Digital Controller E5CK


▲Up To Search▲   

 
Price & Availability of E5CK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X