Part Number Hot Search : 
UF4002 PAD50 01110 N5227 68HC908G P3302 R010020 TIP122F
Product Description
Full Text Search
 

To Download CW20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tubular Cement Coated Wirewound Resistors
CW Series
Welwyn Components
* * * * *
Forced air cooling to 90 watts All welded construction Flameproof protection Suitable for automotive application Weldable terminations
Electrical Data
CW10 Power rating at 25C Resistance range Limiting element voltage TCR 20 - 70C Resistance tolerance (Code) Standard values Thermal impedance Ambient temperature range C/watt C 23 -55 to +280 watts ohms volts ppm/C % 10 0.35 to 6K 250 150 5 (J), 10 (K) E24 11 Other values available CW20 20 0.3 to 18K 600 Notes
Physical Data
Dimensions (mm) Type L 0.75 CW10 34.25 CW20 41.75 D max. 12.00 22.50 T 0.15 5.00 5.00 6.35 0.2 13.00 0.35 14.00 22.00 0.361 5
L d D T E
d
A max. 9.00
B max. 16.50
E nom. 0.361
F min. 6
F A B
Construction
Precision stainless steel collars are welded onto a high purity ceramic tube. The wire element is wound onto the ceramic tube using controlled tension for optimum performance. Electrical connections are welded to ensure good electrical stability and high reliability. The resistors are coated with flameproof cement which provides electrical, mechanical and climatic protection. Finally all components are legend marked with indelible ink.
Marking
All components are legend marked with type reference, resistance value and tolerance. Special custom marking is available by negotiation.
Solvent Resistance
The marking and protection will withstand all commonly used industrial cleaning fluids suitable for electronic components.
Terminations
Material The terminations are produced from top quality stainless steel for maximum corrosion resistance.
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn's own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc Issue C * 04.03
(c) Welwyn Components Limited * Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com
119
Tubular Cement Coated Wirewound Resistors
CW Series
Welwyn Components
Performance Data
Maximum Load: 1000 hours at 25C Derating from rated power at 25C Short term overload Climatic Temperature rapid change R% R% R% R% R% 5 5 1 5 Zero at 280C 1 1 0.5 5 x Power rating for 10 seconds Tested to BS 40201-002 Tested to BS 40201-002 Typical 2 Notes
Application Notes
If air cooling of these components is employed the power handling capability is increased substantially. The graphs below are intended as a guide and testing by the user is recommended. Graph 1 CW 10 Temperature rise ventilated
Temperature rise over ambient C 300 250 200 150 100 50 0 0 10 20 30 40 50 Power watts
Cu Ft / min
No flow 500 1000
Graph 2 CW 20 Temperature rise ventilated
Temperature rise over ambient C 300 250 200 150 100 50 0 0 10 20 30 40 50 Power watts 60 70 80 90 100
Cu Ft / min
No flow 500 1000
Packaging
Components are packed in custom designed trays and boxes for maximum protection during transit and ease of use by the customer.
Standard Quantities Per Box
Type Box Shipping box CW10 400 4000 CW20 150 1500
(c) Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com 120
Issue C * 04.03


▲Up To Search▲   

 
Price & Availability of CW20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X