Part Number Hot Search : 
45800 M2532 WT78L08K 050650 03000 74S424 WT78L08K C330K
Product Description
Full Text Search
 

To Download C0603C15311RAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product Release
Surface Mount Ceramic Chip Capacitors Extended Values 0603, X7R Dielectric, 100 & 200 Volts
100 Volts - 12,000 pF - 39,000 pF 200 Volts - 1,200 pF - 10,000 pF
Outline Drawings
Table 1 - Dimensions - Millimeters
EIA Metric Size Size Code Code (Ref) 0603* 1608 L# Length 1.6 (.063) 0.15 (.006) W# Width 0.8 (.032) 0.15 (.006) Thickness See Table 2 B Bandwidth 0.35 (.014) 0.15 (.006) S Min. Separation 0.7 (.028) Mounting Technique Solder Wave or Solder Reflow
Table 2 - Ratings & Part Number Listing
Cap Values 12,000pF 15,000pF 18,000pF 22,000pF 27,000pF 33,000pF 39,000pF 1,200pF 1,500pF 1,800pF 2,200pF 2,700pF 3,300pF 3,900pF 4,700pF 5,600pF 6,800pF 8,200pF 10,000pF KEMET Part Number C0603C123(1)1RAC C0603C153(1)1RAC C0603C183(1)1RAC C0603C223(1)1RAC C0603C273(1)1RAC C0603C333(1)1RAC C0603C393(1)1RAC C0603C122(1)2RAC C0603C152(1)2RAC C0603C182(1)2RAC C0603C222(1)2RAC C0603C272(1)2RAC C0603C332(1)2RAC C0603C392(1)2RAC C0603C472(1)2RAC C0603C562(1)2RAC C0603C682(1)2RAC C0603C822(1)2RAC C0603C103(1)2RAC Capacitance Tolerance J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M J,K,M Thickness - mm 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 Qty 7" Reel 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 Qty 13" Reel 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000
To complete the KEMET part number, insert capacitance tolerance: J - 5%, K - 10% or M 20%.
F3272 02/05
Electrical Parameters
As detailed in the KEMET Surface Mount Catalog F3102 for X7R, with following specific requirements based on room temperature (25C) parameters: * Operating Range: -55C to +125C, with no-bias capacitance shift limited to 15% over that range * Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25C: Limit is 1000 megohm microfarads or 100 gigohms, whichever is less. * Capacitance and Dissipation Factor (DF) measured at 1KHz at 1.0Vrms. 25 Volts - DF Limit is 3.5% >25 Volts - DF Limit is 2.5%.
Soldering Process
Wave soldering or reflow soldering is acceptable for these chips.
Marking
These chips are normally supplied unmarked. If required, they can be laser marked as an extra cost option. More detail on the marking format is included in our Surface Mount Catalog F3102.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog.
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 * (864) 963-6300 * www.kemet.com


▲Up To Search▲   

 
Price & Availability of C0603C15311RAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X