Part Number Hot Search : 
TMEGA1 THC63 AD790 1655I 107M0 TSOP1240 02006 TC4051
Product Description
Full Text Search
 

To Download BSP317P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary data
BSP 317 P
SIPMOS Small-Signal-Transistor
Feature * P-Channel * Enhancement mode * Logic Level * dv/dt rated
Product Summary VDS R DS(on) ID -250 4 -0.43
SOT-223
Drain pin 2/4 Gate pin1 Source pin 3
2 1
VPS05163
V A
4
3
Package BSP 317 P SOT-223
Type
Ordering Code Q67042-S4167
Tape and Reel Information -
Marking BSP317P
Maximum Ratings, at Tj = 25 C, unless otherwise specified Parameter Continuous drain current
TA=25C TA=70C
Symbol ID
Value -0.43 -0.34
Unit A
Pulsed drain current
TA=25C
ID puls dv/dt VGS Ptot Tj , Tstg
-1.72 6 20 1.8 -55... +150 55/150/56 kV/s V W C
Reverse diode dv/dt
IS =-0.43A, VDS =-200V, di/dt=-200A/s, Tjmax =150C
Gate source voltage Power dissipation
TA=25C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Page 1
2002-07-17
Preliminary data Thermal Characteristics Parameter Characteristics Symbol min. Values typ.
BSP 317 P
Unit max.
Thermal resistance, junction - soldering point (Pin 4) SMD version, device on PCB:
@ min. footprint @ 6 cm 2 cooling area 1)
RthJS RthJA
-
15
25
K/W
-
80 48
115 70
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage
VGS =0, ID=-250A
Symbol min. V(BR)DSS VGS(th) IDSS IGSS RDS(on) RDS(on) -250 -1
Values typ. -1.5 max. -2
Unit
V
Gate threshold voltage, VGS = VDS
ID =-370A
Zero gate voltage drain current
VDS =-250V, VGS =0, Tj =25C VDS =-250V, VGS =0, Tj =150C
A -0.1 -10 -10 3.3 3 -0.2 -100 -100 5 4 nA
Gate-source leakage current
VGS =-20V, VDS =0
Drain-source on-state resistance
VGS =-4.5V, ID =-0.39A
Drain-source on-state resistance
VGS =-10V, ID =-0.43A
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air.
Page 2
2002-07-17
Preliminary data
BSP 317 P
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Dynamic Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg
VDD =-200V, ID=-0.43A, VGS =0 to -10V VDD =-200V, ID=-0.43A
Symbol
Conditions min.
Values typ. 0.76 210 30 13.4 5.7 11.1 254 67 max. 262 37 16.7 8.5 16.6 381 100
Unit
gfs Ciss Coss Crss td(on) tr td(off) tf
|VDS|2*|ID |*RDS(on)max , ID =-0.34A VGS =0, VDS =-25V, f=1MHz
0.38 -
S pF
VDD =-30V, VGS=-10V, ID =-0.43A, RG =6
ns
-
-0.5 -4 -11.6 -2.8
-0.65 nC -5.2 -15.1 V
V(plateau) VDD =-200V, ID=-0.43A
Reverse Diode Inverse diode continuous forward current Inv. diode direct current, pulsed ISM Inverse diode forward voltage VSD Reverse recovery time trr Reverse recovery charge Qrr
VGS =0, IF =-0.43A VR =-125V, IF =lS , diF /dt=100A/s
IS
TA=25C
-
-0.84 92 210
-0.43 A -1.72 -1.2 138 315 V ns nC
Page 3
2002-07-17
Preliminary data
BSP 317 P
1 Power dissipation Ptot = f (TA )
1.9
BSP 317 P
2 Drain current ID = f (TA ) parameter: |VGS | 10V
-0.5
BSP 317 P
W
1.6
A
-0.4 1.4 -0.35
Ptot
ID
20 40 60 80 100 120
1.2 1 0.8 0.6 0.4 0.2 0 0
-0.3 -0.25 -0.2 -0.15 -0.1 -0.05 0 0
C
160
20
40
60
80
100
120
C
160
TA
TA
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TA = 25C
-10
1 BSP 317 P
4 Transient thermal impedance ZthJA = f (tp ) parameter : D = tp /T
10 2
BSP 317 P
K/W A
tp = 140.0s
10 1
-10 0
D
Z thJA
/I
ID
on )
=
V
DS
1 ms
10 0
-10 -1
DS (
10 ms
10 -1 D = 0.50 0.20 10
-2
R
0.10 0.05
-10 -2 DC 10 -3 single pulse
0.02 0.01
-10 -3 -1 -10
-10
0
-10
1
-10
2
V
-10
3
10 -4 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
VDS
Page 4
tp
2002-07-17
Preliminary data
BSP 317 P
5 Typ. output characteristic ID = f (VDS ) parameter: Tj =25C, -VGS
1.6
6 Typ. drain-source on resistance RDS(on) = f (ID ) parameter: VGS ; Tj =25C, -VGS
10
RDS(on)
-I D
10V A 5V 4.4V 3.6V 3.2V 1.2 2.8V 2.4V 1 2.2V
0.8
8 7 6 5 4 3
2.2V 2.4V 2.8V 3.2V 3.6V 4.4V 5V 10V
0.6
0.4 2 0.2 1 0 0
0 0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
0.2
0.4
0.6
0.8
1
1.2
A
1.6
-VDS
-ID
7 Typ. transfer characteristics ID= f ( VGS ); |VDS| 2 x |ID | x RDS(on)max parameter: Tj = 25 C
1.6
8 Typ. forward transconductance gfs = f(ID) parameter: Tj =25C
1.4
S
A
1.2 1.1 1.2 1
-I D
g fs
V
1
0.9 0.8
0.8
0.7 0.6
0.6
0.5 0.4
0.4 0.3 0.2 0.2 0.1 0 0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.6 0 0 0.2 0.4 0.6 0.8 1 1.2
A
1.6
-VGS
Page 5
-ID
2002-07-17
Preliminary data
BSP 317 P
9 Drain-source on-state resistance RDS(on) = f (Tj ) parameter : ID = -0.43 A, VGS = -10 V
11
BSP 317 P
10 Typ. gate threshold voltage VGS(th) = f (Tj) parameter: VGS = VDS
2.4
9
V
98%
2
RDS(on)
8 7 6
VGS(th)
1.8
typ.
1.6 1.4 1.2
2%
5 4 3 2 1 0 -60 -20 20
98%
1 0.8 typ 0.6 0.4 0.2 60 100
C
180
0 -60
-20
20
60
100
C
160
Tj
Tj
11 Typ. capacitances C = f (VDS) parameter: VGS =0, f=1 MHz, Tj = 25C
10
3
12 Forward character. of reverse diode IF = f (VSD ) parameter: Tj
-10 1
BSP 317 P
pF
Ciss
A
10 2
-10 0
C
Coss Crss
10 1
IF
-10 -1 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) -10 -2 0
10 0 0
4
8
12
16
20
24
28
V
36
-0.4
-0.8
-1.2
-1.6
-2
-2.4 V
-3
-VDS
Page 6
VSD
2002-07-17
Preliminary data
BSP 317 P
13 Typ. gate charge VGS = f (QGate) parameter: ID = -0.43 A pulsed, Tj = 25C
-16
V
BSP 317 P
14 Drain-source breakdown voltage V(BR)DSS = f (Tj )
BSP 317 P
-300
V
-12
V(BR)DSS
20% 50% 80% nC
-285 -280 -275 -270 -265 -260
VGS
-10
-8
-6
-255 -250
-4
-245 -240 -235 -230
-2
0 0
2
4
6
8
10
12
14
18
-225 -60
-20
20
60
100
C
180
|Q G|
Tj
Page 7
2002-07-17
Preliminary data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer.
BSP 317 P
Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 8
2002-07-17


▲Up To Search▲   

 
Price & Availability of BSP317P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X