Part Number Hot Search : 
0100C NAL25 500ET MAX3461 BAR28 0271K R47M1 2500W
Product Description
Full Text Search
 

To Download BD546 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD546, BD546A, BD546B, BD546C PNP SILICON POWER TRANSISTORS

Designed for Complementary Use with the BD545 Series 85 W at 25C Case Temperature 15 A Continuous Collector Current Customer-Specified Selections Available
C B
SOT-93 PACKAGE (TOP VIEW) 1
2
E
3 Pin 2 is in electrical contact with the mounting base.
MDTRAAA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING BD546 Collector-base voltage (IE = 0) BD546A BD546B BD546C BD546 Collector-emitter voltage (IB = 0) (see Note 1) BD546A BD546B BD546C Emitter-base voltage Continuous collector current Continuous device dissipation at (or below) 25C case temperature (see Note 2) Continuous device dissipation at (or below) 25C free air temperature (see Note 3) Operating free air temperature range Operating junction temperature range Storage temperature range Lead temperature 3.2 mm from case for 10 seconds NOTES: 1. These values apply when the base-emitter diode is open circuited. 2. Derate linearly to 150C case temperature at the rate of 0.68 W/C. 3. Derate linearly to 150C free air temperature at the rate of 28 mW/C. VEBO IC Ptot Ptot TA Tj Tstg TL VCEO V CBO SYMBOL VALUE -40 -60 -80 -100 -40 -60 -80 -100 -5 -15 85 3.5 -65 to +150 -65 to +150 -65 to +150 260 V A W W C C C C V V UNIT
JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
1
BD546, BD546A, BD546B, BD546C PNP SILICON POWER TRANSISTORS
electrical characteristics at 25C case temperature
PARAMETER Collector-emitter breakdown voltage TEST CONDITIONS BD546 V(BR)CEO IC = -30 mA (see Note 4) VCE = -40 V ICES Collector-emitter cut-off current Collector cut-off current Emitter cut-off current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter voltage Small signal forward current transfer ratio Small signal forward current transfer ratio VCE = -60 V VCE = -80 V VCE = -100 V ICEO IEBO VCE = -30 V VCE = -60 V VEB = VCE = VCE = VCE = IB = VCE = -5 V -4 V -4 V -4 V -2 A -4 V VBE = 0 VBE = 0 VBE = 0 VBE = 0 IB = 0 IB = 0 IC = 0 IC = IC = IC = -1 A -5 A -5 A (see Notes 4 and 5) 60 25 10 (see Notes 4 and 5) (see Notes 4 and 5) f = 1 kHz f = 1 MHz 20 3 -0.8 -1 -1.8 V V IB = 0 BD546A BD546B BD546C BD546 BD546A BD546B BD546C BD546/546A BD546B/546C MIN -40 -60 -80 -100 -0.4 -0.4 -0.4 -0.4 -0.7 -0.7 -1 mA mA mA V TYP MAX UNIT
hFE
IC = -10 A IC = -10 A IC = -10 A IC = -0.5 A IC = -0.5 A
V CE(sat) VBE hfe
IB = -625 mA
VCE = -10 V VCE = -10 V
|hfe |
NOTES: 4. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 5. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
thermal characteristics
PARAMETER RJC RJA Junction to case thermal resistance Junction to free air thermal resistance MIN TYP MAX 1.47 35.7 UNIT C/W C/W
resistive-load-switching characteristics at 25C case temperature
PARAMETER ton toff
TEST CONDITIONS IC = -6 A VBE(off) = 4 V IB(on) = -0.6 A RL = 5
MIN IB(off) = 0.6 A tp = 20 s, dc 2%
TYP 0.4 0.7
MAX
UNIT s s
Turn-on time Turn-off time
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
2
JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
BD546, BD546A, BD546B, BD546C PNP SILICON POWER TRANSISTORS
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
1000 VCE = -4 V TC = 25C tp = 300 s, duty cycle < 2%
TCS634AJ
COLLECTOR-EMITTER SATURATION VOLTAGE vs BASE CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V -10
TCS634AB
IC = IC = IC = IC = -1*0
-1 A -3 A -6 A -10 A
hFE - DC Current Gain
100
10
-0*1
1 -0*1
-1*0 IC - Collector Current - A
-10
-0*01 -0*01
-0*1
-1*0
-10
IB - Base Current - A
Figure 1.
Figure 2.
BASE-EMITTER VOLTAGE vs COLLECTOR CURRENT
-1*6 VCE = -4 V TC = 25 C VBE - Base-Emitter Voltage - V -1*4
TCS634AC
-1*2
-1*0
-0*8
-0*6 -0*1
-1*0 IC - Collector Current - A
-10
Figure 3.
JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
3
BD546, BD546A, BD546B, BD546C PNP SILICON POWER TRANSISTORS
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
-100
SAS634AE
IC - Collector Current - A
-10
-1*0
-0*1 BD546 BD546A BD546B BD546C -10 -100 -1000
-0*01 -1*0
VCE - Collector-Emitter Voltage - V
Figure 4.
THERMAL INFORMATION
MAXIMUM POWER DISSIPATION vs CASE TEMPERATURE
100 Ptot - Maximum Power Dissipation - W
TIS633AC
80
60
40
20
0 0 25 50 75 100 125 150 TC - Case Temperature - C
Figure 5.
4
JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
BD546, BD546A, BD546B, BD546C PNP SILICON POWER TRANSISTORS
MECHANICAL DATA SOT-93 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
SOT-93 4,90 4,70 o 4,1 4,0 15,2 14,7 1,37 1,17
3,95 4,15
16,2 MAX. 12,2 MAX.
31,0 TYP.
18,0 TYP.
1 1,30 1,10
2
3 0,78 0,50 11,1 10,8 2,50 TYP.
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTE A: The centre pin is in electrical contact with the mounting tab. MDXXAW
JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
5


▲Up To Search▲   

 
Price & Availability of BD546

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X