Part Number Hot Search : 
25LF02 2N6028 GA3227 W34F3C 55PC0223 10125 ILD1615 SRAF590
Product Description
Full Text Search
 

To Download AME8820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AME, Inc.
AME8820
n General Description
The AME8820 family of positive, linear regulators feature low quiescent current (30A typ.) low dropout voltage and excellent PSRR, thus making them ideal for Telecommunications and other battery applications. The ultra-small CSP package is attractive for "Pocket" and "Hand Held" applications. These rugged devices have both Thermal Shutdown, and Current limit to prevent device failure under the Worst operating conditions. The AME8820 is stable with an output capacitance of 1F or larger.
High PSRR, CSP, 150mA CMOS LDO
n Functional Block Diagram
IN
Overcurrent Shutdown
OUT
Thermal Shutdown
EN R1 AMP
+
n Features
R2
l Very Low Dropout Voltage l Guaranteed 150mA Output l Accurate to within 1.0% l 30A Quiescent Current l Over-Temperature Shutdown l Current Limiting l Excellent PSRR (Typ. 65dB) l Power-Saving Shutdown Mode l Ultra-Small CSP Packages l Factory Pre-set Output Voltages l Low Temperature Coefficient l Input Voltage Range (2.5V - 5.5V) l All AME's Lead Free Products Meet RoHS Standards.
C1 1F IN
Vref GND
n Typical Application
IN
EN IN
OUT
AME8820
GND OUT
C2 1F
n Applications
l Cellular Phones l Instrumentation l Portable Electronics l Wireless Devices l Cordless Phones l PC Peripherals l Battery Powered Widgets l Cameras l Telecommunications
Rev.B.01
1
AME, Inc.
AME8820
n Pin Configuration
CSP-4 (4Bumps) Top View AME8820AENU 1. EN 2. IN
AME8820 (Place holder)
High PSRR, CSP, 150mA CMOS LDO
CSP-4 (4Bumps) Bottom View
4
3
3
4
3. OUT 4. GND
AME8820 (Place holder)
1
2
2
1
n Pin Description
Pin Number
1
Pin Name
EN
Pin Description
Enable pin. When pulled low, the PMOS pass transistor turns off, current consuming less than 1A. Input voltage pin. It should be decoupled with 1F or greater capacitor. LDO voltage regulator output pin. It should be decoupled with a 1F or greater value low ESR ceramic capacitor. Ground connection pin.
2
IN
3 4
OUT GND
2
Rev.B.01
AME, Inc.
AME8820
n Ordering Information AME8820 x x x x xxx x
Special Feature Output Voltage Number of Bumps Package Type Operating Ambient Temperature Range Pin Configuration
Operating Ambient Temperature Range E: -40OC to 85OC Number of Bumps U: 4
High PSRR, CSP, 150mA CMOS LDO
Pin Configuration A: 1. EN 2. IN 3. OUT 4. GND
Package Type N: CSP
Output Voltage 120: 130: 150: 180: 200: 250: 280: 285: 300: 330: V=1.2V V=1.3V V=1.5V V=1.8V V=2.0V V=2.5V V=2.8V V=2.85V V=3.0V V=3.3V
Special Feature
Z: Lead free
(CSP) (4Bumps)
Rev.B.01
3
AME, Inc.
AME8820
n Ordering Information
Part Number
AME8820AENU120Z AME8820AENU130Z AME8820AENU150Z AME8820AENU180Z AME8820AENU200Z AME8820AENU250Z AME8820AENU280Z AME8820AENU285Z AME8820AENU300Z AME8820AENU330Z
High PSRR, CSP, 150mA CMOS LDO
Marking*
Aw Iw Bw Cw Ew Fw Gw Jw Hw Dw
Output Voltage
1.2V 1.3V 1.5V 1.8V 2.0V 2.5V 2.8V 2.85V 3.0V 3.3V
Package
CSP-4 (4 Bumps) CSP-4 (4 Bumps) CSP-4 (4 Bumps) CSP-4 (4 Bumps) CSP-4 (4 Bumps) CSP-4 (4 Bumps) CSP-4 (4 Bumps) CSP-4 (4 Bumps) CSP-4 (4 Bumps) CSP-4 (4 Bumps)
Operating Ambient Temperature Range
- 40oC to 85oC - 40oC to 85oC - 40oC to 85oC - 40oC to 85oC - 40oC to 85oC - 40oC to 85oC - 40oC to 85oC - 40oC to 85oC - 40oC to 85oC - 40oC to 85oC
Note: w represent the date code and pls refer to Date Code Rule page on Package Dimension. * A circle on top represents Pin1 & CSP 4Bumps package. Please consult AME sales office or authorized Rep./Distributor for the availability of package type.
4
Rev.B.01
AME, Inc.
AME8820
n Absolute Maximum Ratings
Parameter
Input Voltage Output Current Output Voltage ESD Classification
High PSRR, CSP, 150mA CMOS LDO
Maximum
6 PD / (V IN - VOUT) GND - 0.3 to VIN + 0.3 B*
Unit
V mA V
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device * HBM B: 2000V ~ 3999V
n Recommended Operating Conditions
Parameter
Ambient Temperature Range Junction Temperature Range Storage Temperature Range
Symbol
TA TJ TSTG
Rating
- 40 to 85 - 40 to 125 - 65 to 150
Unit
o
C C C
o
o
n Thermal Information
Parameter
Thermal Resistance (Junction to Ambient) Internal Power Dissipation Solder Iron (10 Sec)*
Package
CSP-4 (4 Bumps)
Die Attach Symbol Maximum
Conductive Epoxy JA PD 360
Unit
o
C/W
400 350
mW
o
C
* MIL-STD-202G 210F
Rev.B.01
5
AME, Inc.
AME8820
n Electrical Specifications
VIN=VOUT(Typ)+1V, IOUT=1mA, VEN=VIN, TJ = -40OC to 125OC,CIN=COUT=1F, unless otherwise noted
Parameter Input Voltage Output Voltage Accuracy Symbol VIN VOUT IOUT = 1mA, TA = 25 C IOUT = 1mA, TJ = -40oC to 125oC VOUT(Ty p) = 3.3V VOUT(Ty p) = 3.0V IOUT = 150mA Dropout Voltage VDROPOUT VOUT = VOUT(Ty p) - 2%* VOUT(Ty p) TA = 25oC VOUT(Ty p) = 2.85V VOUT(Ty p) = 2.8V VOUT(Ty p) = 2.5V VOUT(Ty p) = 2.0V VOUT(Ty p) < 2.0V Current Limit Short Circuit Current Quiescent Current ILIM ISC IQ VOUT = 0.9 VOUT (Ty p) VOUT = 0V 1mA <= IOUT <= 150mA VOUT > 1.8V Line Regulation (See Note 1) REGLINE VIN = VOUT + 0.5V to 5.5V 1.2V <= VOUT <= 1.8V VIN = 2.5V to 5.5V VOUT >= 2.5V VIN = VOUT + 1V IOUT = 1mA to 150mA 1.8V < VOUT < 2.5V Load Regulation (See Note 2) REGLOAD VIN = VOUT + 1V IOUT = 1mA to 150mA 1.2V <= VOUT <= 1.8V VIN = 2.5V IOUT = 1mA to 150mA Over Temperature Shutdown Over Temperature Hysterisis OTS OTH TA = 25 C TJ = -40oC to 125oC TA = 25 C TJ = -40oC to 125oC TA = 25oC TJ = -40oC to 125oC TA = 25oC TJ = -40oC to 125oC TA = 25oC TJ = -40oC to 125oC
o o o
High PSRR, CSP, 150mA CMOS LDO
Test Condition
Min 2.5 -1.5 -3
Typ
Max 5.5 1.5 3
Units V %
125 140 150 150 180
200 210 230 230 250 500 mV
VIN(min)=2.5V 400 200 30 -0.25 -0.4 -0.6 -1.0 -0.02 -0.03 -0.03 -0.04 -0.04 -0.05 150 25 0.015 0.002 0.001 0.3 0.1 50 0.25 0.4 0.6 1.0 0.02 0.03 0.03 0.04 0.04 0.05
o o
600
mA mA A
%/V
%/mA
C C
6
Rev.B.01
AME, Inc.
AME8820
n Electrical Specifications
Parameter Symbol Test Condition IOUT = 1mA VOUT Temperature Coefficient TC VOUT > 1.8V VIN = VOUT + 1V 1.2V <= VOUT <= 1.8V VIN = 2.5V VOUT >= 2.5 VIN = VOUT + 1V IOUT = 100mA, Power Supply Rejection PSRR COUT = 4.7F, Freq.= 1KHz 1.8V <= VOUT < 2.5V VIN = VOUT + 1V 1.2V <= VOUT < 1.8V VIN = 2.5V Enable Input Threshold Voltage Enable Input Bias Current Shutdown Supply Current VENH VENL IEN ISD 2.5V <= VIN <= 5.5V VIN = 5V, EN = 0V or 5V VIN = 5V, VEN = 0V 1.4 0.3 0.1 0.5 1 1 65 30 ppm/oC Min Typ Max Units
High PSRR, CSP, 150mA CMOS LDO
60
dB
65 V V A A
Vout x 100% Vin Note 1: Line Regulation = Vout
Vout x100% Vout Note 2: Load Regulation = I (mA)
Rev.B.01
7
AME, Inc.
AME8820
n Detailed Description
The AME8820 family of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-current protection, and thermal shutdown. The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal protection circuits. During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current and thermal shutdown circuits become active when the junction temperature exceeds 150oC, or the current exceeds 150mA. During thermal shutdown, the output voltage remains low. Normal operation is restored when the junction temperature drops below 125oC. The AME8820 switches from voltage mode to current mode when the load exceeds the rated output current. This prevents over-stress.
High PSRR, CSP, 150mA CMOS LDO
n Board layout Recommendations to Improve PSRR and Output Noise
To improve AC measurements like transient response, PSRR, and output noise, it is recommended that the board should be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the ground pin of the device.
n Over Current Protection and Short circuit Protection
During normal operation, the AME8820 limits output current to approximately 400mA. When current limiting engages, the output voltage scales back linearly until the overcurrent condition ends. When the output voltage is lower than approximately 0.8V,call short circuit , the AME8820 limits output current to approximately 200mA (fold back current). When short circuit protection engages, regulator operation resumes until removed the short circuit condition. Over current and short circuit protection prevent gross device failure, care should be taken not to exceed the power dissipation ratings of the package
n External Capacitors
The AME8820 is stable with an output capacitor to ground of 1F or larger. Ceramic capacitors have the lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the highest ESR, resulting in the poorest AC response. A second capacitor is recommended between the input and ground to stabilize VIN. The input capacitor should be at least 1F to have a beneficial effect.
n Enable
The Enable Pin is normally pull-high. When disable, it pulled low, the PMOS pass transistor shut off. All internal circuits are power down. Under this circumstance, the standby current is less than 1A. This pin can't be floating.
8
Rev.B.01
AME, Inc.
AME8820
n Over Temperature Protection
As protection from damage due to excessive junction temperatures, the AME8820 has internal protection circuit. When junction temperature reaches approximately 150oC, the output device is turned off. Once the device has cooled down to below approximately 125oC, regulator operation resumes. For reliable operation,design is for worst case junction temperature of < 125oC taking into account worst case ambient temperature and load conditions. Depending on each package type, presenting different power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may cycle on and off. This cycling limits the dissipation of the regulator, protecting it from damage due to overheating. Any tendency to activate the thermal protection circuit indicates excessive power dissipation or inadequate heatsink. For reliable operation, junction temperature should be limited to +125oC maximum. To estimate the margin of safety in a complete Power design (including heatsink), increase the ambient temperature until the thermal protection is triggered; use worst-case loads and signal conditions. For good reliability, thermal protection should trigger at least +35oC above the maximum expected ambient condition of your particular application. This configuration produces a worst-case junction temperature of +125oC at the highest expected ambient temperature and worst-case load. The internal protection circuitry of the AME8820 has designed to protect against overload conditions. It was not intended to replace proper heatsinking. Continuously running the AME8820 into Thermal protection disables the output when the thermal shutdown will degrade device reliability. Using equation (1) and (2) to calculate T J :
High PSRR, CSP, 150mA CMOS LDO
TJ = TA + (PD x RJA) PD = (VIN-VOUT) x IOUT + VIN x IQ
(1) (2)
Rev.B.01
9
AME, Inc.
AME8820
Output Voltage vs Load Current
3.3505 3.3405 3.3305
180
High PSRR, CSP, 150mA CMOS LDO
Dropout Voltage vs Temperature
VIN=4.3V TA=25oC
Dropout Voltage (V)
160 140 120 100 80 60 40 20
Output Voltage (V)
3.3205 3.3105 3.3005 3.2905 3.2805 3.2705 3.2605 3.2505 0 15 30 45 60 75 90 105 120 135 150
VIN=4.3V IOUT=150mA
0 -40
-25
-10
5
20
35
50
65
80
95
110 125
Load Current (mA)
Temperature (oC)
Output Voltage vs Temperature
3.30 3.29
Output Noise Spectral Density
400
VIN=4.3V IOUT=1mA
Output Voltage (V)
3.28 3.27 3.26 3.25 3.24 3.23 3.22 -40
Output Noise Spectral Density (nV / Hz )
300
200
IOUT=1mA
IOUT=150mA
100
IOUT=150mA
0 100
-25
-10
5
20
35
50
65
80
95
110 125
1000
10000
100000
Temperature
(oC)
Frequency (Hz)
Quiescent Current vs Temperature
50 45
2.0
Output Impedance vs Frequency
VIN=4.3V
Quiescent Current (A)
35 30 25 20 15 10 5 0 -40 -25 -10 5 20 35 50 65 80 95 110 125
Output Impedance ()
40
IOUT=150mA
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 10 100 1000 10000 100000 1000000
IOUT=1mA
IOUT=50mA
IOUT=150mA
Temperature (oC)
Frequency (Hz)
10
Rev.B.01
AME, Inc.
AME8820
Line Transient Response
Output Current (mA)
Input Voltage (V)
High PSRR, CSP, 150mA CMOS LDO
Load Transient Response
5.5 4.3
200 100 0
Output Voltage (mV)
20
Output Voltage (mV)
50
0 -50
-20
Time (S)
Time (S)
Power Supply Ripple Rejection
110 100 90 80
Power Supply Ripple Rejection
110
VIN=4.3V IOUT=1mA
100 90 80
VIN=4.3V IOUT=150mA
PSRR (dB)
PSRR (dB)
1K
70 60 50 40 30 20 10 10
70 60 50 40 30 20 10 10 1K
100K
10M
100K
10M
Frequency (Hz)
Frequency (Hz)
Rising Time
4.3V
3.3V
EN VOUT Time (S)
Rev.B.01
11
AME, Inc.
AME8820
n Date Code Rule
w: Work Week Code A: B: C: D: E: F: G: H: I: J: 01&02 03&04 05&06 07&08 09&10 11&12 13&14 15&16 17&18 19&20 K: L: M: N: O: P: Q: R: S: T: 21&22 23&24 25&26 27&28 29&30 31&32 33&34 35&36 37&38 39&40 U: V: W: X: Y: Z: 41&42 43&44 45&46 47&48 49&50 51&52 :Year Code xxx0 xxx1 xxx2 xxx3 xxx4 xxx5 xxx6 xxx7 xxx8 xxx9 W W W W W W W W W W W W W W W W W W W W
High PSRR, CSP, 150mA CMOS LDO
n Tape & Reel Dimension
CSP-4 (4Bumps)
P
W AME AME
PIN 1
Carrier Tape, Number of Components Per Reel and Reel Size
Package CSP-4 (4Bumps)
Carrier Width (W) 8.0 +0.3 mm -0.1
Pitch (P) 4.00.1 mm
Part Per Full Reel 3000pcs
Reel Size 1801 mm
12
Rev.B.01
AME, Inc.
AME8820
n Package Dimension
CSP-4 (4Bumps) Bottom View
SYMBOLS A B
CB
High PSRR, CSP, 150mA CMOS LDO
MILLIMETERS MIN 0.310 0.810 1.060 0.310 0.810 1.060 0.020 0.380 0.595 0.300 MAX 0.350 0.850 1.260 0.350 0.850 1.260 0.050 0.450 0.705 0.340
INCHES MIN 0.012 0.032 0.042 0.012 0.032 0.042 0.001 0.015 0.023 0.012 MAX 0.014 0.033 0.050 0.014 0.033 0.050 0.002 0.018 0.028 0.013
C D
A
E F G
E F
Datum
D
H I J
Side View
Ball Pitch 500 um J
G H I
Rev.B.01
13
www.ame.com.tw
E-Mail: sales@ame.com.tw
Life Support Policy: These products of AME, Inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of AME, Inc. AME, Inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. (c) AME, Inc. , June 2007 Document: 1041-DS8820-B.01
Corporate Headquarter
AME, Inc.
2F, 302 Rui-Guang Road, Nei-Hu District Taipei 114, Taiwan. Tel: 886 2 2627-8687 Fax: 886 2 2659-2989
U.S.A.(Subsidiary)
Analog Microelectronics, Inc.
3100 De La Cruz Blvd., Suite 201 Santa Clara, CA. 95054-2438 Tel : (408) 988-2388 Fax: (408) 988-2489


▲Up To Search▲   

 
Price & Availability of AME8820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X