Part Number Hot Search : 
04365 FU9120N 02201 T0805BH SRA2206 1227A LTC26 AT5660H
Product Description
Full Text Search
 

To Download A50P70-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMP-TRAP(R)-Form 101
A50P
SEMICONDUCTOR PROTECTION FUSES
A50P Amp-trap(R) Form 101 Semiconductor Protection fuses were developed for DC drives, uninterruptable power supplies and similar applications requiring better protection (lower l2t) and superior reliability. The A50P is typically used for replacement.
Features / Benefits (R) Low l2t minimizes damage to protected components on short circuit (R) Controlled arc voltage reduces stress to circuit components during fuse clearing (R) Choice of mounting types helps in equipment design
Ratings (R) AC: 10-1200A 500VAC, 100kA I.R. (R) DC: 35-1000A 450VDC, 79kA I.R. L/R = 10ms
Approvals (R) UL Recognized Component (R) AC: UL Guide No. JFHR2 (10-800A) (R) DC: UL Guide No. JFHR2 (35-800A)
HIGHLIGHTS: Very Fast Acting (R) Current Limiting 2 (R) Low l t (R) Indicator Options Available
(R)
APPLICATIONS:
(R)
* Contact technical services for applications data.
Protection of DC drives, UPS and other equipment of 500 volts or less
Catalog Numbering System
A Rated Volts - 500 Style 50 P Amperes* Mounting Types* Ferrule Blades, bolt-in Integral Blown-Fuse Indicator Trigger Indicator Trigger Actuator * For ampere ratings and types not listed, consult the factory. 100 1 4
A 50 P 100 - 4 TI Amp-trap(R) Fuse
Single Pole Fuse Blocks for A50P Fuses
FUSE AMPERE RATING 10-30 35-60 70-200 225-600 MOUNTING TYPE 1 4 4 4 FUSE BLOCK CATALOG NUMBER 70316 P243G P243E P266C
TI TA
D 16
AMP-TRAP(R)-Form 101
A50P
AMPERE RATING 10 15 20 25 30 35 40 50 60 70 80 90 100 100 125 125 125 150 150 CATALOG NUMBER A50P10-1 A50P15-1 A50P20-1 A50P25-1 A50P30--1 A50P35-4 A50P40-4 A50P50-4 A50P60-4 A50P70-4 A50P80-4 A50P90-4 A50P100-4 A50P100-4TI A50P125-4 A50P125-4TA A50P125-4TI A50P150-4 A50P150-4TI OUTLINE FIG. 1 1 1 1 1 2 2 2 2 3 3 3 3 3 3 4 3 3 3 AMPERE RATING 175 175 200 200 200 225 250 250 250 275 300 300 300 325 350 350 400 400 400
SEMICONDUCTOR PROTECTION FUSES
CATALOG NUMBER A50P175-4 A50P175-4TI A50P200-4 A50P200-4TA A50P200-4TI A50P225-4 A50P250-4 A50P250-4TA A50P250-4TI A50P275-4 A50P300-4 A50P300-4TA A50P300-4TI A50P325-4 A50P350-4 A50P350-4TI A50P400-4 A50P400-4TA A50P400-4TI OUTLINE FIG. 3 3 3 4 3 3 3 4 3 3 3 4 3 3 3 3 3 4 3 AMPERE RATING 450 450 500 500 600 600 600 700 700 700 800 800 800 900 1000 1000 1200 1200 CATALOG NUMBER A50P450-4 A50P450-4TI A50P500-4 A50P500-4TI A50P600-4 A50P600-4TA A50P600-4TI A50P700-4 A50P700-4TA A50P700-4TI A50P800-4 A50P800-4TA A50P800-4TI A50P900-4 A50P1000-4 A50P1000-4TI A50P1200-4 A50P1200-4TI OUTLINE FIG. 3 3 3 3 3 4 3 5 6 5 5 6 5 3 3 3 3 3
Standard Fuse Ampere Ratings, Catalog Numbers
D
For ampere ratings and styles not listed, call Technical Services.
Figure 1 Figure 3
Figure 4
Figure 2
Dimensions
OUTLINE REF. A50P10 to 30 A50P35 to 60 A50P35 to 60 A50P70 to 100 A50P125 to 200 A50P225 to 400 A50P450 to 600 A50P700 to 800 A50P900 to 1200 MOUNTING TYPE 1 1DS* 4 4 4, 4TA** 4, 4TA** 4, 4TA** 4, 4TA** 4 FIG. A 1 1 2 3 3, 4** 3, 4** 3, 4** 5, 6** 3 2.00 (50.8) 2.25 (57.2) 3.19 (81.0) 3.63 (92.2) 3.63 (92.2) 4.34 (110) 4.47 (114) 6.47 (164) 6.97 (177) B 0.56 (14.2) 0.81 (20.6) 0.81 (20.6) 1.00 (25.4) 1.22 (31.0) 1.50 (38.1) 2.00 (50.8) 2.50 (63.5) 3.00 (76.2)
Figure 5
DIMENSIONS - INCHES (mm) C D E F 1.63 (41.4) 2.13 (54.1) 2.13 (54.1) 2.09 (53.1) 2.22 (56.4) 2.22 (56.4) 3.22 (81.8) 2.50 (63.5) 2.94 (74.7) 2.94 (74.7) 3.41 (86.6) 3.53 (89.7) 4.63 (118) 4.97 (126) 2.25 (57.2) 2.81 (71.4) 2.81 (71.4) 2.78 (70.6) 2.91 (73.9) 4.31 (109) *** *** 0.34 8.6) 0.31 (7.9) 0.31 (7.9) 0.41 (10.4) 0.41 (10.4) 0.53 (13.5) 0.63 (16.0)
Figure 6
G 0.72 (18.3) 0.75 (19.1) 1.00 (25.4) 1.00 (25.4) 1.50 (38.1) 2.00 (50.8) 2.38 (60.5)
H 0.13 (3.3) 0.13 (3.3) 0.19 (4.8) 0.25 (6.4) 0.25 (6.4) 0.38 (9.7) 0.44 (11.1)
* Use with 60306J fuse block. ** Optional Trigger Actuator (TA) *** Mounting hole is round, diameter F.
D 17


▲Up To Search▲   

 
Price & Availability of A50P70-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X