Part Number Hot Search : 
IDT74A AN0332 MMDL914 ADM3491E LM833S 00R12K T74FCT MMDL914
Product Description
Full Text Search
 

To Download 74LVC1G3157GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVC1G3157
2-channel analog multiplexer/demultiplexer
Rev. 01 -- 7 February 2005 Product data sheet
1. General description
The 74LVC1G3157 is a high-performance, low-power, low-voltage, Si-gate CMOS device that provides superior performance to most advanced CMOS compatible TTL families. The 74LVC1G3157 provides one analog multiplexer/demultiplexer with one digital select input (S), two independent inputs/outputs (B1 and B2) and a common input/output (A).
2. Features
s Wide supply voltage range from 1.65 V to 5.5 V s Very low ON-resistance: x 7.5 (typical) at VCC = 2.7 V x 6.5 (typical) at VCC = 3.3 V x 6 (typical) at VCC = 5 V s Break-before-make switching s High noise immunity s ESD protection: x HBM EIA/JESD22-A114-B exceeds 2000 V x MM EIA/JESD22-A115-A exceeds 200 V s CMOS low-power consumption s Latch-up performance meets requirements of JESD 78 Class I s Direct interface with TTL levels s Control input accepts voltages up to 5 V s Multiple package options s Specified from -40 C to +85 C and from -40 C to +125 C
3. Quick reference data
Table 1: Quick reference data GND = 0 V; tr = tf 2.5 ns; minimum and maximum values at Tamb = -40 C to +85 C; typical values at Tamb = 25 C. Symbol tPZH, tPZL Parameter turn-on time S to Bn Conditions CL = 50 pF; RL = 500 VCC = 3.3 V VCC = 5.0 V tPHZ, tPLZ turn-off time S to Bn CL = 50 pF; RL = 500 VCC = 3.3 V VCC = 5.0 V 0.5 0.8 3.6 2.9 4.5 3.5 ns ns 0.5 0.5 4.0 3.0 5.5 4.0 ns ns Min Typ Max Unit
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
Table 1: Quick reference data ...continued GND = 0 V; tr = tf 2.5 ns; minimum and maximum values at Tamb = -40 C to +85 C; typical values at Tamb = 25 C. Symbol CI CS Parameter select input capacitance switch capacitance OFF-state ON-state Conditions Min Typ 2.5 6.0 18 Max Unit pF pF pF
4. Ordering information
Table 2: Ordering information Package Temperature range Name 74LVC1G3157GW 74LVC1G3157GV 74LVC1G3157GM -40 C to +125 C -40 C to +125 C -40 C to +125 C SC-88 SC-74 XSON6 Description plastic surface mounted package; 6 leads plastic surface mounted package; 6 leads plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm Version SOT363 SOT457 SOT886 Type number
5. Marking
Table 3: Marking Marking code YJ YJ YJ Type number 74LVC1G3157GW 74LVC1G3157GV 74LVC1G3157GM
6. Functional diagram
B1 S6 1 B1 A4 3 B0
001aac354
S
A
B0
001aac355
Fig 1. Logic symbol
Fig 2. Logic diagram
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
2 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
7. Pinning information
7.1 Pinning
3157
B1 B1 GND 1 2 6 S VCC A GND 2 5 VCC 1 6 S
3157
5
B0
3
001aac356
4
B0
3
4
A
Transparent top view
001aac357
Fig 3. Pin configuration SC-88 and SC-74
Fig 4. Pin configuration XSON6
7.2 Pin description
Table 4: Symbol B1 GND B0 A VCC S Pin description Pin 1 2 3 4 5 6 Description independent B1 input or output ground (0 V) independent B0 input or output common A output or input supply voltage select input
8. Functional description
8.1 Function table
Table 5: Input S L H
[1] H = HIGH voltage level; L = LOW voltage level.
Function table [1] Channel on B0 B1
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
3 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
9. Limiting values
Table 6: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC VI IIK ISK VS IS ICC, IGND Tstg Ptot
[1]
Parameter supply voltage input voltage input diode current switch diode current switch DC voltage
Conditions
[1]
Min -0.5 -0.5 -0.5 -65
Max +6.5 +6.5 -50 50 50 100 +150 300
Unit V V mA mA mA mA C mW
VI < -0.5 V or VI > VCC + 0.5 VI < -0.5 V or VI > VCC + 0.5 enable and disable mode
VCC + 0.5 V
switch source or sink VS > -0.5 V or VS < VCC + 0.5 current VCC or GND current storage temperature total power dissipation Tamb = -40 C to +125 C
-
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
10. Recommended operating conditions
Table 7: Symbol VCC VI VS Tamb tr, tf Recommended operating conditions Parameter supply voltage input voltage switch DC voltage ambient temperature input rise and fall times VCC = 1.65 V to 2.7 V VCC = 2.7 V to 5.5 V
[1]
[2] [2]
Conditions
Min 1.65 0
Typ -
Max 5.5 5.5 VCC +125 20 10
Unit V V V C ns/V ns/V
enable and disable mode
[1]
0 -40 0 0
To avoid drawing VCC current out of terminal A when switch current flows in terminal Bn, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminal A, no VCC current will flow out of terminal Bn. In this case, there is no limit for the voltage drop across the switch. Applies to control signal levels.
[2]
11. Static characteristics
Table 8: Static characteristics At recommended operating conditions; voltages are referenced to GND (ground 0 V). Symbol Parameter Tamb = -40 C to +85 C [1] VIH HIGH-level input voltage VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V
9397 750 14524
Conditions
Min
Typ
Max -
Unit V V V V
0.65VCC 1.7 2.0 0.7VCC -
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
4 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
Table 8: Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground 0 V). Symbol Parameter VIL LOW-level input voltage Conditions VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V ILI IS(OFF) IS(ON) ICC ICC CI CS input leakage current on pin S VI = 5.5 V or GND; VCC = 5.5 V analog switch OFF-state current per channel analog switch ON-state current per channel quiescent supply current additional quiescent supply current pin S input capacitance switch capacitance OFF-state ON-state Tamb = -40 C to +125 C VIH HIGH-level input voltage VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V VIL LOW-level input voltage VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V ILI IS(OFF) IS(ON) ICC ICC input leakage current on pin S VI = 5.5 V or GND; VCC = 5.5 V analog switch OFF-state current per channel analog switch ON-state current per channel quiescent supply current additional quiescent supply current pin S VI = VIH or VIL; |VS| = VCC - GND; VCC = 5.5 V; see Figure 5 VI = VIH or VIL; |VS| = VCC - GND; VCC = 5.5 V; see Figure 6 VI = VCC or GND; VS = GND or VCC; IO = 0 A; VCC = 5.5 V VI = VCC - 0.6 V; VS = GND or VCC; IO = 0 A; VCC = 5.5 V 0.65VCC 1.7 2.0 0.7VCC 0.35VCC V 0.7 0.8 0.3VCC 10 20 20 40 5000 V V V A A A A A V V V VI = VIH or VIL; |VS| = VCC - GND; VCC = 5.5 V; see Figure 5 VI = VIH or VIL; |VS| = VCC - GND; VCC = 5.5 V; see Figure 6 VI = VCC or GND; VS = GND or VCC; IO = 0 A; VCC = 5.5 V VI = VCC - 0.6 V; VS = GND or VCC; IO = 0 A; VCC = 5.5 V Min Typ 0.1 0.1 0.1 0.1 5 2.5 6.0 18 Max 0.7 0.8 0.3VCC 2 5 5 10 500 Unit V V V A A A A A pF pF pF 0.35VCC V
[1]
Typical values are measured at Tamb = 25 C.
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
5 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
VCC S A B0 B1 1 2
switch 1
S VIL VIH
VIL or VIH IS VI
2 switch IS
VO GND
001aac358
VI = VCC or GND and VO = GND or VCC.
Fig 5. Test circuit for measuring switch OFF-state current
VCC S A B0 B1 1 2 VO GND
switch 1
S VIL VIH
VIL or VIH IS VI
2 switch
001aac359
VI = VCC or GND and VO = open circuit.
Fig 6. Test circuit for measuring switch ON-state current Table 9: Resistance RON At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see test circuit Figure 7. Symbol RON(rail) Parameter C [1] VS = GND; VI = VIH IS = 4 mA; VCC = 1.65 V to 1.95 V IS = 8 mA; VCC = 2.3 V to 2.7 V IS = 12 mA; VCC = 2.7 V IS = 24 mA; VCC = 3 V to 3.6 V IS = 32 mA; VCC = 4.5 V to 5.5 V VS = VCC; VI = VIH IS = 4 mA; VCC = 1.65 V to 1.95 V IS = 8 mA; VCC = 2.3 V to 2.7 V IS = 12 mA; VCC = 2.7 V IS = 24 mA; VCC = 3 V to 3.6 V IS = 32 mA; VCC = 4.5 V to 5.5 V 12 8.3 7.8 6.7 5.2 30 20 18 15 10 8.7 7.2 7.0 6.5 5.9 18 16 14 12 10 switch ON-state resistance (rail) Conditions Min Typ Max Unit Tamb = -40 C to +85
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
6 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
Table 9: Resistance RON ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see test circuit Figure 7. Symbol RON(peak) Parameter switch ON-state resistance (peak) Conditions VS = GND to VCC; VI = VIH IS = 4 mA; VCC = 1.65 V to 1.95 V IS = 8 mA; VCC = 2.3 V to 2.7 V IS = 12 mA; VCC = 2.7 V IS = 24 mA; VCC = 3 V to 3.6 V IS = 32 mA; VCC = 4.5 V to 5.5 V RON(flatness) switch ON-resistance (flatness) VS = GND to VCC; VI = VIH; see Figure 9 IS = 4 mA; VCC = 1.65 V to 1.95 V IS = 8 mA; VCC = 2.3 V to 2.7 V IS = 12 mA; VCC = 2.7 V IS = 24 mA; VCC = 3 V to 3.6 V IS = 32 mA; VCC = 4.5 V to 5.5 V Tamb = -40 C to +125 C RON(rail) switch ON-state resistance (rail) VS = GND; VI = VIH IS = 4 mA; VCC = 1.65 V to 1.95 V IS = 8 mA; VCC = 2.3 V to 2.7 V IS = 12 mA; VCC = 2.7 V IS = 24 mA; VCC = 3 V to 3.6 V IS = 32 mA; VCC = 4.5 V to 5.5 V VS = VCC; VI = VIH IS = 4 mA; VCC = 1.65 V to 1.95 V IS = 8 mA; VCC = 2.3 V to 2.7 V IS = 12 mA; VCC = 2.7 V IS = 24 mA; VCC = 3 V to 3.6 V IS = 32 mA; VCC = 4.5 V to 5.5 V RON(peak) switch ON-state resistance (peak) VS = GND to VCC; VI = VIH IS = 4 mA; VCC = 1.65 V to 1.95 V IS = 8 mA; VCC = 2.3 V to 2.7 V IS = 12 mA; VCC = 2.7 V IS = 24 mA; VCC = 3 V to 3.6 V IS = 32 mA; VCC = 4.5 V to 5.5 V
[1] Typical values are measured at Tamb = 25 C and nominal VCC.
Min -
Typ 57 15 13 9.0 6.0 100 17 10 5 3
Max 140 40 25 20 15 -
Unit
-
-
27 24 21 18 15 45 30 27 23 15 140 60 38 30 23

9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
7 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
VS VCC S A B0 B1 1 2 IS GND
switch 1
S VIL VIH
VIL or VIH
2 switch
VI
001aac360
VI = GND to VCC; RON = VS/IS.
Fig 7. Test circuit for measuring switch ON-resistance
40 RON () 30
001aaa707
(1)
20
(2)
10
(3) (4) (5)
0 0 1 2 3 4 VI (V) 5
(1) VCC = 1.8 V (2) VCC = 2.5 V (3) VCC = 2.7 V (4) VCC = 3.3 V (5) VCC = 5.0 V VS = GND to VCC; Tamb = 25 C.
Fig 8. Typical switch ON-resistance as a function of input voltage
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
8 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
80 RON () 60
001aaa712
16 RON () 12
(1) (2)
001aaa708
40
8
(3) (4)
20
(1) (2) (3) (4)
4
0 0 1 2 3 4 VI (V) 5
0 0 1 2 3 4 VI (V) 5
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
a. VCC = 1.8 V
16 RON () 12
(1) (2)
b. VCC = 2.5 V
001aaa709
16 RON () 12
001aaa710
8
(3) (4)
8
(1) (2) (3)
4
4
(4)
0 0 1 2 3 4 VI (V) 5
0 0 1 2 3 4 VI (V) 5
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
c. VCC = 2.7 V Fig 9. Switch ON-resistance as a function of input voltage
d. VCC = 3.3 V
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
9 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
12. Dynamic characteristics
Table 10: Dynamic characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V); test circuit Figure 13. Symbol Parameter C [1] see Figure 10 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V tPZH, tPZL turn-on time S to Bn see Figure 11 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V tPHZ, tPLZ turn-off time S to Bn see Figure 11 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V tD break-before-make time see Figure 12 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V Tamb = -40 C to +125 C tPHL, tPLH propagation delay A to Bn or Bn to A see Figure 10 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V 3.0 2.0 1.5 1.5 1.0 ns ns ns ns ns
[2]
Conditions
Min
Typ
Max
Unit
Tamb = -40 C to +85
tPHL, tPLH propagation delay A to Bn or Bn to A
1.0 1.0 1.0 0.5 0.5 2.5 2.0 1.5 1.5 0.8 0.5 0.5 0.5 0.5 0.5
8.7 5.3 4.9 4.0 3.0 6.0 4.4 4.2 3.6 2.9 -
2 1.2 1.0 0.8 0.6 14 7.5 6.0 5.5 4.0 8.5 6.0 5.0 4.5 3.5 -
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
10 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
Table 10: Dynamic characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V); test circuit Figure 13. Symbol Parameter Conditions see Figure 11 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V tPHZ, tPLZ turn-off time S to Bn see Figure 11 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V tD break-before-make time see Figure 12 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V
[1] [2] Typical values are measured at Tamb = 25 C and nominal VCC. Break-before-make specified by design.
[2]
Min 1.0 1.0 1.0 0.5 0.5 2.5 2.0 1.5 1.5 0.8 0.5 0.5 0.5 0.5 0.5
Typ -
Max 14.0 7.5 6.0 5.5 4.0
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
tPZH, tPZL turn-on time S to Bn
-
8.5 6.0 5.0 4.5 3.5 -
13. Waveforms
VI Bn or A input GND tPLH VOH A or Bn output VOL
001aac361
VM
VM
tPHL
VM
VM
Measurement points are given in Table 11. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 10. Input (Bn or A) to output (A or Bn) propagation delays
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
11 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
Measurement points Input VM 0.5VCC Output VM 0.5VCC
Table 11: VCC
Supply voltage 1.65 V to 5.5 V
VI S input GND tPLZ VCC Bn output LOW to OFF OFF to LOW VOL tPHZ VOH Bn output HIGH to OFF OFF to HIGH GND switch enabled switch disabled switch enabled
001aac362
VM
tPZL
VM VX tPZH VY VM
Measurement points are given in Table 12. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 11. Turn-on and turn-off times Table 12: VCC 1.65 V to 5.5 V Measurement points Input VM 0.5VCC Output VM 0.5VCC VX VOL + 0.3 V VY VOH - 0.3 V
Supply voltage
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
12 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
VCC S A B0 B1
VI = 0.5VCC
VS
VO
RL
CL
GND
001aac367
VS
0.5VS
0.9VO VO tD
0.9VO
001aac368
Fig 12. Test circuit for measuring break-before-make timing
VEXT VCC PULSE GENERATOR VI D.U.T. RT CL RL VO RL
mna616
Test data is given in Table 13. Definitions test circuit: RT = Termination resistance should be equal to output impedance Zo of the pulse generator. CL = Load capacitance including jig and probe capacitance. RL = Load resistance. VEXT = Test voltage for switching times.
Fig 13. Load circuitry for switching times Table 13: VCC 1.65 V to 1.95 V 2.3 V to 2.7 V 2.7 V 3 V to 3.6 V 4.5 V to 5.5 V
9397 750 14524
Test data Input VI VCC VCC VCC VCC VCC tr, tf Load CL RL 500 500 500 500 500 2.0 ns 50 pF 2.0 ns 50 pF 2.5 ns 50 pF 2.5 ns 50 pF 2.5 ns 50 pF VEXT tPLH, tPHL open open open open open tPZH, tPHZ GND GND GND GND GND tPZL, tPLZ 2VCC 2VCC 2VCC 2VCC 2VCC
Supply voltage
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
13 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
14. Additional dynamic characteristics
Table 14: Additional dynamic characteristics At recommended operating conditions; typical values measured at Tamb = 25 C. Symbol dsin Parameter sine-wave distortion Conditions fi = 600 Hz to 20 kHz; RL = 600 ; CL = 50 pF; VI = 0.5 V (p-p); see Figure 14 VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 4.5 V f(-3dB) switch ON-state signal frequency response RL = 50 ; CL = 5 pF; see Figure 15 VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 4.5 V OFF(ft) switch OFF-state signal feed-through attenuation RL = 50 ; CL = 5 pF; fi = 10 MHz; see Figure 16 VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 4.5 V Vct(sw-sw) crosstalk between switches RL = 50 ; CL = 5 pF; fi = 10 MHz; see Figure 17 VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 4.5 V Q charge injection CL = 0.1 nF; Vgen = 0 V; Rgen = 0 ; f = 1 MHz; RL = 1 M; see Figure 18 VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 4.5 V VCC = 5.5 V
[1] [2] [3]
[3] [2] [1]
Min
Typ
Max
Unit
-
0.260 0.078 0.078 0.078 200 300 300 300
-
% % % % MHz MHz MHz MHz
-
-42 -42 -40 -40
-
dB dB dB dB
-
-68 -70 -70 -70
-
dB dB dB dB
-
< 0.003 0.004 0.0045 0.0045 0.0045
-
pC pC pC pC pC
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads -3 dB. Adjust fi voltage to obtain 0 dBm level at input. Definition: Q = VO x CL. Guaranteed by design.
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
14 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
VCC
0.5VCC RL switch
10 F
switch 1 2
S VIL VIH
VIL or VIH
S
0.1 F
B0 B1
1 2
A
fi
600
CL GND
D
001aac363
Fig 14. Test circuit for measuring sine-wave distortion
VCC
0.5VCC RL switch
switch 1 2
S VIL VIH
VIL or VIH
S
0.1 F
B0 B1
1 2
A
fi
50
CL GND
dB
001aac364
Fig 15. Test circuit for measuring the frequency response when switch is in ON-state
0.5VCC
VCC
0.5VCC switch S VIL VIH 1 2 switch
RL VIL or VIH S
0.1 F
RL B0 B1 1 2 CL GND dB
A
fi
50
001aac365
Fig 16. Test circuit for measuring feed-through attenuation when switch is in OFF-state
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
15 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
VCC
0.5VCC
0.5VCC S Test condition 20log10(VB1/VI) 20log10(VB0/VI)
RL VIL or VIH S
0.1 F
RL
VIL VIH
B0 B1
A
fi
50
CL GND
dB
001aac437
Fig 17. Test circuit for measuring crosstalk between switches
VCC S A logic input (S) B0 B1 1 2 Rgen VO RL CL GND
001aac366
switch
Vgen
logic (S) off input
on
off
VO
VO
001aac478
Fig 18. Test circuit for measuring charge injection
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
16 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
15. Package outline
Plastic surface mounted package; 6 leads SOT363
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT363
REFERENCES IEC JEDEC JEITA SC-88
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 04-11-08
Fig 19. Package outline SOT363 (SC-88)
9397 750 14524 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
17 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
Plastic surface mounted package; 6 leads
SOT457
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A A1 c
1
2
3
Lp
e
bp
wM B detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.1 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT457
REFERENCES IEC JEDEC JEITA SC-74
EUROPEAN PROJECTION
ISSUE DATE 01-05-04 04-11-08
Fig 20. Package outline SOT457 (SC-74)
9397 750 14524 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
18 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
b 1 2 3 4x L1 L
(2)
e
6 e1
5 e1
4
6x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 1.5 1.4 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT886 REFERENCES IEC JEDEC MO-252 JEITA EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
Fig 21. Package outline SOT886 (XSON6)
9397 750 14524 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
19 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
16. Revision history
Table 15: Revision history Release date 20050207 Data sheet status Product data sheet Change notice Doc. number 9397 750 14524 Supersedes Document ID 74LVC1G3157_1
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
20 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
17. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
18. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
19. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
20. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14524
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 7 February 2005
21 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
21. Contents
1 2 3 4 5 6 7 7.1 7.2 8 8.1 9 10 11 12 13 14 15 16 17 18 19 20 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 3 Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 4 Static characteristics. . . . . . . . . . . . . . . . . . . . . 4 Dynamic characteristics . . . . . . . . . . . . . . . . . 10 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Additional dynamic characteristics . . . . . . . . 14 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 17 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 20 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 21 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Contact information . . . . . . . . . . . . . . . . . . . . 21
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 7 February 2005 Document number: 9397 750 14524
Published in The Netherlands
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74LVC1G3157GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X