|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DC COMPONENTS CO., LTD. R 6A05G THRU 6A10G RECTIFIER SPECIALISTS TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes FEATURES * * * * * Low cost Low leakage Low forward voltage drop High current capability High surge current capability R-6 MECHANICAL DATA * * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 2.08 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters) SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 60 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 6.0A DC @TA = 25 oC Maximum DC Reverse Current at Rated DC Blocking Voltage @TA = 100oC Maximum Full Load Reverse Current Average Full Cycle .375*(9.5mm) lead length at T L = 75oC Typical Junction Capacitance (Note) Typical Thermal Resistance Operating and Storage Temperature Range NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts VRRM VRMS VDC IO IFSM VF 6A05G 50 35 50 6A1G 100 70 100 6A2G 200 140 200 6A4G 400 280 400 6.0 400 1.1 10 500 50 6A6G 600 420 600 6A8G 800 560 800 6A10G 1000 700 1000 UNITS Volts Volts Volts Amps Amps Volts uAmps uAmps pF 0 IR CJ R JA TJ, TSTG 150 10 -65 to + 175 C/ W 0 C 144 NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK RATING AND CHARACTERISTIC CURVES (6A05G THRU 6A10G) DC COMPONENTS CO., LTD. R 145 NEXT NEXT BACK BACK EXIT EXIT |
Price & Availability of 6A6G |