Part Number Hot Search : 
DTQS3 DR4110 ISL94 TW0240A AOD7N65 2N1048 GU6679 L5111A
Product Description
Full Text Search
 

To Download 2SC4892 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC4892
Silicon NPN triple diffusion planar type
For power switching
Unit: mm
s Features
q q q
13.00.2 4.20.2
5.00.1 10.00.2 1.0
q
High-speed switching High collector to base voltage VCBO Satisfactory linearity of foward current transfer ratio hFE Allowing supply with the radial taping (TC=25C)
Ratings 900 900 800 7 2 1 0.3 15 2 150 -55 to +150 Unit V V V V A A A W C C
90
2.50.2
1.20.1
C1.0 2.250.2
18.00.5 Solder Dip
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCES VCEO VEBO ICP IC IB PC Tj Tstg
0.350.1
0.650.1 1.050.1 0.550.1 0.550.1
C1.0
123
2.50.2
2.50.2
1:Base 2:Collector 3:Emitter MT4 Type Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 900V, IE = 0 VEB = 7V, IC = 0 IC = 1mA, IB = 0 VCE = 5V, IC = 0.05A VCE = 5V, IC = 0.5A IC = 0.2A, IB = 0.04A IC = 0.2A, IB = 0.04A VCE = 10V, IC = 0.05A, f = 1MHz IC = 0.2A, IB1 = 0.04A, IB2 = - 0.08A, VCC = 250V 4 1 3 1 800 6 3 1.5 1 V V MHz s s s min typ max 50 50 Unit A A V
1
Power Transistors
PC -- Ta
20 1.2 (1) TC=Ta (2) Without heat sink (PC=2.0W) TC=25C IB=200mA 1.0
2SC4892
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
3 IC/IB=5
VCE(sat) -- IC
TC=100C 25C 1
Collector power dissipation PC (W)
15
Collector current IC (A)
(1)
0.8
10
0.6
0.4
100mA 90mA 80mA 70mA 60mA 50mA 40mA 30mA 20mA
0.3
-25C
0.1
5
0.2 (2) 0 0 20 40 60 80 100 120 140 160 0 0 2 4 6 8 10 12 10mA
0.03
0.01 0.01
0.03
0.1
0.3
1
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
3 25C 1 TC=-25C 100C 0.3 IC/IB=5 100
hFE -- IC
1000 VCE=5V
fT -- IC
VCE=10V f=1MHz TC=25C
Forward current transfer ratio hFE
30
25C TC=100C
Transition frequency fT (MHz)
0.3 1 3
300 100 30 10 3 1 0.3 0.1 0.001 0.003
10 -25C 3
0.1
1
0.03
0.3
0.01 0.01
0.03
0.1
0.3
1
0.1 0.01
0.03
0.1
0.01 0.03
0.1
0.3
1
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
ton, tstg, tf -- IC
100 30 Pulsed tw=1ms Duty cycle=1% IC/IB=5 (2IB1=-IB2) VCC=250V TC=25C
Area of safe operation (ASO)
10 3 Non repetitive pulse TC=25C ICP IC t=1ms
Switching time ton,tstg,tf (s)
10 3 1 0.3 0.1 0.03 0.01 0 0.2 0.4
Collector current IC (A)
1 0.3 0.1 0.03 0.01 0.003 0.001
tstg
10ms DC
ton tf
0.6
0.8
1.0
1
3
10
30
100
300
1000
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink
2SC4892
Thermal resistance Rth(t) (C/W)
1000
100
(1) (2)
10
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SC4892

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X