Part Number Hot Search : 
067492 EM78P259 TRMPB LTC170 TC901 4HCT3 5236B S60D45PT
Product Description
Full Text Search
 

To Download 1N4948 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4942 THRU 1N4948
FAST SWITCHING PLASTIC RECTIFIER Reverse Voltage - 200 to 1000 Volts Forward Current - 1.0 Ampere
Features
High temperature metallurgically bonded construction Hermetically sealed package 1.0 ampere operation at TA=55 with no thermal runaway Typical IR less than 0.1 A Capable of meeting environmental standards of MIL-S-19500 Fast switching for high efficiency High temperature soldering guaranteed: 350 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Mechanical Data
Case: DO-41 solid plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode Weight: 0.012 ounce, 0.33 gram
DIM ENSIONS DIM A B C D inches Min. 0.165 0.079 0.028 1.000 Max. 0.205 0.106 0.034 Min. 4.2 2.0 0.71 25.40 mm Max. 5.2 2.7 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Symbols
1N4942
1N4944
1N4946
1N4947
1N4948
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55 Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at: 1.0A at: 2.0A, TA=40 Maximum DC reverse current at rated DC blocking voltage TA=25 TA=175
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ R
JA
200 140 200
400 280 400
600 420 600 1.0 25.0 1.3 2.5 1.0 500.0
800 560 800
1000 700 1000
Volts Volts Volts Amp Amps Volts A
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction and storage temperature range
150 15.0 55.0
250
500
nS F /W
TJ, TSTG
-65 to +175
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) Thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of 1N4948

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X