Part Number Hot Search : 
6206P332 ACTR312 EPC1010 2N638800 29F800 2300S BD234G 1N5240B
Product Description
Full Text Search
 

To Download 1N4948 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4942 THRU 1N4948
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
Reverse Voltage - 200 to 1000 Volts
ED *
DO-204AP
Forward Current - 1. 0 Ampere
FEATURES
T PA
EN
T
0.034 (0.86) 0.028 (0.71) DIA. 1.0 (25.4) MIN.
0.240 (6.1) MAX.
0.150 (3.8) 0.100 (2.5) DIA.
1.0 (25.4) MIN.
High temperature metallurgically bonded construction Hermetically sealed package Glass passivated cavity-free junction 1.0 Ampere operation at TA=55C with no thermal runaway Typical IR less than 0.1A Capable of meeting environmental standards of MIL-S-19500 Fast switching for high efficiency High temperature soldering guaranteed: 350C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
MECHANICAL DATA
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306
Case: JEDEC DO-204AP solid glass body Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Weight: 0.02 ounce, 0.56 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
1N4942
1N4944
1N4946
1N4947
1N4948
UNITS
* Maximum recurrent peak reverse voltage Maximum RMS voltage * Maximum DC blocking voltage * Minimum reverse breakdown voltage at 50A * Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55C * Peak forward surge current 8.3ms single halt sine-wave superimposed on rated load (JEDEC Method) * Maximum instantaneous forward voltage at: 1.0A at 2.0A, TA=-40C * Maximum DC reverse current at Rated DC blocking voltage Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) * Operating junction and storage temperature range TA=25C TA=175C
VRRM VRMS VDC V(BR) l(AV)
200 140 200 220
400 280 400 440
600 420 600 660 1.0
800 560 800 880
1000 700 1000 1100
Volts Volts Volts Volts Amp
IFSM
25.0 1.3 2.5 1.0 500.0 150 15.0 55.0 -65 to +175 250 500
Amps
VF IR trr CJ RJA TJ, TSTG
Volts A ns pF C/W C
* Maximum reverse recovery time (NOTE 1)
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted *JEDEC registered values
4/98
RATINGS AND CHARACTERISTIC CURVES 1N4942 THRU 1N4948
FIG. 1 - FORWARD CURRENT DERATING CURVE FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
1.0
PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTH
30
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.75
20
0.5
10
0.25
0 25
50
75
100
125
150
175
0 1 10
NUMBER OF CYCLES AT 60 Hz
100
AMBIENT TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
20 10
INSTANTANEOUS FORWARD CURRENT, AMPERES
1
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ=25C
1
TJ=75C
0.1
0.1
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6 0.01 0 20
TJ=25C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, % FIG. 5 - TYPICAL JUNCTION CAPACITANCE
30
TJ =25C f=1.0 MHz Vsig=50mVp-p
JUNCTION CAPACITANCE, pF
10
1 1 10
REVERSE VOLTAGE, VOLTS
100


▲Up To Search▲   

 
Price & Availability of 1N4948

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X