Part Number Hot Search : 
F40K1R0E 1H101J 2SC5702 KBU601 CP05C MSC1192 DS1341U N3501
Product Description
Full Text Search
 

To Download 1N4938UR-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
1N4938UR-1
* 1N4938UR-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF19500/169
* * * * *
SWITCHING DIODE METALLURGICALLY BONDED HERMETICALLY SEALED DOUBLE PLUG CONSTRUCTION ALSO AVAILABLE AS LL4938, & MLL4938
MAXIMUM RATINGS AT 25 C
Operating Temperature: Storage Temperature: Surge Current A, sine, 1uS: Surge Current B, sine, 1S: Total Power Dissipation: Operating Current: -65C to +175C -65C to +175C 2.0A 0.5A 500mW 100mA, TA= +25C
Derating Factor:
D.C. Reverse Voltage (VRWM):
0.667mA/C above TA= +25C
175V
DC ELECTRICAL CHARACTERISTICS
VF
Ambient (C) IF mA Min Max Ambient V V (C)
IR
V (dc) Min Max Ambient A A (C)
VBR
IR A Min Max V V
25 -55
100 100
-
1.0 1.2
25 150
175 175
-
0.1 100
25
100
200
-
DESIGN DATA
Case: Hermetically sealed glass package per MILPRF-19500/169 DO-213AA outline Lead Material: Copper clad steel Lead Finish: Tin/Lead Thermal Resistance (RJEC): 50C/W maximum Thermal Impedance (ZJX): 70C/W maximum Polarity: Cathode end is banded.
AC ELECTRICAL CHARACTERISTICS AT 25C
Symbol
Capacitance @ 0V TRR @ IF =IR=30mA, IRec = 3mA.
pF nsec
Min -
Max 5 50
IRELAND - GORT ROAD, ENNIS, CO. CLARE
PHONE: TOLL FREE: FAX: +353 65 6840044 +186 62 702434 +353 65 6822298
WWW.MICROSEMI.COM
U.S.A. DOMESTIC SALES CONTACT
PHONE: TOLL FREE: (617) 926 0404 1 800 666 2999


▲Up To Search▲   

 
Price & Availability of 1N4938UR-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X