Part Number Hot Search : 
SM3508 KSH117 BD639 NTE70 74HC573A MV5026A CC78K4 15JGQ100
Product Description
Full Text Search
 

To Download 1N44541 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/144 * SWITCHING DIODE * HERMETICALLY SEALED * METALLURGICALLY BONDED * DOUBLE PLUG CONSTRUCTION
1N4454 1N4454-1
MAXIMUM RATINGS
Junction Temperature: -55C to +175C Storage Temperature: -55C to +175C Operating Current: 200 mA @ TA = +25C Derating Factor: 1.33 mA/C Above TA = + 25C Surge Current A: 1A (pk), Pw = 1 sec Surge Current B: 4A (pk), Pw = 1 s
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
VBR @5A
V RWM
I0
Vf 1 @I F = 10 mA
Vf 2 @I F = 10 mA TA = 150C
t rr
Volts 75
Volts (pk) 50
mA 200
V dc 1.0
V dc 0.7
n sec 4
FIGURE 1
I R1 @ 50 V dc
I R2 @ 50 V TA = 150C
CAPACITANCE @0V
DESIGN DATA
CASE: Hermetically sealed glass case per MIL-S-19500/144 D0-35 outline LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJL): 250 C/W maximum at L = .375 THERMAL IMPEDANCE: (ZOJX): 70 C/W maximum POLARITY: Cathode end is banded. MOUNTING POSITION: Any.
A 0.1
A 100
pF 2.0
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
IN4454 and 1N4454-1
1000
100 IF - Forward Current - (mA)
10
10 0C
15 0 C
1
25
C
0.1 .3 .4 .5 .6 .7 .8 .9 1.0 VF - Forward Voltage (V) FIGURE 2 Typical Forward Current vs Forward Voltage 1.1 1.2 1.3
1000
100
150C
10
IR - Reverse Current - (A)
100C
1
0.1
25C
.01
-65C
-65C
NOTE : .001 20 40 60 80 100 120 140 Percent of Reverse Working Voltage (%) FIGURE 3 Typical Reverse Current vs Reverse Voltage
All temperatures shown on graphs are junction temperatures


▲Up To Search▲   

 
Price & Availability of 1N44541

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X