Part Number Hot Search : 
LQH32CN 160250 2SB1115A MP6922DS 60F6X E004846 RFN20T2D F5T8UL
Product Description
Full Text Search
 

To Download 1N4448W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: 1N4448W
Lead-free
1N4448W
FAST SWITCHING SURFACE MOUNT DIODE
Features
* * * * * * * * * * * * * * * *
Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose Switching Applications High Conductance Lead Free/RoHS Compliant (Note 3) Qualified to AEC-Q101 Standards for High Reliability Dim A B
H G D
SOD-123 Min 3.55 2.55 1.40 -- 0.45 0.25 -- 0 Max 3.85 2.85 1.70 1.35 0.65 -- 0.10 8
Mechanical Data
Case: SOD-123 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) Polarity: Cathode Band Marking: Date Code and Type Code: See Page 3 Type Code: T5 Ordering Information See Page 3 Weight: 0.01 grams (approximate)
C A B
J
C D E G
0.55 Typical 0.11 Typical
E
H J
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current @ t = 1.0s @ t = 1.0s Power Dissipation (Note 2) Thermal Resistance Junction to Ambient Air (Note 2) Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RJA Tj , TSTG Value 100 75 53 500 250 4.0 2.0 400 315 -65 to +150 Unit V V V mA mA A mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 1) Forward Voltage
@ TA = 25C unless otherwise specified Symbol V(BR)R VFM Min 75 0.62 Max 0.72 0.855 1.0 1.25 2.5 50 30 25 4.0 4.0 Unit V V A A A nA pF ns Test Condition IR = 10A IF = 5.0mA IF = 10mA IF = 100mA IF = 150mA VR = 75V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100
Peak Reverse Current (Note 1) Total Capacitance Reverse Recovery Time
Notes:
IRM CT trr
1. Short duration pulse test used to minimize self-heating effect. 2. Part mounted on FR-4 PC board with minimum recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. No purposefully added lead.
DS12002 Rev. 14 - 2
1 of 3 www.diodes.com
1N4448W
(c) Diodes Incorporated
500
Pd, POWER DISSIPATION (mW)
100
IF, FORWARD CURRENT (mA)
400
Ta = 25C
10
Ta = 50C
300
200
Ta = 85C
1
Ta = 0C
Ta = -30C
100
0 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
10.0
trr, REVERSE RECOVERY TIME (nS)
0.1 0 200 400 600 800 1000 VF, FORWARD VOLTAGE (mV) Fig. 2 Typical Forward Characteristics
2.5
Ta = 100C
2.0
1.0
1.5
Ta = 75C
0.10
Ta = 50C Ta = 25C
1.0
0.01
Ta = -30C
Ta = 0C
0.5
0
0.001 0 20 40 60 80 VR, REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics
4
f = 1MHz
0
2
4
6
8
10
IF, FORWARD CURRENT (mA) Fig. 4 Reverse Recovery Time vs. Forward Current
CT, TOTAL CAPACITANCE (pF)
3
2
1
0 0 1 2 3 4 5 6
VR, REVERSE VOLTAGE (V) Fig. 5 Total Capacitance vs. Reverse Voltage
DS12002 Rev. 14 - 2
2 of 3 www.diodes.com
1N4448W
Ordering Information (Note 4)
Device 1N4448W-7-F
Notes:
Packaging SOD-123
Shipping 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
T5
T5 = Product Type Marking Code YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4 2002 N May 5 2003 P Jun 6 2004 R Jul 7 2005 S Aug 8 2006 T Sep 9 2007 U Oct O 2008 V Nov N 2009 W Dec D
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS12002 Rev. 14 - 2
YM
IMPORTANT NOTICE
3 of 3 www.diodes.com
1N4448W


▲Up To Search▲   

 
Price & Availability of 1N4448W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X