Part Number Hot Search : 
36BCP 20022HS SSD3030P B140N PIC18 42827 C124EU LTC38
Product Description
Full Text Search
 

To Download 1N4151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS FEATURES
. Silicon epitaxial planar diode . Fast swithching diodes . 500mW power dissipation . The diode is also available in the Mini-MELF case with the type designation LL4151
1N4151
SMALL SIGNAL SWITCHING DIODE
MECHANICAL DATA
. Case: DO-35 glass case . Polarity: Color brand denotes cathode end . Weight: Approx. 0.13gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 ambient temperature unless otherwise specified)
Symbol
Reverse voltage Peak reverse voltage Average rectified current, Half wave rectification with Resistive load at TA=25 and F 50Hz IFSM Ptot TJ VR VRM IAV
Value 50 75 1501)
Units
Volts Volts mA
Surge forward current at t<1S and TJ=25 Power dissipation at TA=25 Junction temperature Storage temperature range
500 5001) 175 -65 to + 175
Ma Mw
TSTG
1)Valid provided that at a distance of 8mm from case are kept at ambient temperature(DO-35)
ELECTRICAL CHARACTERISTICS
(Ratings at 25 ambient temperature unless otherwise specified)
Symbols
Forward voltage Leakage current at VR=50V VF IR
Min.
Typ.
Max. 1 50
Units Volts nA
at VR=20V, TJ=150 Junction capacitance at VR=VF=0V Reverse breakdown voltage tested with 5 A pulse Reverse recovery time from IF=10mA to IR=10mA to IR=1mA, from IF=10mA to IR=1mA to IR=1mA, VR=6V.RL=100 Thermal resistance junction to ambient Rectification efficience at f=100MHz,VRF=2V R
IR CJ V(BR)R trr trr
JA
50 75 2
A pF
4 4.000 3501) 0.45
ns ns K/W
1)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature(DO-35) Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 3
CE
CHENYI ELECTRONICS
1N4151
SMALL SIGNAL SWITCHING DIODE
RATINGS AND CHATACTERISTIC CURVES 1N4151
FIG.2-DYNAMIC FORWARD RESISTANCE FLG.1-FORWARD CHARACTERISTICS VERSUS FORWARD CURRENT
FIG.3-ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
FIG.4-RELATIVE CAPACITANCE VERSUS VOLTAGE
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 3
CE
CHENYI ELECTRONICS
1N4151
SMALL SIGNAL SWITCHING DIODE
FIG.5-RECTIFICATION EFFICIENCY MEASUREMENT CIRCUIT
FIG.6-LEAKAGE CURRENT VERSUS JUNCTION
TEMPERATURE
FIG.7-ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 1N4151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X