Part Number Hot Search : 
1N5393G 25TTS GPP10G G30F1 CS3216 2AS1015 ASI2307 01140
Product Description
Full Text Search
 

To Download 1N4151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4151
Vishay Telefunken
Silicon Epitaxial Planar Diode
Applications
Extreme fast switches
94 9367
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage Reverse voltage Peak forward surge current Repetitive peak forward current Forward current Average forward current Power dissipation Junction temperature Storage temperature range Test Conditions Type Symbol VRRM VR IFSM IFRM IF IFAV PV PV Tj Tstg Value 75 50 2 500 300 150 440 500 175 -65...+175 Unit V V A mA mA mA mW mW C C
tp=1ms
VR=0 l=4mm, TL=45C l=4mm, TL
x25C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions l=4mm, TL=constant Symbol RthJA Value 350 Unit K/W
Document Number 85523 Rev. 2, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
1N4151
Vishay Telefunken Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current Breakdown voltage Diode capacity Reverse recovery time y Test Conditions IF=50mA VR=50V VR=50V, Tj=150C IR=5mA VR=0, f=1MHz, VHF=50mV IF=IR=10mA, iR=1mA IF=10mA, VR=6V, iR=0.1xIR, RL=100W Type Symbol VF IR IR V(BR) CD trr trr Min Typ 0.88 14 Max 1 50 50 2 4 2 Unit V nA
mA
V pF ns ns
75
Characteristics (Tj = 25_C unless otherwise specified)
100 CD - Diode Capacitance ( pF ) Scattering Limit I R - Reverse Current ( mA ) 10 3.0 2.5 2.0 1.5 1.0 0.5 0 0
94 9151
f = 1 MHz Tj = 25C
1
0.1 VR = 50 V 0.01 40 80 120 160 200 Tj - Junction Temperature ( C )
0.1
94 9153
1
10
100
VR - Reverse Voltage ( V )
Figure 1. Reverse Current vs. Junction Temperature
1000 IF - Forward Current ( mA ) Tj = 100C 100
Figure 3. Diode Capacitance vs. Reverse Voltage
10 Tj = 25C
1
0.1 0
94 9152
0.4
0.8
1.2
1.6
2.0
VF - Forward Voltage ( V )
Figure 2. Forward Current vs. Forward Voltage
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 85523 Rev. 2, 01-Apr-99
1N4151
Vishay Telefunken Dimensions in mm
Cathode Identification 0.55 max.
technical drawings according to DIN specifications 94 9366
1.7 max.
Standard Glass Case 54 A 2 DIN 41880 JEDEC DO 35 Weight max. 0.3 g
26 min.
3.9 max.
26 min.
Document Number 85523 Rev. 2, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
1N4151
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 85523 Rev. 2, 01-Apr-99


▲Up To Search▲   

 
Price & Availability of 1N4151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X