Part Number Hot Search : 
91100 MPC83 1N5255B LL55C10 E43CA MCH6001 C5001 18VDC
Product Description
Full Text Search
 

To Download 1N4150W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4150W
SMALL SIGNAL DIODES
FEATURES
SOD-123
.022 (0.55)
Silicon Epitaxial Planar Diode For general purpose and switching. This diode is also available in other case styles including the DO-35 case with the type designation 1N4150 and the MiniMELF case with the type designation LL4150.
max. .006 (0.15)
Cathode Mark
.152 (3.85) .140 (3.55) .112 (2.85) .100 (2.55)
Top View
max. .004 (0.1)
max. .053 (1.35)
.067 (1.70) .055 (1.40)
MECHANICAL DATA
Case: SOD-123 Plastic Case Weight: approx. 0.01 g
min. .010 (0.25)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. SYMBOL VALUE UNIT
Peak Reverse Voltage Maximum Average Rectified Current Maximum Power Dissipation at Tamb = 25C Maximum Forward Voltage Drop at IF = 200 mA Maximum Reverse Current at VR = 50 V Maximum Reverse Recovery Time at IF = IR = 10 to 200 mA, to 0.1 IF Maximum Junction Temperature Storage Temperature Range
NOTES: (1) Valid provided that electrodes are kept at ambient temperature
VRM IO Ptot VF IR Trr Tj TS
50 200 410
(1)
V mA mW V nA ns C C
1.0 100 4.0 150 65 to +150
1/4/99


▲Up To Search▲   

 
Price & Availability of 1N4150W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X