Part Number Hot Search : 
ASM3P DC4R44 MC140 1E106 4213F 5250A 06C300JZ 2N4393
Product Description
Full Text Search
 

To Download 1N4148X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
1N4148X
Features
* * * Fast Switching Speed For General Purpose Switching Applications Surface Mount Package Ideally Suited for Automatic Insertion
200mW Switching Diodes
* *
Mechanical Data
Marking Code: T4 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
SOD523
A Rating 100 75 53 300 150 2.0 1.0 625 200 Unit V V V mA mA A /W mW D F H C B E G
Maximum Ratings
Symbol VRM VRRM VRWM VR VR(RMS) IFM Io IFSM RJA PD TJ ,TSTG Parameter Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Peak Forward Surge Current @1.0s @1.0s Thermal Resistance Junction to Ambient Power dissipation Operating and Storage Junction Temperature Parameter Reverse Breakdown Voltage Reverse Voltage Leakage Current Forward Voltage Total Capacitance Reverse Recovery Time Min 75V --------------Max --1.0A 25nA 0.715V 0.855V 1.0V 1.25V 2.0pF 4.0ns
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol V(BR) IR VF CT trr Test Conditions IR=10A VR=75V VR=20V IF=5mA IF=10mA IF=100mA IF=150mA VR=0V, f=1MHZ IR=IF=10mA, RL=100 , Rec. to 1.0mA DIMENSIONS INCHES MM MIN MAX MIN MAX .059 .067 1.50 1.70 .043 .051 1.10 1.30 .030 .033 0.75 0.85 .001 .003 0.01 0.07 .010 .014 0.25 0.35 .003 .006 0.08 0.15 .020 .028 0.50 0.70 .020 .031 0.51 0.77
DIM A B C D E F G H
NOTE
www.mccsemi.com
Revision: 2
1 of 3
2006/05/04
1N4148X
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision: 2
2 of 3
2006/05/04
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
3 of 3
2006/05/04


▲Up To Search▲   

 
Price & Availability of 1N4148X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X