Part Number Hot Search : 
BTB04 721RP OP235W 04110 40EPS16 NCV42 EP731205 A1550BS1
Product Description
Full Text Search
 

To Download 1N4007G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS
1N4001G THRU 1N4007G
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
Reverse Voltage - 50 to 1300 Volts Forward Current - 1.0Amperes
FEATURES
. The plastic package carries Underwrites Laboratory Flammability Classification 94V-0 . High current capability . Low reverse leakage . Glass passivated junction . Low forward voltage drop . High temperature soldering guaranteed: 250 /10 seconds, 0.375"(9.5mm)lead length,5lbs.(2.3kg) tension
MECHANICAL DATA
. Case: JEDEC DO-41 molded plastic body . Terminals: Plated axial lead solderable per MIL-STD-750,method 2026 . Polarity:Color band denotes cathode end . Mounting Position: Any . Weight: 0.012 ounce, 0.33 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive) load. For capacitive load,derate by 20%)
1N 1N 1N 1N 1N 1N 1N Symbols 4001G 4002G 4003G 4004G 4005G 4006G 4007G
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Macimum average forward rectified current 0.375"(9.5mm)lead length at TA=75 Peak forward surge current 8.3ms half sing-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1.0 A Maximum reverse current at rated DC blocking voltage Typeical thermal resistance(Note 1) Typical junction Capacitance(Note 2) Operating and storage temperature range TA=25 TA=100 VF IR 50.0 1.1 5.0 IFSM 30.0 VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 1.0 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amp
Amps
Volts A
R R
CJ
TJ
JA JL
50.0 25.0 15.0 -65 to +175 /W pF
TSTG
Notes: 1. Measured at 1MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance from juntion to ambient and from junction lead at 0.375"(9.5mm)lead length, P.C.B. Mounted
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
CE
CHENYI ELECTRONICS
1N4001G THRU 1N4007G
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
Reverse Voltage - 50 to 1300 Volts Forward Current - 1.0Amperes
RATINGS AND CHARACTERISTIC CURVES 1N4001G THRU 1N4007G
FIG.2-TYPICAL INSTANTANEOUS FORWARD FLG.1-FORWARD CURRENT DERATING CURVE CHARACTERISTICS
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 1N4007G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X