Part Number Hot Search : 
VN808SR EVM31G 13017 SMC13 2SC53 1D16UM P1011 AN7362
Product Description
Full Text Search
 

To Download 1N4007G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. 1N4001G THRU 1N4007G
GLASS PASSIVATED JUNCTION RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FEATURES
* Molded case feature for auto insertion * Glass passivated chip * High current capability * Low leakage current * High surge capability * High temperature soldering guaranteed: 250oC/10sec/0.375"(9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
DO - 41
MECHANICAL DATA
* Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C * Case: Molded with UL-94 Class V-O recognized flame retardant epoxy * Polarity: Color band denotes cathode * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (9.5mm lead length, at Ta=75oC) Peak Forward Surge Current (8.3ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at rated forward current) Maximum DC Reverse Current Ta=25oC (at rated DC blocking voltage) Ta=100 C
o
SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR
1N40 1N40 1N40 1N40 1N40 1N40 1N40 UNITS 01G 02G 03G 04G 05G 06G 07G 50 100 200 400 600 800 1000 V 35 70 140 280 420 560 700 V 50 100 200 400 600 800 1000 V
1.0 30.0 1.1 5.0 50
o
A A V A A pF C/W o C
15.0 CJ Typical Junction Capacitance (Note 1) 50.0 Typical Thermal Resistance (Note 2) R(ja) -65 to +150 Storage and Operation Junction Temperature TSTG,TJ Note: 1.Measured at 1.0 MHz and applied voltage of 4.0Vdc 2.Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C. board mounted
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of 1N4007G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X