Part Number Hot Search : 
2SC1170 P11N60 R6000 MBR16H35 19CU300P EFM303L SWL63X TLP785F
Product Description
Full Text Search
 

To Download 1N3957GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N3611GP THRU 1N3614GP AND 1N3957GP
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 200 to 1000 Volts
*
DO-204AL
Forward Current - 1.0 Ampere
FEATURES
D
P A T
E
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160 (4.1)
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
NOTE: Lead diameter is 0.026 (0.66)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Capable of meeting environmental standards of MIL-S-19500 Glass passivated cavity-free junction 1.0 Ampere operation at TA=75C with no thermal runaway Typical IR less than 0.1A High temperature soldering guaranteed: 350C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
N
T
E
0.023 (0.58)
for suffix "E" part numbers
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306
(R)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
1N 3611GP
1N 3612GP
1N 3613GP
1N 3614GP
1N 3957GP
UNITS
* Maximum repetitive peak reverse voltage * Maximum RMS voltage * Maximum DC blocking voltage * Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=75C * Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A * Maximum DC reverse current at rated DC blocking voltage Typical reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range TA=25C TA=150C
VRRM VRMS VDC I(AV)
200 140 200
400 280 400
600 420 600 1.0
800 560 800
1000 700 1000
Volts Volts Amps Amps
IFSM VF IR trr CJ RJA RJL TJ, TSTG
30.0 1.0 1.0 300.0 2.0 8.0 55.0 25.0 -65 to +175
Amps Volts A s pF C/W C
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr =0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted * JEDEC registered values
4/98
RATINGS AND CHARACTERISTIC CURVES 1N3611GP THRU 1N3614GP AND 1N3957GP
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
FIG. 1 - MAXIMUM FORWARD CURRENT DERATING AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
1.0
PEAK FORWARD SURGE CURRENT, AMPERES
60 HZ RESISTIVE OR INDUCTIVE LOAD
30
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.8
25 20
0.6
0.4
15
0.2
0.375" (9.5mm) LEAD LENGTH
10 5.0 1 10
NUMBER OF CYCLES AT 60 HZ
0
100
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, AMPERES
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
20 10
10
TJ=100C
TJ=25C
1
1
PULSE WIDTH=300s 1% DUTY CYCLE
0.1
TJ=25C
0.1
0.01 0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0.01 0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE TRANSIENT THERMAL IMPEDANCE (C/W)
20
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHZ Vsig=50mVp-p
100
10
10
1
1 0.1
1
10
100
0.1 0.01
0.1
1
10
100
REVERSE VOLTAGE, VOLTS
t, PULSE DURATION, sec


▲Up To Search▲   

 
Price & Availability of 1N3957GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X