Part Number Hot Search : 
MT8870 MM3ZXVT1 X24C00PI 25LC512T L0533 G106M ZR78L06G SD215
Product Description
Full Text Search
 

To Download 1N3595 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Leakage Diode
Applications Features
1N3595
DO-35 Glass Package
Used in instrumentation applications, where low leakage and high voltage isolation are important.
DO-35 Glass Package
(nominal dimensions) Six sigma quality Metallurgically bonded glass 0.020" 0.50 mm BKC's Sigma BondTM plating for problem free solderability LL-34/35 MELF SMD available chip Length 1.0" Dia. 0.145" 25.4 mm 0.070" Full approval to Mil-S-19500/241 3.7 mm (Min.) 1.8 mm Available up to JANTXV-1 levels "S" level screening available to Source Control Drawings using a DO-35 tungsten, hard glass voidless package for Space applications
Maximum Ratings Peak Inverse Voltage Average Rectified Current Continuous Forward Current Peak Surge Current (tpeak = 1 sec.) BKC Power Dissipation @ TL =50 C, L= 3/8" from body Storage & Operating Temperature Range Electrical Characteristics @ 25 C
Forward Voltage Drop @ IF = 1 mA Forward Voltage Drop @ IF = 5 mA Forward Voltage Drop @ IF = 10 mA Forward Voltage Drop @ IF = 50 mA Forward Voltage Drop @ IF = 100 mA Forward Voltage Drop @ IF = 200 mA Reverse Leakage Current @ VR = 125 V Reverse Leakage Current @ VR = 125 V Capacitance @ VR = 0 V, f = 1mHz Reverse Recovery Time (note 1)
o o
Symbol PIV IAvg IFdc Ipeak Ptot TSt & Op Symbol
VF VF VF VF VF VF IR IR CT trr
Value 150 (Min.) 150 150 4.0 500 -65 to +200 Maximum
0.68 0.75 0.80 0.88 0.92 1.0 1.0 500 @ 150 C 8.0 3.0
o
Unit Volts mAmps mAmps Amps mWatts
o
C
Minimum
0.52 0.60 0.65 0.74 0.79 0.83
Unit
Volts Volts Volts Volts Volts Volts nA nA pF Secs
Note 1: Per Method 4031-B of MIL-STD-750 with IF = 10 mA, VR = 35V, RL = 1.0K Ohms, C = 10 Pf
For military parts use the 1N3595-1 number with the appropriate JAN, JTX or JTXV prefix. The SMD DO-213AA comes in commercial (LL3595) and military versions (1N3595UR-1).
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135
1N3595 Low-leakage Diode
Ir (nanoAmperes);Typical Values
Reverse leakage vs T e m p . Vr = 125 Volts
7 6 5 4 3 2
10
2
8 7 6 5 4 3 2
10
1
40
60
80
100
120
140
160
T a m b i ent (Degrees C)
DO-35 Power Derating Curve
500
400
Power (milliwatts)
300
200
100
0 0 20 40 60 80 100 120 140 160 180 200
Lead Temp. (Degrees C, 3/8" from body)
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135


▲Up To Search▲   

 
Price & Availability of 1N3595

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X