Part Number Hot Search : 
IL215AT MIC1232 DM9006EP 20CTQ H103J N87C196K 54RLF G0686M00
Product Description
Full Text Search
 

To Download 1N3595-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
1N3595-1
* 1N3595-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF19500/241
* * * *
SWITCHING DIODE METALLURGICALLY BONDED HERMETICALLY SEALED DOUBLE PLUG CONSTRUCTION
MAXIMUM RATINGS AT 25 C
Operating Temperature: Storage Temperature: Surge Current A, sine 1S: Surge Current A, sine 1uS: Total Power Dissipation: Operating Current: -65C to +175C -65C to +175C 500mA 4A 500mW 150mA, TA= +25C
Derating Factor:
D.C. Reverse Voltage (VRWM):
1mA/C above +25C
125V
DC ELECTRICAL CHARACTERISTICS
VF
Ambient (C) IF mA Min V Max V
IR
Ambient VR Min V (dc) A (C) Max A Ambient (C)
VBR
IR A Min V Max V
25 25 25 25 25 25
1 5 10 50 100 200
0.52 0.60 0.65 0.74 0.79 0.83
0.68 0.75 0.80 0.88 0.92 1.00
25 150
125 125
-
0.001 3.000
-55
100 150
-
DESIGN DATA
Case: Hermetically sealed glass package per MILPRF-19500/241 DO-35 outline Lead Material: Copper clad steel Lead Finish: Tin/Lead Thermal Impedance (ZJX): 70C/W maximum Marking: Blue body coat, Black digits. Polarity: Cathode end is banded.
AC ELECTRICAL CHARACTERISTICS AT 25C
Symbol
Capacitance @ 0V TRR @ IF =10mA, VR=35V
pF usec
Min -
Max 8.0 3.0
IRELAND - GORT ROAD, ENNIS, CO. CLARE
PHONE: TOLL FREE: FAX: +353 65 6840044 +186 62 702434 +353 65 6822298
WWW.MICROSEMI.COM
U.S.A. DOMESTIC SALES CONTACT
PHONE: TOLL FREE: (617) 926 0404 1 800 666 2999


▲Up To Search▲   

 
Price & Availability of 1N3595-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X