Part Number Hot Search : 
10200 RN2326A C35005 8HC05 088GDB BZT03 AW33GKE MAE25003
Product Description
Full Text Search
 

To Download 1819-35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1819-35
35 Watt - 28 Volts, Class C Microwave 1750 - 1850 MHz
GENERAL DESCRIPTION
The 1819-35 is a COMMON BASE transistor capable of providing 35 Watts of Class C, RF output power over the band 1750-1850 MHz. This transistor is designed for Microwave Broadband Class C amplifier applications. It includes Input and Output prematching and utilizes Gold metalization and diffused ballasting to provide high reliability and supreme ruggedness. The transistor uses a fully hermetic High Temperature Solder sealed package.
CASE OUTLINE
55AW, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25oC Maximum Voltage and Current BVces Collector to Emitter Voltage BVebo Emitter to Base Voltage Ic Collector Current Maximum Temperatures Storage Temperature Operating Junction Temperature 135 Watts
50 Volts 3.5 Volts 12 A - 65 to + 200 oC + 200 oC
ELECTRICAL CHARACTERISTICS @ 25 OC
SYMBOL Pout Pin Pg CHARACTERISTICS Power Out Power Input Power Gain Collector Efficiency Load Mismatch Tolerance TEST CONDITIONS F = 1750-1850 MHz Vcb = 28 Volts Pin = 7 Watts As Above F = 1850MHz, Pin = 7 W MIN
35 7 7.0 40 10:1
TYP
MAX
UNITS
Watt Watt dB %
c
VSWR1
BVces BVebo HFE Cob
jc
Collector to Emitter Breakdown Emitter to Base Breakdown Current Gain Output Capacitance Thermal Resistance
Ic = 20 mA Ie = 15 mA
Vce = 5 V, Ic = 1 A F = 1 MHz, Vcb = 28V
50 3.5 10
Volts Volts 100 1.3
o
pF C/W
72034
Issue August 1996
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
1819-35
August 1996


▲Up To Search▲   

 
Price & Availability of 1819-35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X