Part Number Hot Search : 
LX152M06 TA2306A MJE4352 PVC1011 MJE4352 TLS258 STM805 1N6839
Product Description
Full Text Search
 

To Download 16YQ100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93954B
SCHOTTKY RECTIFIER
HIGH EFFICIENCY SERIES
16YQ100C
16A, 100V
Major Ratings and Characteristics
Description/Features
The 16YQ100C Schottky rectifier has been expressly Characteristics 16YQ100C Units designed to meet the rigorous requirements of hi-rel environments. It is packaged in the hermetic isolated IF(AV) 16 A TO-257AA ceramic package. The device's forward voltage drop and reverse leakage current are optimized for the VRRM 100 V lowest power loss and the highest circuit efficiency for typical 250 A IFSM @ tp = 8.3ms half-sine high frequency switching power supplies and resonent powerconverters.Full MIL-PRF-19500 quality conformance VF @ 15Apk, TJ =125C 0.71 V testing is available on source control drawings to TX, TXV and S levels. TJ,Tstg Operating and storage -55 to 150 C Hermetically Sealed Ceramic Eyelets Low Forward Voltage Drop High Frequency Operation Guard Ring for Enhanced Ruggedness and Long term Reliability * Lightweight
A 10.66 [.420] 10.42 [.410] 3X O 3.81 [.150] 3.56 [.140] 5.08 [.200] 4.83 [.190] 0.13 [.005] 1.14 [.045] 0.89 [.035]
* * * * *
CASE STYLE
13.63 [.537] 13.39 [.527] 16.89 [.665] 16.39 [.645] 10.92 [.430] 10.42 [.410] 1 2 3 B
C 15.88 [.625] 12.70 [.500]
0.71 [.028] MAX.
2.54 [.100] 2X 3X O
0.88 [.035] 0.64 [.025] CA B
3.05 [.120]
O 0.50 [.020]
CATHODE OPEN ANODE
Case Outline and Dimensions - TO-257AA
www.irf.com
1
03/27/02
16YQ100C
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
16YQ100C 100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current See Fig. 5 IFSM Max. Peak One Cycle Non - Repetitive Surge Current 250 A @ tp = 8.3 ms half-sine
Limits
16
Units
A
Conditions
50% duty cycle @ TC = 132C, square waveform
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop See Fig. 1Q
Limits
0.76 0.64 0.785 0.60 0.71 0.54
Units
V V V V V V mA mA mA pF nH @ 15A @ 7.5A @ 15A @ 7.5A @ 15A @ 7.5A TJ = 25C TJ = 100C TJ = 125C
Conditions
TJ = -55C TJ = 25C TJ = 125C
I RM
Max. Reverse Leakage Current See Fig. 2Q
0.04 7.1 30
VR = rated VR
CT LS
Max. Junction Capacitance Typical Series Inductance
1400 9.8
VR = 5VDC ( 1MHz, 25C ) Measured from anode lead to cathode lead 6mm ( 0.025 in.) from package
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max.Junction Temperature Range Max. Storage Temperature Range to Case wt Weight (Typical) Die Size Case Style Q Pulse Width < 300s, Duty Cycle < 2% 4.3 200X200 TO-257AA g mils
Limits Units
-55 to 150 -55 to 150 1.15 C C C/W DC operation
Conditions
RthJC Max. Thermal Resistance, Junction
See Fig. 4
2
www.irf.com
16YQ100C
100
Reverse Current - I R ( mA )
10
125C 100C
1
75C
100
0.1
0.01
25C
0.001 0 10 20 30 40 50 60 70 80 90 100
Instantaneous Forward Current - I F (A)
Reverse Voltage - VR (V)
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
10
Tj = 125C
10000
Tj = 25C
Junction Capacitance - CT (pF)
1000
Tj = -55C
T J = 25C
1 0.0 0.2 0.4 0.6 0.8 1.0 Forward Voltage Drop - V F (V)
100 0 10 20 30 40 50 60 70 80 90 100
Reverse Voltage -VR (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
www.irf.com
3
16YQ100C
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.0001 0.001 0.01
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.1 1
P DM t1 t2 10
t1 , Rectangular Pulse Duration (sec)
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
180
Allowable Case Temprature - (C)
160 140 120 100 80 60 40 20 0 0 10
16YQ100C
R thJC = 1.15C/W DC
20
30
Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 03/02
4
www.irf.com


▲Up To Search▲   

 
Price & Availability of 16YQ100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X