Part Number Hot Search : 
KBPC3 A2D6N CA9541 DA168L P222NQ STDH90 09MUQ MV5026A
Product Description
Full Text Search
 

To Download 150C2206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F E AT U R E S 3 - 200 MHz 1 dB Insertion Loss 45 dB Isolation Small DIP Package
MODEL NO. 150C2206
Switch DPDT
DPDT
.335 MAX
.435 MAX
.275MAX 10 CONTROL GATE 1 +5V .017 .002 DIA 9 PLACES 2 B2 .031 .035 3 B1 .470 MAX 4 B3 6 A3 7 A1 8 A2 9 GND
.300
.100 TYP
.200 .370 MAX .xx = .02 .xxx = .010
GUARANTEED PERFORM A NCE
Parameter
ISO (dB) I.L. (dB) VSWR
Min Typ Max Units
3 0.261 1.0 1.0 1.06 45 40 1.31/1 1.19/1 50 0.34 40 +33 +39 +9.8 +25 200 132 50 -400 1.40 MHz mA A A dB dB dB
Conditions
Test Frequencies At 17 MHz and 58 MHz At +5 VDC Supply VIH = 2.0 Min VIH = 0.8 Min 10 to 110 MHz 10 to 110 MHz 110 to 200 MHz 3 to 10 MHz 10 to 200 MHz
Operating Frequency
T YP IC A L P E R F OR MA NCE
at 25 C DC Current Control Current Insertion Loss Isolation
ISO (dB)
1.8
4.0
80
1.6
3.0
60
43 38
VSWR Impedance Switching Speed Switching (Video) Transients Intercept Points 3rd +34
+28
1.5/1 1.2/1 1 50
1.4
2.0
40 I.L. (dB)
1.2
1.0
20
VSWR 1.0 0 0 1 4 10 40 100 400 1000 3000
RF Power Operate Operating Temperature
-55
+13 +85
OHMS Sec mV Peak Value dBm 48 - 70 MHz dBm 15 - 20 MHz dBm C
FREQUENCY (MHz)
DA I C O In d u s t r i e s
Rev. - / Iss. 1


▲Up To Search▲   

 
Price & Availability of 150C2206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X