![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Series 146 64 Dual-in-line sockets Open frame Press-fit with compliant pins Press-fit sockets for solderless mount into PCB. For plated-thru-holes 1 (+ 0.09/- 0.06) mm Compliant pins New press-fit receptacle with modified eye of the needle which eliminates damage to the platedthru-holes Platings 91 93 99 Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb Clip 0.25 m Au 0.75 m Au 5 m Sn Pb Pin Ordering information For standard versions see table (order codes) Option: Platings 91, 93 and 99 available for all versions Replace xx with requested plating code (Older versions 146...012/013/019 please consult) No. of poles Order Codes Insulator dimensions See page 44 A B C For PCB thickness 1.5 to 2.0 mm D = 2.80 mm 6 8 14 16 18 20 22 24 28 32 40 146-xx-306-41-036 146-xx-308-41-036 146-xx-314-41-036 146-xx-316-41-036 146-xx-318-41-036 146-xx-320-41-036 146-xx-422-41-036 146-xx-624-41-036 146-xx-628-41-036 146-xx-632-41-036 146-xx-640-41-036 For PCB thickness 2.1 to 3.2 mm D = 3.80 mm 146-xx-306-41-035 146-xx-308-41-035 146-xx-314-41-035 146-xx-316-41-035 146-xx-318-41-035 146-xx-320-41-035 146-xx-422-41-035 146-xx-624-41-035 146-xx-628-41-035 146-xx-632-41-035 146-xx-640-41-035 Fig. Fig. Fig. Fig. Fig. Fig. 3 4 6 7 8 9 7.6 10.1 17.7 20.3 22.8 25.3 7.62 7.62 7.62 7.62 7.62 7.62 10.1 10.1 10.1 10.1 10.1 10.1 Fig. 13 Fig. 17 Fig. 18 Fig. 19 Fig. 21 27.8 10.16 12.6 30.4 35.5 40.6 50.6 15.24 15.24 15.24 15.24 17.7 17.7 17.7 17.7 |
Price & Availability of 146-99-640-41-036
![]() |