Part Number Hot Search : 
TA1152A 2SD1816 EGA16 200A12N2 0KGKT 2SB113 F1005 BCX71G
Product Description
Full Text Search
 

To Download 14-DIP-300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14-DIP-300 Tube Packing Data
14-DIP14-DIP-300 Packing Configuration: Figure 1.0
Packaging Description:
14-DIP-300 parts are shipped in tube. The tube is made of PVC plastic treated with anti-static agent.These tubes in standard option are placed inside a dissipative plastic bubble sheet, barcode labeled, and placed inside a box made of recyclable corrugated paper. One box contains sixty tubes maximum (see fig. 1.0). And one or several of these boxes are placed inside a labeled shipping box which comes in different sizes depending on the number of parts shipped. The units in this option are placed inside a small box laid with anti-static bubble sheet. These smaller boxes are individually labeled and placed inside a larger box. These larger boxes then will be placed finally inside a labeled shipping box which still comes in different sizes depending on the number of units shipped.
25 units per Tube
Bubble Sheet 60 Tubes per box
14-DIP-300 Packaging 14-DIPConfiguration: Figure 2.0
14-DIP-300 Packaging Information 14-DIP Packaging Option Packaging type Qty per Tube/Inner Box Inner Box Dimension (mm) Max qty per Box Outer Box Dimension (mm) Max qty per Box Weight per unit (gm) Note/Comments Standard (no flow code) Rail/Tube 25 517x140x63 1,500 554x308x223 9,000 0.9543
FKS Label 517mm x 140mm x 63mm Inner box (1,500cap)
Inner Box Barcode Label Sample
MBB : NOR P/U : 660 S/T : LOGO I/B: L OGO HIC : 0 P/T:O MIX: X
Outer Box Barcode Label Sample
00 / 03 / 17 07:30 DVC: LOT: Q'TY: KA7812-AE KA7812IMSYS777 12000 IM 01
P
ETC:
00 / 03 / 17 06:30
DVC:
KA7812-AE KA781201
LOT: TKLEE777 Q'TY: 1000 W/W: 0103 OPTION: 20000025
A710103105
88706892
7103
554mm x 308mm x 223mm Outer box(9,000cap) FKS Label
14-DIP-300 Tube 14-DIP Configuration: Figure 3.0
Note: All dimensions are in mm
O3.0 0.1
0.5 +0.2/-0
F S937
3080A
F S937
3080A
F S937
3080A
F S937
3080A
F S937
3080A
F S937
3080A
12.9 0.15
9.0 0.2
4.5 0.2
4.60.2 500.0 1.0 11.1 0.2
(c)2001 Fairchild Semiconductor Corporation
October 2001, Rev. A


▲Up To Search▲   

 
Price & Availability of 14-DIP-300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X