Part Number Hot Search : 
00R12K 8S003F3 CS5020RQ MAX1480 BA7805 MB90439S BENCHVUE SR150
Product Description
Full Text Search
 

To Download 1250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVEREADY BATTERY CO. Internet: www.energizer.com
1-800-383-7323 / 1-800-383-7323 / USA USA 1-800-383-7323 / CANADA 1-800-383-7323 / CANADA + 44 (0) 208 920 2306 / EUROPE
ENERGIZER NO. 1250
SUPER HEAVY DUTY Chemical System: Zinc-Manganese Dioxide (Zn/MnO2) (No Added Mercury or Cadmium) ANSI-13D, IEC-R20 1.5 Volts -18C to 55C (0F to 130F) 89.0 grams (3.1 oz.) 53 cubic centimeters (3.2 cubic inch) 8,000 mAh to 0.8 volts (Rated at 25 mA continuous at 21C) One No. 50 (size "D") Metal
Designation: Battery Voltage: Operating Temp: Average Weight: Volume: Average Capacity: Cell: Jacket:
TYPICAL PERCENT SERVICE 3.9 ohm - 4 hours/day to 0.75 volts
140% 120% 100% 80% 60% 40% 20% 0% -20 -10 0 10 20 Temperature (C) 30 40
Percent Service
CONSTANT RESISTANCE PERFORMANCE Typical Service 10000 10000
CONSTANT CURRENT DISCHARGE Typical Service
1000 Service, Hours Service Hours
1000
100
100
10 0.8 Cutoff Voltage 1 1.0 Cutoff Voltage 1.2 Cutoff Voltage 0.1 0.1 1 10 100 Discharge Resistance, Ohms 1000
10 0.8 Cutoff Voltage 1 1.0 Cutoff Voltage 1.2 Cutoff Voltage 0.1 1 10 100 1000 10000 Discharge Current, mA
Form No. EBC - 3111G
Page 1 of 2
EVEREADY BATTERY CO. Internet: www.energizer.com
ENERGIZER NO. 1250 ANSI Industry Standard Tests @ 20 C
RADIO 10 ohm - 4 hours/day 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0 10 20 30 Service, Hours 40 50 60 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0 4 8 12 16 Service, Hours 20 24 Voltage, CCV Voltage, CCV PORTABLE STEREO 3.9 ohm - 1 hr/day
TOY 2.2 ohm - 1 hr/day 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0 2 4 6 8 Service, Hours 10 12 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0 Voltage, CCV Voltage, CCV
PORTABLE LIGHT 2.2 ohms - 4 min/hour 8 hours/day
100
200
300 400 500 Service, Minutes
600
700
Important Notice
This data sheet contains information specific to batteries manufactured at the time of its publication. Contents herein do not constitute a warranty. Copyright (c) Eveready Battery Co. - All rights reserved
Form No. EBC - 3111G
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 1250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X