Part Number Hot Search : 
4HC40 DS1305N 1N571 CM1103 20N1TR TC74LC N2895 KSD560
Product Description
Full Text Search
 

To Download 11EQS03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
:1 Type :11EQS03L
OUTLINE DRAWING
FEATURES
Miniature Size * Extremely Low Forward Voltage Drop * Low Forward Voltage Drop * High Surge Capability * 30volts trough 100volts Types Available * 26mm and 52mm Inside Tape Spacing Package Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Without Fin or Average Rectified P.C.Board Output Current P.C.Board Mounted * RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range
Approx Net Weight:0.17g
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg 1.0 1.0 40 Ta=36C Ta=55C
11EQS03L
30 Half Sine Wave Resistive Load
Unit V
A A A C C
1.57 Half Sine Wave,1cycle,Non-repetitive - 40 to + 150 - 40 to + 150
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage
Symbol
IRM VFM
Conditions
Min Typ Max Unit
1 0.45 140 110 mA V C/W
Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1 A Without Fin or P.C.Board Thermal Resistance(Junction to Ambient) Rth(j-a) P.C.Board mounted * * :Print Lands = 5x5 mm,Both Sides
11EQS03L OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of 11EQS03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X