Part Number Hot Search : 
2N20C 1N4742A ENN6553 SM5841A 1N5371 L780S10 DB102 PT22151
Product Description
Full Text Search
 

To Download 115-T-7121TPA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Page 1 of 12
Digital Satellite Network Interface Module 115-T-7121TPA
APPLICATIONS
-
Set-Top Box applications for DVB-S and DSS Digital Satellite MODEM
FEATURES
-
950 ~ 2150 MHz tuning range 1 ~ 45M symbol rate supported, thus suitable for SCPC and MCPC application Internal AGC monitor out I2C-bus control for tuner PLL and for LINK IC Loop through output Both parallel and serial output transport stream interface 22KHz tone output for LNB and DiSEqC Viterbi BER monitoring Regulated transport interface, DATA_CLK polarity selection supported System clock generation PLL with low frequency external clock
History
Initial Release Release 1.0 Release 1.1 Release 1.2 Nov. 15 1999 Nov. 5. 2000, port switching @ 1500Mhz Feb. 2. 2001, pin#10(PORT2) to GND
HYNIX Semiconductor Co. LTD. System IC Division TEL: 82-2-3459-3168
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 2 of 12
Contents
1. General Specification of RF Tuner........................................................................................................................3 2. Electrical Specification of RF Tuner.....................................................................................................................4 3. Tuner Synthesizer PLL Information......................................................................................................................4 4. General Specification of LINK IC.........................................................................................................................6 5. Electrical Specification of LINK IC ......................................................................................................................8 6. NIM Configuration...................................................................................................................................................8
Contents of Table
Fig. 1 RF Tuner Block Diagram(ZIF version).......................................................................................................10 Fig. 2 LINK IC(HDM8513A) block diagram ........................................................................................................11 Fig. 3 Output Timing Diagram for DVB ................................................................................................................12 Fig. 4 Output Timing Diagram for DSS..................................................................................................................12
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 3 of 12
1. General Specification of RF Tuner
1
1.1 Power Supply
ITEM 5V Supply Voltage 5V Supply Current Tuning Voltage Tuning Current LNB Voltage LNB Supply Current
MIN 4.75
TYPICAL 5 230
MAX 5.25 260 33 2
UNIT V mA V mA
28
30
500
mA
1.2 Ambient Conditions
ITEM Operating Temperature Storage Temperature Operating Humidity Storage Humidity
MIN 0 -20
TYPICAL
MAX 60 70 85 90
UNIT
C C
% %
1.3 Antenna Terminal - RF Input: f-type, 75 - RF Loop-through: f-type, 75 1.4 Down Conversion - Broad band IQ down conversion, integrated in ZIF IC 1.5 I/Q Demodulator - Integrated in ZIF IC 1.6 AGC Voltage - 0 ~ 5V DC
1
See Fig. 1 for block diagram.
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 4 of 12
2. Electrical Specification of RF Tuner
Test Condition Supply voltage B+(5V): 5V0.1V
VT(30V): 28V0.1V Ambient temperature: 25C5C Ambient humidity: 65%10%
ITEM 2.1 Input Level 2.2 Input VSWR 2.3 Noise Figure 2.4 3'rd Order Inter mo du-
MIN -65
TYPICAL
MAX -25
UNIT dBm
CONDITION
2 6 40
3 12 dB -25dBm level dB difference
lation Rejection Ratio 2.5 Local Oscillation -65 -50 dBm
Signal Leakage at RF Input Terminal 2.6 Gain Deviation 2.7 Phase Noise @10KHz @100KHz 2.8 I/Q Level Imbalance 2.9 I/Q Phase Error 2.10 I/Q Baseband Flatness 2.11 I/Q Output Level 2.12 I/Q Output Impedance
5 -75 -95
10 -70
dB dBc/Hz
950~2150MHz
-90
1 3 3
dB DEG dB mVp-p
I relative
600 250
1K, 15pF load
3. Tuner Synthesizer PLL Information
3.1 IC adopted : SP5769 3.2 I2C address: 0xC2, fixed internally
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 5 of 12
3.3 Write Registers
MSB Prog. divider Prog. divider Control data Control data Byte1 Byte2 Byte3 Byte4 0 N7 1 C1 N14 N6 T2 C0 N13 N5 T1 RE N12 N4 T0 RS N11 N3 R3 P3 N10 N2 R2 P2 N9 N1 R1 P1
LSB N8 N0 R0 P0 A A A A
A: Acknowledge bit N14~N0: Programmable divider bits N = N14 x214 + N13 x213 + ... +N1 x21 +N0 R3,R2,R1,R0: Reference Division Ratio(See Table 1) C0,C1: Charge pump current(See Table 2) RE, RS: Not used, for normal operation RE=0 and RS=don't care T2,T1,T0: Test mode control, for normal operation T2=0 and T1=T0=don't care P3,P2,P1,P0: Port output states, for normal operation P3=P2=P0=don't care, P1 is used for switcing local oscillator, i.e. if fLO < 1500MHz then P1=1, else P1=0
Table 1 Reference Division Ratio (4MHz external reference)
R3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 R2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 R1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 R0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Ratio 2 4 8 16 32 64 128 256 24 5 10 20 40 80 160 320 Comparison frequency 2MHz 1MHz 500KHz 250KHz 125KHz 62.5KHz 31.25KHz 15.62KHz 166.67KHz 800KHz 400KHz 200KHz 100KHz 50KHz 25KHz 12.5KHz
* Recommended, 125KHz
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 6 of 12
Table 2 Charge Pump Current
C1 byte 5, bit 1 0 0 1 1 0 1 0 1 C0 byte 5, bit 2 MIN CURRENT(uA) TYPICAL MAX
98 210 450 975
130 280 600 1300
162 350 750 1625
* Recommended, C1=1, C0=0
Example for determining programmable divider Desired channel frequency = LO frequency(fLO) = 1200MHz if fREF=125KHz thus ratio = 32, R3=0, R2=1, R1=0, R0=0 then Programmable divider = fLO (1/fREF) = (1200.0E6/1)(1/125.0E3) = 9600 = 0x2580
3.4 Read Register
MSB Status byte Byte1 POR FL 0 0 0 0 0
LSB 0 A
A: Acknowledge bit POR: Power-On reset indicator FL: PLL lock flag(FL=1 if locked) * PLL lock-up time: TBD
4. General Specification of LINK IC
2
4.1 IC adopted: HDM8513A 3
2
See Fig. 2 for block diagram. Register information is not included in this specification, see HDM8513A Users Manual for detail
3
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 7 of 12
4.2 I2C address: 0xe8, fixed internally
4.3 Power Supply
MIN 3.3V Supply Voltage 3.3V Supply Current 3.0
TYPICAL 3.3 367 (@30Msps, 1/2 inner rate)
MAX 3.6 420
UNIT V mA
4.4 Ambient Conditions
ITEM Operating Temperature Storage Temperature
MIN -10 -65
TYPICAL
MAX 70 150
UNIT
C C
4.5 LINK IC functionality
ITEM ADC System Clock Generation
DESCRIPTION 6 bit dual sigma-delta ADC Internal PLL with external reference clock Root-raised cosine filter with roll-off 0.35 Digital carrier recovery loop (autonomous sweep functionality) Digital symbol recovery loop Digital AGC (0~3V DC)
NOTE 60MHz
QPSK Demodulation
Viterbi Decoding Deinterleaving ReedSolomon Decoding Descrambling Viterbi BER Indicator
1/2, 2/3, 3/4, 5/6, 7/8 with constraint length K=7 interleaving depth I=12 (204, 188, 8) Energy dispersal descrambling Number of errors among 220 data bits
6/7 for DSS
description.
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 8 of 12
Maximum symbol rate consideration @60MHz CLK
Viterbi rate 1/2 2/3 3/4 5/6 7/8
MAX RATE[Msps] 45 45 40 36 34.2
Notes due to antialiasing limitation
due to system clock limitation

5. Electrical Specification of LINK IC
5.1 BER vs Eb/No characteristics
INNER RATE 1/2 2/3 3/4 5/6 7/8
Eb/No THRESHOLD << 4.5dB << 5.0dB << 5.5dB << 6.0dB << 6.4dB
4
CRITERION
Eb/No at BER=2x10-4 @Viterbi decoder output
6. NIM Configuration
6.1 Host Interface - Only I2C host interface is supported 6.2 WAGC Configuration - level translation circuit to adjust dynamic range difference between ZIF IC and LINK IC - Higher value corresponds to higher gain 6.3 I2C Bypass - Tuner PLL can be accessed via I2C bypass out of LINK IC(internally connected)
4
See Fig. 3 and Fig. 4 for output stream timing diagram.
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 9 of 12
6.4 Pin Description
PIN NO. 1 2 3 4 5 6 7 8 9 10 A B C D E F G H I J K~R S T
MARK LNBA LNBB 5V_RF AGC 5V_ZIF VT 5V_PLL I Q GND 5VAGC GND 3.3V F22 NC RESET ERROUT FRAME_SYNC DATA_VALID DATA_CLK
DESCRIPTION Power input for LNB A Power input for LNB B 5V for RF-AMP and loop through AGC monitor 5V for 2nd AMP and ZIF IC 30V tuning voltage 5V for ZIF IC, PLL IC and OSC I signal monitor Q signal monitor Ground Power of AGC AMP Ground Power of LINK IC 22KHz tone output Not connected Reset (active LOW) Frame error output (active HIGH) Frame sync. (active HIGH) Data valid (active HIGH) Data clock (falling or rising edge triggering)
CURRENT(typ)
RIPPLE(max)
20mA
20mVp-p
*
20mVp-p
*
20mVp-p
10mA
20mVp-p
200mA
20mVp-p
DATA0~7 SDA SCL
Byte data I2C serial data I2C serial clock
* PIN 5,7 TOTAL CURRENT: 200mA(TYP.)
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 10 of 12
MITEL SL1925 LNB I
LPF 0
0
90
0
Q
LPF
LNB B AGC from LINK IC PLL SP5769
Fig. 1 RF Tuner Block Diagram(ZIF version)
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 11 of 12
SAMPLING CLOCK WITH EXT. REFERENCE Symbol Tracking Bit Clock Word Clock Data Clock Symbol Clock
I Dual 6-bit Q ADC Complex Multiplier sin Digital Oscillator AGC Detector QPSK Lock PWM encoder cos Carrier Node Sync. Tracking Frame Sync. Frame Error Polyphase Filter Viterbi Decoder Deinterleaver RS Decoder Descrambler
Data Out
AGC out
Fig. 2 LINK IC(HDM8513A) block diagram
Digital Satellite NIM Specification 1.2
Feb. 2001
Page 12 of 12
Electronics Industries Co., Ltd.
t t
DATA_CLK su
hd
DATA_STB
FRAME_SYNC
DATA_VALID
DATA
185 186 187 188 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx
1
2
3
4
Fig. 3 Output Timing Diagram for DVB
ts u
DATA_CLK
th d
DATA_STB
FRAME_SYNC
DATA_VALID
DATA
141
142 143 144
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
1
2
3
4
Fig. 4 Output Timing Diagram for DSS
Digital Satellite NIM Specification 1.2
Feb. 2001


▲Up To Search▲   

 
Price & Availability of 115-T-7121TPA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X