Part Number Hot Search : 
LA7835 FM201 AN614 MAX4185 TDA72940 0PS48 FM201 W79L549
Product Description
Full Text Search
 

To Download 111RIA80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I25204 rev. B 09/03
110/111RIA SERIES
PHASE CONTROL THYRISTORS Stud Version
Features
High current and high surge ratings Hermetic glass-metal seal up to 1200V
110A
Typical Applications
DC motor controls Controlled DC power supplies AC controllers
Major Ratings and Characteristics
Parameters
IT(AV) @ TC IT(RMS) ITSM @ 50Hz @ 60Hz I 2t @ 50Hz @ 60Hz V DRM /V RRM tq TJ typical
110/111RIA
110 90 172 2080 2180 21.7 19.8 800 to 1200 110 - 40 to 140
Units
A C A A A KA2s KA2s V s C
case style TO-209AC (TO-94)
www.irf.com
1
110/111RIA Series
Bulletin I25204 rev. B 09/03
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number
110/111RIA
Code
80 120
V DRM/V RRM , max. repetitive peak and off-state voltage V
800 1200
repetitive peak voltage V
900 1300
VRSM , maximum non-
I DRM/I RRM max.
@ TJ = TJ max.
mA
20
On-state Conduction
Parameter
I T(AV) Max. average on-state current @ Case temperature I T(RMS) Max. RMS on-state current I TSM Max. peak, one-cycle non-repetitive surge current
110/111RIA
110 90 172 2080 2180 1750 1830
Units Conditions
A C DC @ 83C case temperature t = 10ms A t = 8.3ms t = 10ms t = 8.3ms t = 10ms KA2 s t = 8.3ms t = 10ms t = 8.3ms KA2 s No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max. 180 conduction, half sine wave
I2t
Maximum I2t for fusing
21.7 19.8 15.3 14.0
I 2 t
Maximum I2t for fusing
217 0.82
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IT(AV) < I < x IT(AV)), TJ = TJ max.
V T(TO)1 Low level value of threshold voltage V T(TO)2 High level value of threshold voltage r t1 r t2 V TM IH IL Low level value of on-state slope resistance High level value of on-state slope resistance Max. on-state voltage Maximum holding current Typical latching current
V 1.02 (I > x IT(AV)),TJ = TJ max. (16.7% x x IT(AV) < I < x IT(AV)), TJ = TJ max. m 1.70 1.57 150 400 V mA (I > x IT(AV)),TJ = TJ max. Ipk= 350A, TJ = TJ max., tp = 10ms sine pulse T J = 25C, anode supply 6V resistive load
2.16
Switching
Parameter
di/dt Max. non-repetitive rate of rise of turned-on current td tq Typical delay time Typical turn-off time
110/111RIA
300 1
Units Conditions
A/s Gate drive 20V, 20, tr 1s TJ = TJ max, anode voltage 80% VDRM Gate current 1A, di g /dt = 1A/s Vd = 0.67% VDRM, TJ = 25C
s 110
ITM = 50A, TJ = TJ max., di/dt = -5A/s, VR = 50V dv/dt = 20V/s, Gate 0V 25
2
www.irf.com
110/111RIA Series
Bulletin I25204 rev. B 09/03
Blocking
Parameter
dv/dt IRRM IDRM Maximum critical rate of rise of off-state voltage Max. peak reverse and off-state leakage current
110/111RIA
500 20
Units Conditions
V/s mA TJ = TJ max. linear to 80% rated VDRM TJ = TJ max, rated V DRM/V RRM applied
Triggering
Parameter
PGM IGM +VGM -VGM Maximum peak gate power Max. peak positive gate current Maximum peak positive gate voltage Maximum peak negative gate voltage TYP. IGT DC gate current required to trigger 180 80 40 VGT DC gate voltage required to trigger 2.5 1.6 1 IGD VGD DC gate current not to trigger DC gate voltage not to trigger 6.0 0.25 PG(AV) Maximum average gate power
110/111RIA
12 3.0 3.0 20
Units Conditions
W A TJ = TJ max, t p 5ms TJ = TJ max, f = 50Hz, d% = 50 TJ = TJ max, t p 5ms
V 10 MAX. 120 2 mA V V mA
TJ = TJ max, tp 5ms
TJ = - 40C TJ = 25C TJ = 140C TJ = - 40C TJ = 25C TJ = 140C TJ = TJ max Max. gate current/ voltage not to trigger is the max. value which will not trigger any unit with rated VDRM anode-to-cathode applied Max. required gate trigger/ current/ voltage are the lowest value which will trigger all units 12V anode-to-cathode applied
Thermal and Mechanical Specification
Parameter
TJ Tstg RthJC RthCS T Max. operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Mounting torque, 10%
110/111RIA
-40 to 140 -40 to 150 0.27
Units Conditions
C
DC operation K/W
0.1 15.5 (137) 14 (120) Nm (lbf-in)
Mounting surface, smooth, flat and greased Non lubricated threads Lubricated threads
wt
Approximate weight Case style
130
g See Outline Table
TO - 209AC (TO-94)
www.irf.com
3
110/111RIA Series
Bulletin I25204 rev. B 09/03
RthJC Conduction
Conduction angle
180 120 90 60 30
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Sinusoidal conduction Rectangular conduction Units
0.043 0.052 0.066 0.096 0.167 0.031 0.053 0.071 0.101 0.169 K/W
Conditions
TJ = TJ max. T J = T J max.
Ordering Information Table
Device Code
11
1 1 2 3 4 -
1
2
RIA 120
3 4
IT(AV) rated average output current (rounded/10) 0 = Eyelet terminals (Gate and Auxiliary Cathode Leads) 1 = Fast - on terminals (Gate and Auxiliary Cathode Leads) Thyristor Voltage code: Code x 10 = VRRM (See Voltage Rating Table) NOTE: For Metric Device M12 x 1.75 Contact Factory
4
www.irf.com
110/111RIA Series
Bulletin I25204 rev. B 09/03
Outline Table
GLASS METAL SEAL
16.5 (0.65) MAX. 8.5 (0.3) DIA. 4.3 (0.17) DIA.
37 )M IN (0 . 9.5
20 (0 . 79 )M IN .
2.5 (0.10) MAX.
FLEXIBLE LEAD C.S. 16mm (.025 s.i.) RED SILICON RUBBER 157 (6.18) 170 (6.69) RED CATHODE WHITE GATE C.S. 0.4 mm (.0006 s.i.) 2 2
.
Fast-on Terminals
AMP. 280000-1 REF-250
10 (0.39)
55 (2.17) MIN.
215 (8.46) RED SHRINK WHITE SHRINK 24 (0.94) MAX.
10 (0.39) MAX.
23.5 (0.92) MAX. DIA.
21 (0.83)
MAX.
SW 27 1/2"-20UNF-2A * 29.5 (1.16) MAX.
Case Style TO-209AC (TO-94)
All dimensions in millimeters (inches)
* FOR METRIC DEVICE: M12 X 1.75 CONTACT FACTORY
Maximum Allowable Case Temperature (C)
140 130 120
Maximum Allowable Case Temperature (C)
110/111RIA 111RIA SeriesSeries RthJC (DC) = 0.27 K/W
140 130 120
110/111RIA Series 111RIA Series
RthJC (DC) = 0.27 K/W
Conduction Angle
Conduction Period
110 100 90 80 70 0 30 60 90 120 150 180
Average On-State Current (A) Fig. 2 - Current Ratings Characteristics
110 100
30
30 60 90 120 180 DC
90 80 0 20 40
60
90
120
180
60
80
100
120
Average On-State Current (A) Fig. 1 - Current Ratings Characteristics
www.irf.com
5
110/111RIA Series
Bulletin I25204 rev. B 09/03
Maximum Allowable On-State Power Loss (W)
160 140 120 100 80 60 40 20 0 0
180 120 90 60 30 RMS Limit
SA R th
K/ W 0.8 K/ W 1K /W
0. 6
W K/ .3 =0 aR elt -D
Conduction Angle
1.5 K/W 2K /W
110/111RIA Series 111RIA Series
T J = 140C
4 K/W 5 K/W
20
40
60
80
100
120 0
20
40
60
80 100 120 140
Average On-State Current (A)
Maximum Allowable Ambient Temperature (C)
Maximum Allowable On-State Power Loss (W)
Fig. 3 - On-State Power Loss Characteristics
220 200 180 160 140 120
DC 180 120 90 60 30
R
A thS
=
0. 3
K/ W
100 RMS Limit 80 60 40 20 0 0
Conduction Period
0.6 K/ W 0.8 K/W 1K /W
1.5 K/W 2 K/W
4 K/W
-D el ta
R
110/111RIA Series 111RIA Series
T = 140C J
5 K/W
0 20 40 60 80 100 120 140 160 180 20
Average On-State Current (A)
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (C)
Fig. 4 - On-state Power Loss Characteristics
Peak Half Sine Wave On-State Current (A)
2000 1800 1600 1400 1200
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = 140C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
2500
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial Tj = 140C 2000 No Voltage Reapplied Rated Vrrm Reapplied
1500
1000
1000 800 1
110/111RIA Series 111RIA Series
10 100
110/111RIA Series 111RIA Series
500 0.01 0.1 1 10
Number Of Equal Amplitude Half Cycle Current Pulses (N) Fig. 5 - Maximum Non-Repetitive Surge Current Fig. 6 - Maximum Non-Repetitive Surge Current
6
www.irf.com
110/111RIA Series
Bulletin I25204 rev. B 09/03
Instantaneous On-State Current (A)
10000
Tj = 25C
1000
Tj = 140C
100
10
110/111RIA Series 111RIA Series
1 0 1 2 3 4 5
Instantaneous On-State Voltage (V) Fig. 7 - On-State Voltage Drop Characteristics
Transient Thermal Impedance Z thJC (K/W)
1
Steady State Value RthJC = 0.27 K/W (DC Operation)
0.1
0.01
110/111RIA Series 111RIA Series
0.001 0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s) Fig. 8 - Thermal Impedance Z thJC Characteristic
100
Instantaneous Gate Voltage (V)
Rectangular gate pulse a) Recommended load line for rated di/dt: 20V, 30ohms; tr<=0.5 s, tp=>6s b) Recommended load line for 10 <=30% rated di/dt: 15V, 40ohms tr<=1 s, tp=>6s
(1) PGM = 12W, tp = 5ms (2) PGM = 30W, tp = 2ms (3) PGM = 60W, tp = 1ms (4) PGM = 200W, tp = 300s
(a)
(b)
Tj=-40 C
Tj=25 C
1 VGD 0.1 0.001 IGD 0.01
Tj=140 C
(1)
(2)
(3)
(4)
Device: 110/111RIA Series Device: 111RIA Series
Frequency Limited by PG(AV)
0.1
1
10
100
1000
Instantaneous Gate Current (A) Fig. 9 - Gate Characteristics
www.irf.com
7
110/111RIA Series
Bulletin I25204 rev. B 09/03
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 111RIA80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X