Part Number Hot Search : 
AS7805A RBK83240 TOIM4232 A5764 CM6800AG 74F524CW 4040A MAX3260
Product Description
Full Text Search
 

To Download 10MQ040NTRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20772 rev. A 07/04
10MQ040NPbF
SCHOTTKY RECTIFIER 2.1 Amp
IF(AV) = 2.1Amp VR = 40V
Major Ratings and Characteristics Characteristics
IF VRRM IFSM @ tp = 5 s sine VF TJ @ 1.5Apk, TJ=125C range DC
Description/ Features Units
A V A V C The 10MQ040NPbF surface mount Schottky rectifier has been designed for applications requiring low forward drop and very small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Small foot print, surface mountable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Value
2.1 40 120 0.56 - 55 to 150
Case Styles 10MQ040NPbF
SMA
www.irf.com
1
10MQ040NPbF
Bulletin PD-20772 rev. A 07/04
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
10MQ040NPbF
40
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 4 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 6 Non-Repetitive Avalanche Energy Repetitive Avalanche Current
10MQ Units
1.5 120 30 3.0 1.0 A
Conditions
50% duty cycle @ TL = 123 C, rectangular wave form. On PC board 9mm2 island(.013mm thick copper pad area) 5s Sine or 3s Rect. pulse Following any rated load condition and 10ms Sine or 6ms Rect. pulse with rated VRRM applied
A mJ A
TJ = 25 C, IAS = 1A, L = 6mH
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
10MQ
0.54 0.62 0.49 0.56
Units
V V V V mA mA V m pF nH V/s @ 1A @ 1.5A @ 1A @ 1.5A TJ = 25 C TJ = 125 C TJ = TJ max.
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (1) * See Fig. 2
0.5 26 0.36 104 38 2.0 10000
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Typical Junction Capacitance Typical Series Inductance (Rated VR)
(1) Pulse Width < 300s, Duty Cycle < 2%
VR = 10VDC, TJ = 25C, test signal = 1Mhz Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Storage Temperature Range
10MQ
- 55 to 150 80
Units
C C C/W DC operation
Conditions
Max. Junction Temperature Range (*) - 55 to 150
RthJA Max. Thermal Resistance Junction to Ambient wt Approximate Weight Case Style Device Marking
(*) dPtot dTj < 1 Rth( j-a)
0.07(0.002) g (oz.) SMA IR1F Similar D-64
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
10MQ040NPbF
Bulletin PD-20772 rev. A 07/04
100
Reverse Current - I R (mA)
10
10 1 0.1 0.01 0.001 0.0001
TJ= 150C 125C 100C 75C 50C 25C
Tj = 150C
Instantaneous Forward Curent - IF (A)
Tj = 125C Tj = 25C
0
5
10
15
20
25
30
35
40
Reverse Voltage - V R (V)
1
Fig. 2 - Typical Peak Reverse Current Vs. Reverse Voltage
100 Junction Capacitance - C T (pF)
TJ= 25C
0.1 0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage Drop - VFM (V) Fig. 1 - Maximum Forward Voltage Drop Characteristics
10
0
5
10
15
20
25
30
35
40
Reverse Voltage - V R(V)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
www.irf.com
3
10MQ040NPbF
Bulletin PD-20772 rev. A 07/04
150 Allowable Case T emperature - (C)
Average Power Loss - (Watt s )
1.4 1.2 1 0.8 0.6 0.4 0.2 0 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 R Limit MS DC
140 130 120 110 100
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
DC
90 S quare wave (D = 0.50) 80% Rated V R applied 80
see note (2)
70
0
0.4
0.8
1.2
1.6
2
2.4
0
0.4
0.8
1.2
1.6
2
2.4
Average Forward Current - I F(AV) (A)
Average Forward Current - I F(AV) (A)
Fig. 4 - Maximum Average Forward Current Vs. Allowable Lead Temperature
Fig. 5 - Maximum Average Forward Dissipation Vs. Average Forward Current
Non-R epetitive S urge Current - I
FS M
(A)
100
At Any R ated Load Condition And With Rated V RRM Applied Following S urge 10 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 6 - Maximum Peak Surge Forward Current Vs. Pulse Duration
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
10MQ040NPbF
Bulletin PD-20772 rev. A 07/04
Outline Table
Device Marking: IR1F
CATHODE AN OD E
1.40 (.055) 1.60 (.062)
2.50 (.098) 2.90 (.114)
1
2
4.00 (.157) 4.60 (.181) .152 (.006) .305 (.012) 2.00 (.078) 2.44 (.096) 0.76 (.030) 1.52 (.060) .103 (.004) .203 (.008) 4.80 (.188) 5.28 (.208)
1 P O LA R I TY
2 PA R T N U M B ER
1.47 MIN. (.058 MIN.)
2.10 MAX. (.085 MAX. )
1.27 MIN. (.050 MIN.)
5.53 (.218) SOLDERING PAD
Outline SMA Dimensions in millimeters and (inches) For recommended footprint and soldering techniques refer to application note #AN-994
Marking & Identification
Each device has 2 rows for identification. The first row designates the device as manufactured by International Rectifier, indicated by the letters "IR", and the Part Number (indicates the current, the voltage rating and Schottky Generation). The second row indicates the year, the week of manufacturing and the Site ID.
IR1F
VOLTAGE CURRENT
IR LOGO
PYWWX
SITE ID WEEK 2nd digit of the YEAR "Y" = 1st digit of the YEAR "standard product" "P" = "Lead-Free"
www.irf.com
5
10MQ040NPbF
Bulletin PD-20772 rev. A 07/04
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
10
1
M
2
Q
3
040
4
N
5
TR PbF
6 7
1 2 3 4 5 6 7
-
Current Rating M = SMA Q = Schottky Q Series Voltage Rating (040 = 40V) N = New SMA none = Box (1000 pieces) TR = Tape & Reel (7500 pieces) none = Standard Production PbF = Lead-Free
6
www.irf.com
10MQ040NPbF
Bulletin PD-20772 rev. A 07/04
10MQ040N ******************************************** * This model has been developed by * * Wizard SPICE MODEL GENERATOR (1999) * * (International Rectifier Corporation) * * Contain Proprietary Information * ******************************************** * SPICE Model Diode is composed by a * * simple diode plus paralled VCG2T * ******************************************** .SUBCKT 10MQ040N ANO CAT D1 ANO 1 DMOD (0.00472) *Define diode model .MODEL DMOD D(IS=1.29526323971343E-04A,N=1.14666404869581,BV=52V, + IBV=0.260404749526768A,RS= 0.00048144,CJO=2.04792476092255E-08, + VJ=1.82174923822158,XTI=2, EG=0.779470593365538) ******************************************** *Implementation of VCG2T VX 1 2 DC 0V R1 2 CAT TRES 1E-6 .MODEL TRES RES(R=1,TC1=-43.3354342653501) GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-4.190325E-03/-43.33543)*((V(2,CAT)*1E6)/(I(VX)+1E-6)1))+1)*7.842581E-02*ABS(V(ANO,CAT)))-1)} ******************************************** .ENDS 10MQ040N
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/04
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 10MQ040NTRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X