Part Number Hot Search : 
MDSF1 40014 M2560 MBRB2 7139A T2001 18F6622 185N55
Product Description
Full Text Search
 

To Download 10BQ040TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20784 07/04
10BQ040PbF
SCHOTTKY RECTIFIER 1 Amp
IF(AV) = 1.0Amp VR = 40V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 1.0 Apk, T J=125C range
Description/ Features Units
A V A V C The 10BQ040PbF surface-mount Schottky rectifier has been designed for applications requiring low forward drop and very small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Small foot print, surface mountable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Value
1.0 40 430 0.49 - 55 to 150
Case Styles 10BQ040PbF
SMB
www.irf.com
1
10BQ040PbF
Bulletin PD-20784 07/04
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
10BQ040PbF
40
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current Non- Repetitive Avalanche Energy Repetitive Avalanche Current
10BQ
1.0 430 45 3.0 1.0
Units Conditions
A A 50% duty cycle @ T L = 112 C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse mJ A TJ = 25 C, IAS = 1A, L = 6mH Current decaying linearly to zero in 1 sec Frequency limited by T J max. Va = 1.5 x Vr typical Following any rated load condition and with rated V RRM applied
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
10BQ
0.53 0.70 0.49 0.64
Units
V V V V mA mA pF nH V/ s @ 1A @ 2A @ 1A @ 2A TJ = 25 C TJ = 125 C
Conditions
TJ = 25 C TJ = 125 C VR = rated V R
IRM CT LS
Max. Reverse Leakage Current (1) * See Fig. 2 Typical Junction Capacitance Typical Series Inductance (Rated VR)
0.1 4 80 2.0 10000
VR = 5VDC, (test signal range 100kHz to 1MHz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Volatge Rate of Charge
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range (*) Max. Storage Temperature Range
10BQ
- 55 to 150 - 55 to 150 36 80
Units
C C C/W DC operation C/W
Conditions
RthJL Max. Thermal Resistance Junction to Lead (**) RthJA Max. Thermal Resistance Junction to Ambient wt Approximate Weight Case Style Device Marking
(*) dPtot dTj < 1 Rth( j-a)
0.10 (0.003) g (oz.) SMB IR1F Similar DO-214AA
thermal runaway condition for a diode on its own heatsink
(**) Mounted 1 inch square PCB
2
www.irf.com
10BQ040PbF
Bulletin PD-20784 07/04
10
10
Reverse Current - I R (mA)
Tj = 150C
125C 100C
1 0.1 0.01 0.001 0.0001 0 5
Tj = 150C Tj = 125C
(A)
75C
50C
Tj = 25C
25C
Instantaneous Forward Current - I
F
10 15 20 25 30 35 40
Reverse Voltage - VR (V)
1
Fig. 2 - Typical Peak Reverse Current Vs. Reverse Voltage
1000
Junction Capacitance - C T (p F)
T = 25C
J
100
0.1 0.2
10
0.4 0.6 0.8 1
0
10
20
30
40
Forward Voltage Drop - VFM (V) Fig. 1 - Maximum Forward Voltage Drop Characteristics
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
100
(C/W)
10
Thermal Impedance Z
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
thJC
PDM
t1
1
Notes: Single Pulse (Thermal Resistance) 1. Duty factor D = t1/ t2
t2
. .
2. Peak Tj = Pdm x ZthJC + Tc
0.1 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics (Per Leg)
www.irf.com
3
10BQ040PbF
Bulletin PD-20784 07/04
160
Allowable Lead Temperature (C)
140 130 120 110 100 Square wave (D = 0.50) 90 Rated Vr applied 80 see note (2) 70 0 0.4 0.8
Average Power Loss (Watts)
150
DC
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
0.8
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit DC
0.6
0.4
0.2
1.2
1.6
0 0
Average Forward Current - I F(AV) (A)
Average Forward Current - I F(AV) (A) Fig. 4 - Maximum Average Forward Current Vs. Allowable Lead Temperature
0.3
0.6
0.9
1.2
1.5
Fig. 5 - Maximum Average Forward Dissipation Vs. Average Forward Current
Non-Repetitive Surge Current - I
FSM
(A)
1000
100
At Any Rated Load Condition And With rated Vrrm Applied Following Surge
10 10
100
1000
10000
Square Wave Pulse Duration - Tp (Microsec) Fig. 6 - Maximum Peak Surge Forward Current Vs. Pulse Duration
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x I R (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
10BQ040PbF
Bulletin PD-20784 07/04
Outline Table
Device Marking: IR1F
CATHODE ANODE
2.15 (.085) 1.80 (.071)
3.80 (.150) 3.30 (.130)
1
2
4.70 (.185) 4.10 (.161)
1
POLARITY
2 PART NUMBER
2.40 (.094) 1.90 (.075) 1.30 (.051) 0.76 (.030) 0.30 (.012) 0.15 (.006) 5.60 (.220) 5.00 (.197)
2.5 TYP. (.098 TYP.)
SOLDERING PAD
2.0 TYP. (.079 TYP.)
4.2 (.165) 4.0 (.157)
Outline SMB Dimensions in millimeters and (inches) For recommended footprint and soldering techniques refer to application note #AN-994
Marking & Identification
Each device has 2 rows for identification. The first row designates the device as manufactured by International Rectifier, indicated by the letters "IR", and the Part Number (indicates the current, the voltage rating and Schottky Generation). The second row indicates the year, the week of manufacturing and the Site ID.
IR1F
VOLTAGE CURRENT
IR LOGO
PYWWX
SITE ID WEEK 2nd digit of the YEAR "Y" = 1st digit of the YEAR "standard product" "P" = "Lead-Free"
www.irf.com
5
10BQ040PbF
Bulletin PD-20784 07/04
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
10
1
B
2
Q
3
040
4
TR PbF
5 6
1 2 3 4 5 6
-
Current Rating B = Single Lead Diode Q = Schottky Q Series Voltage Rating (040 = 40V) none = Box (1000 pieces) TR = Tape & Reel (3000 pieces) none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/04
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 10BQ040TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X