Part Number Hot Search : 
P6KA16 1515DN1 MC44802 BM29F 24064 MB90522A DTC114 ESP3020
Product Description
Full Text Search
 

To Download 10A07-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: 10A01 10A02 10A03 10A04 10A05 10A06 10A07
10A01 - 10A07
10A RECTIFIER Features
* * * *
High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 600A Peak Low Reverse Leakage Current Lead Free Finish, RoHS Compliant (Note 3)
A
B
A
Mechanical Data
* * * * * * * *
Case: R-6 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Tin. Plated Leads Solderable per MIL-STD-202, Method 208 e3 Polarity: Cathode Band Ordering Information: See Last Page Marking: Type Number Weight: 2.1 grams (approximate) @ TA = 25C unless otherwise specified R-6 Dim A B C D Min 25.40 8.60 1.20 8.60 Max -- 9.10 1.30 9.10
C
D
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 50C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Forward Voltage 10Peak Reverse Current at Rated DC Blocking Voltage Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range @ IF = 10A @TA = 25C @ TA = 100C Symbol 10A01 VRRM VRWM VR VR(RMS) IO IFSM VFM IRM CT RqJA Tj, TSTG 50 35
10A02 100 70
10A03 200 140
10A04 400 280 10 600 1.0 10 100
10A05 600 420
10A06 800 560
10A07 1000 700
Unit V V A A V A
150 10 -65 to +150
80
pF C/W C
Notes:
1. Leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS28010 Rev. 4 - 2
1 of 3 www.diodes.com
10A01-10A07
a Diodes Incorporated
I(AV), AVERAGE RECTIFIED CURRENT (A)
12 10 8.0
IF, INSTANTANEOUS FORWARD CURRENT (A)
100
10
6.0
4.0 2.0 0 0 50 100 150 200
1.0
Tj = 25C Pulse Width = 300 ms 2% Duty Cycle
0.1 0 0.4 0.8
1.2
1.6
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
1000
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
1000
Tj = 25C f = 1MHz
800
CT, TOTAL CAPACITANCE (pF)
10A01 - 10A04
100
600
10A05 - 10A07
400
10
200
8.3ms Single Half Sine-Wave
0 1 10 100
1.0 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance 100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
Ordering Information
Device 10A01-T 10A02-T 10A03-T 10A04-T 10A05-T 10A06-T 10A07-T
Notes:
(Note 4) Packaging R-6 R-6 R-6 R-6 R-6 R-6 R-6 Shipping 500/Tape & Reel, 13-inch 500/Tape & Reel, 13-inch 500/Tape & Reel, 13-inch 500/Tape & Reel, 13-inch 500/Tape & Reel, 13-inch 500/Tape & Reel, 13-inch 500/Tape & Reel, 13-inch
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS28010 Rev. 4 - 2
2 of 3 www.diodes.com
10A01-10A07
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS28010 Rev. 4 - 2
3 of 3 www.diodes.com
10A01-10A07


▲Up To Search▲   

 
Price & Availability of 10A07-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X